Electronic Components Datasheet Search
  English  ▼

X  

78438336012 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

78438336012 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 78438336012
Download  78438336012 Download
File Size   477.47 Kbytes
Page   7 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-MAIA SMD Power Inductor

78438336012 Datasheet (PDF)

Go To PDF Page Download Datasheet
78438336012 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 78438336012
Download  78438336012 Click to download

File Size   477.47 Kbytes
Page   7 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-MAIA SMD Power Inductor

78438336012 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


78438336012 Product details

General Properties:
It is recommended that the temperature of the component does not exceed +125°C under worst
case conditions
Ambient Temperature (refering to
IR) -40 °C up to +85 °C
Operating Temperature -40 °C up to +125 °C
Storage Temperature (in original
packaging) -20 °C up to +40 °C
Test conditions of Electrical Properties: +20°C, 33% RH if not specified differently
AEC-Q200 qualified




Similar Part No. - 78438336012

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
78438336010 WURTH-78438336010 Datasheet
818Kb / 8P
WE-MAIA SMT Power Inductor
003.000
78438336015 WURTH-78438336015 Datasheet
817Kb / 8P
WE-MAIA SMT Power Inductor
003.000
More results


Similar Description - 78438336012

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
78438334010 WURTH-78438334010 Datasheet
397Kb / 7P
WE-MAIA SMD Power Inductor
784383230033 WURTH-784383230033 Datasheet
393Kb / 7P
WE-MAIA SMD Power Inductor
784383230047 WURTH-784383230047 Datasheet
393Kb / 7P
WE-MAIA SMD Power Inductor
78438333033 WURTH-78438333033 Datasheet
397Kb / 7P
WE-MAIA SMD Power Inductor
78438334047 WURTH-78438334047 Datasheet
397Kb / 7P
WE-MAIA SMD Power Inductor
78438335068 WURTH-78438335068 Datasheet
397Kb / 7P
WE-MAIA SMD Power Inductor
78438335150 WURTH-78438335150 Datasheet
397Kb / 7P
WE-MAIA SMD Power Inductor
78438335010 WURTH-78438335010 Datasheet
397Kb / 7P
WE-MAIA SMD Power Inductor
78438357018 WURTH-78438357018 Datasheet
481Kb / 7P
WE-MAIA SMD Power Inductor
78438357100 WURTH-78438357100 Datasheet
480Kb / 7P
WE-MAIA SMD Power Inductor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com