Electronic Components Datasheet Search
  English  ▼

X  

ALZ11F09 Datasheet (PDF) - Nais(Matsushita Electric Works)

ALZ11F09 Datasheet PDF - Nais(Matsushita Electric Works)
Part # ALZ11F09
Download  ALZ11F09 Download
File Size   66.76 Kbytes
Page   3 Pages
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)
Description 16A Low Profile Power Relay

ALZ11F09 Datasheet (PDF)

Go To PDF Page Download Datasheet
ALZ11F09 Datasheet PDF - Nais(Matsushita Electric Works)

Part # ALZ11F09
Download  ALZ11F09 Click to download

File Size   66.76 Kbytes
Page   3 Pages
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)
Description 16A Low Profile Power Relay

ALZ11F09 Datasheet (HTML) - Nais(Matsushita Electric Works)


ALZ11F09 Product details

FEATURES
1. Low profile size: Height 15.7 mm 28.8 (L)×12.5 (W)×15.7(H) mm
   1.134 (L)×.492 (W)×.618(H) inch
2. High insulation resistance Creepage distance and clearances
   between contact and coil: Min. 10 mm
3. UL coil insulation class B (85°C 185°F) or class F (105°C 221°F).
4. Pb free and Cd free
5. Low operating power
   • Nominal operating power: 400mW
6. Conforms to the various safety standards:
   • UL/CSA, VDE approved.

TYPICAL APPLICATIONS
• HVAC
• Oven ranges
• Refrigerators




Similar Part No. - ALZ11F09

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ALZ11F09W PANASONIC-ALZ11F09W Datasheet
74Kb / 4P
Low profile: 15.7mm height 1a/1c 16A power relay Household electrical appliances
More results


Similar Description - ALZ11F09

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
OMIH-SH-124L MACOM-OMIH-SH-124L Datasheet
117Kb / 2P
16A Miniature Power PC Board Relay
logo
fujitsu semiconductor
FTR-K1-105C FUJITSU-FTR-K1-105C Datasheet
623Kb / 8P
POWER RELAY 1 POLE - 16A 105C
FTR-K1-KS FUJITSU-FTR-K1-KS Datasheet
396Kb / 6P
POWER RELAY 1 POLE - 16A / Inrush 120A relay
logo
Tyco Electronics
RTH14012 MACOM-RTH14012 Datasheet
137Kb / 2P
Power PCB Relay RTH 105째C 16A
OMIH-SH-105D MACOM-OMIH-SH-105D Datasheet
118Kb / 2P
16A Miniature Power PC Board Relay
OZ-SH-105D MACOM-OZ-SH-105D Datasheet
77Kb / 2P
16A Miniature Power PC Board Relay
2-1440002-3 MACOM-2-1440002-3 Datasheet
77Kb / 2P
16A Miniature Power PC Board Relay
logo
Panasonic Semiconductor
ALZ11B05W PANASONIC-ALZ11B05W Datasheet
74Kb / 4P
Low profile: 15.7mm height 1a/1c 16A power relay Household electrical appliances
logo
Tyco Electronics
1-1415538-1 MACOM-1-1415538-1 Datasheet
426Kb / 2P
Power PCB Relay RTH 105Celsius 16A
logo
TE Connectivity Ltd
RZH TEC-RZH Datasheet
273Kb / 2P
Power PCB Relay RZH 105째C 16A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com