Electronic Components Datasheet Search
  English  ▼

X  

IRFR214 Datasheet (PDF) - Vishay Siliconix

IRFR214 Datasheet PDF - Vishay Siliconix
Part # IRFR214
Download  IRFR214 Download
File Size   873.05 Kbytes
Page   13 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power MOSFET

IRFR214 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFR214 Datasheet PDF - Vishay Siliconix

Part # IRFR214
Download  IRFR214 Click to download

File Size   873.05 Kbytes
Page   13 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power MOSFET

IRFR214 Datasheet (HTML) - Vishay Siliconix


IRFR214 Product details

FEATURES
• Dynamic dV/dt rating
• Repetitive avalanche rated
• Surface-mount (IRFR214, SiHFR214)
• Straight lead (IRFU214, SiHFU214)
• Available in tape and reel
• Fast switching
• Ease of paralleling
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

DESCRIPTION
Third generation power MOSFETs from Vishay provide the
designer with the best combination of fast switching,
ruggedized device design, low on-resistance and
cost-effectiveness.
The DPAK is designed for surface mounting using vapor
phase, infrared, or wave soldering techniques. The straight
lead version (IRFU, SiHFU series) is for through-hole
mounting applications. Power dissipation levels up to 1.5 W
are possible in typical surface-mount applications.




Similar Part No. - IRFR214

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRFR214 INTERSIL-IRFR214 Datasheet
52Kb / 6P
2.2A, 250V, 2.000 Ohm, N-Channel Power MOSFETs
July 1999
logo
International Rectifier
IRFR214 IRF-IRFR214 Datasheet
169Kb / 6P
Power MOSFET(Vdss=250V, Rds(on)=2.0ohm, Id=2.2A)
logo
Vishay Siliconix
IRFR214 VISHAY-IRFR214 Datasheet
1Mb / 8P
Power MOSFET
07-Jul-08
logo
Kersemi Electronic Co.,...
IRFR214 KERSEMI-IRFR214 Datasheet
4Mb / 7P
Power MOSFET
logo
Vishay Siliconix
IRFR214 VISHAY-IRFR214 Datasheet
853Kb / 11P
Power MOSFET
04-Feb-13
More results


Similar Description - IRFR214

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK730P AUK-STK730P Datasheet
398Kb / 8P
Power MOSFET
logo
Torex Semiconductor
XP131A1145SR TOREX-XP131A1145SR_1 Datasheet
427Kb / 5P
Power MOSFET
XP131A1715SR TOREX-XP131A1715SR_1 Datasheet
439Kb / 5P
Power MOSFET
XP132A1635SR TOREX-XP132A1635SR_1 Datasheet
447Kb / 5P
Power MOSFET
logo
Vishay Siliconix
IRF9Z14S VISHAY-IRF9Z14S Datasheet
2Mb / 8P
Power MOSFET
02-Jun-08
IRF630 VISHAY-IRF630 Datasheet
579Kb / 8P
Power MOSFET
21-Mar-11
IRF634N VISHAY-IRF634N Datasheet
162Kb / 8P
Power MOSFET
19-Jun-08
IRF710 VISHAY-IRF710 Datasheet
1,019Kb / 8P
Power MOSFET
30-May-08
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com