Electronic Components Datasheet Search
  English  ▼

X  

BCC0C6Z Datasheet (PDF) - Balluff Korea Ltd.

BCC0C6Z Datasheet PDF - Balluff Korea Ltd.
Part # BCC0C6Z
Download  BCC0C6Z Download
File Size   109.15 Kbytes
Page   2 Pages
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.
Description Double-Ended Cordsets

BCC0C6Z Datasheet (PDF)

Go To PDF Page Download Datasheet
BCC0C6Z Datasheet PDF - Balluff Korea Ltd.

Part # BCC0C6Z
Download  BCC0C6Z Click to download

File Size   109.15 Kbytes
Page   2 Pages
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.
Description Double-Ended Cordsets

BCC0C6Z Datasheet (HTML) - Balluff Korea Ltd.


BCC0C6Z Product details

Basic features
Approval/Conformity CE
cULus
EAC
WEEE

Electrical connection
Bending radius min., fixed cable 5 x D
Bending radius min., flexible cable 10 x D
Cable PUR black, 7.5 m, drag chain
compatible
Cable diameter D 4.70 mm ±0.20 mm
Cable, bending cycles min. 5 mil.
Cable, torsion stress ±180°/m
Conductor cross-section 0.34 mm²
Connection 1 M8x1-Female, Straight, 4-pin, Acoded
Connection 2 M12x1-Male, Straight, 4-pin, Acoded
Number of conductors 4
System Molded/Molded




Similar Part No. - BCC0C6Z

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BCC0C60 BALLUFF-BCC0C60 Datasheet
110Kb / 2P
Double-Ended Cordsets
0.58_2022-07-15
BCC0C61 BALLUFF-BCC0C61 Datasheet
97Kb / 2P
Double-Ended Cordsets
2023-01-19
BCC0C62 BALLUFF-BCC0C62 Datasheet
95Kb / 2P
Double-Ended Cordsets
2023-01-25
BCC0C63 BALLUFF-BCC0C63 Datasheet
95Kb / 2P
Double-Ended Cordsets
2023-01-25
BCC0C68 BALLUFF-BCC0C68 Datasheet
105Kb / 2P
Single-Ended Cordsets
0.42_2022-04-14
More results


Similar Description - BCC0C6Z

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BCC0FCK BALLUFF-BCC0FCK Datasheet
106Kb / 2P
Double-Ended Cordsets
0.5_2022-07-15
BCC0KU2 BALLUFF-BCC0KU2 Datasheet
112Kb / 2P
Double-Ended Cordsets
0.38_2022-08-01
BCC0KU3 BALLUFF-BCC0KU3 Datasheet
112Kb / 2P
Double-Ended Cordsets
0.4_2022-08-01
BCC0KY7 BALLUFF-BCC0KY7 Datasheet
113Kb / 2P
Double-Ended Cordsets
0.4_2022-07-15
BCC0LL5 BALLUFF-BCC0LL5 Datasheet
110Kb / 2P
Double-Ended Cordsets
1_2021-03-01
BCC0LL9 BALLUFF-BCC0LL9 Datasheet
111Kb / 2P
Double-Ended Cordsets
1_2021-03-01
BCC0LN3 BALLUFF-BCC0LN3 Datasheet
108Kb / 2P
Double-Ended Cordsets
0.4_2022-07-15
BCC0LP6 BALLUFF-BCC0LP6 Datasheet
122Kb / 2P
Double-Ended Cordsets
0.48_2022-07-15
BCC0LPA BALLUFF-BCC0LPA Datasheet
111Kb / 2P
Double-Ended Cordsets
0.4_2022-08-08
BCC0LPC BALLUFF-BCC0LPC Datasheet
111Kb / 2P
Double-Ended Cordsets
0.38_2022-08-08
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com