Electronic Components Datasheet Search
  English  ▼

X  

1300940463 Datasheet (PDF) - Molex Electronics Ltd.

1300940463 Datasheet PDF - Molex Electronics Ltd.
Part # 1300940463
Download  1300940463 Download
File Size   30.04 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Heavy Duty Support Grip, Single Eye, Double Weave, Closed Mesh, Cable Diameter 38.10-50.55mm (1.500-1.990), Approximate Break Strength 2140.96kg (4720 lbs)

1300940463 Datasheet (PDF)

Go To PDF Page Download Datasheet
1300940463 Datasheet PDF - Molex Electronics Ltd.

Part # 1300940463
Download  1300940463 Click to download

File Size   30.04 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Heavy Duty Support Grip, Single Eye, Double Weave, Closed Mesh, Cable Diameter 38.10-50.55mm (1.500-1.990), Approximate Break Strength 2140.96kg (4720 lbs)

1300940463 Datasheet (HTML) - Molex Electronics Ltd.


1300940463 Product details

Agency Certification
CSA LR32159
General
Product Family Cable Grips
Series 130094
Eye Type Single
O-Ring N/A
Overview Support Grips
Product Name Heavy Duty
Type Support Grip
UPC 78678835438




Similar Part No. - 1300940463

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1300940463 MOLEX11-1300940463 Datasheet
30Kb / 1P
Heavy Duty Support Grip, Single Eye, Double Weave, Closed Mesh, Cable Diameter
More results


Similar Description - 1300940463

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130094-0457 MOLEX11-130094-0457 Datasheet
37Kb / 1P
Heavy Duty Support Grip, Single Eye, Double Weave, Closed Mesh, Cable Diameter
130094-0458 MOLEX11-130094-0458 Datasheet
37Kb / 1P
Heavy Duty Support Grip, Single Eye, Double Weave, Closed Mesh, Cable Diameter
130094-0459 MOLEX11-130094-0459 Datasheet
37Kb / 1P
Heavy Duty Support Grip, Single Eye, Double Weave, Closed Mesh, Cable Diameter
130094-0463 MOLEX11-130094-0463 Datasheet
37Kb / 1P
Heavy Duty Support Grip, Single Eye, Double Weave, Closed Mesh, Cable Diameter
130094-0487 MOLEX11-130094-0487 Datasheet
36Kb / 1P
Heavy Duty Support Grip, Single Eye, Double Weave, Split Lace, Cable Diameter 38.10-50.55mm
1300940458 MOLEX11-1300940458 Datasheet
29Kb / 1P
Heavy Duty Support Grip, Single Eye, Double Weave, Closed Mesh, Cable Diameter
1300940459 MOLEX11-1300940459 Datasheet
30Kb / 1P
Heavy Duty Support Grip, Single Eye, Double Weave, Closed Mesh, Cable Diameter
1300940220 MOLEX-1300940220 Datasheet
30Kb / 1P
Standard Duty Support Grip, Double Eye, Closed Mesh, Double Weave, Cable Diameter 38.10-44.20mm (1.500-1.740) Approximate Break Strength 870.90kg (1920 lbs), Stainless Steel
07/30/2021
1300940301 MOLEX-1300940301 Datasheet
29Kb / 1P
Standard Duty Support Grip, Double Eye, Split Lace, Single Weave, Cable Diameter 44.45-50.55mm (1.750-1.990), Approximate Break Strength 1428.82kg (3150 lbs), Stainless Steel
07/27/2021
1300940440 MOLEX-1300940440 Datasheet
29Kb / 1P
Heavy Duty Support Grip, Double Eye, Double Weave, Closed Mesh, Cable Diameter 19.05-25.15mm (.750-.990), Approximate Break Strength 1224.70kg (2700 lbs)
07/28/2021
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com