Electronic Components Datasheet Search
  English  ▼

X  

IRFR220B Datasheet (PDF) - ON Semiconductor

IRFR220B Datasheet PDF - ON Semiconductor
Part # IRFR220B
Download  IRFR220B Download
File Size   596.55 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 200V N-Channel MOSFET

IRFR220B Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFR220B Datasheet PDF - ON Semiconductor

Part # IRFR220B
Download  IRFR220B Click to download

File Size   596.55 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 200V N-Channel MOSFET

IRFR220B Datasheet (HTML) - ON Semiconductor


IRFR220B Product details

General Description
These N-Channel enhancement mode power field effect
transistors are produced using ON Semiconductor’s
proprietary, planar, DMOS technology.
This advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the
avalanche and commutation mode. These devices are well
suited for high efficiency switching DC/DC converters,
switch mode power supplies, DC-AC converters for
uninterrupted power supply and motor control.

Features
• 4.6A, 200V, RDS(on) = 0.8Ω @VGS = 10 V
• Low gate charge ( typical 12 nC)
• Low Crss ( typical 10 pF)
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability




Similar Part No. - IRFR220B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
IRFR220B FAIRCHILD-IRFR220B Datasheet
665Kb / 9P
200V N-Channel MOSFET
logo
BYCHIP ELECTRONICS CO.,...
IRFR220BTM BYCHIP-IRFR220BTM Datasheet
1Mb / 5P
N-channel Enhancement Mode Power MOSFET
v1.0
More results


Similar Description - IRFR220B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA34N20 FAIRCHILD-FQA34N20 Datasheet
731Kb / 8P
200V N-Channel MOSFET
FQB10N20 FAIRCHILD-FQB10N20 Datasheet
794Kb / 9P
200V N-Channel MOSFET
FQD18N20V2 FAIRCHILD-FQD18N20V2 Datasheet
615Kb / 9P
200V N-Channel MOSFET
FQP19N20 FAIRCHILD-FQP19N20 Datasheet
705Kb / 8P
200V N-Channel MOSFET
FQP4N20 FAIRCHILD-FQP4N20 Datasheet
688Kb / 8P
200V N-Channel MOSFET
FQP630 FAIRCHILD-FQP630 Datasheet
745Kb / 8P
200V N-Channel MOSFET
FQPF10N20 FAIRCHILD-FQPF10N20 Datasheet
777Kb / 8P
200V N-Channel MOSFET
IRFM220B FAIRCHILD-IRFM220B Datasheet
727Kb / 8P
200V N-Channel MOSFET
IRFP250B FAIRCHILD-IRFP250B Datasheet
669Kb / 8P
200V N-Channel MOSFET
IRFS650B FAIRCHILD-IRFS650B Datasheet
651Kb / 8P
200V N-Channel MOSFET
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com