Electronic Components Datasheet Search
  English  ▼

X  

3851290 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

3851290 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 3851290
Download  3851290 Download
File Size   217.81 Kbytes
Page   3 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-CSGS Contact Spring Gasket

3851290 Datasheet (PDF)

Go To PDF Page Download Datasheet
3851290 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 3851290
Download  3851290 Click to download

File Size   217.81 Kbytes
Page   3 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-CSGS Contact Spring Gasket

3851290 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


3851290 Product details

General Information:
Operating Temperature -40 up to +110 °C
Storage Conditions (in original
packaging) < 40 °C ; < 75 % RH
Moisture Sensitivity Level (MSL) 1
Test conditions of Electrical Properties: +20 °C, 33 % RH if not specified differently




Similar Part No. - 3851290

ManufacturerPart #DatasheetDescription
logo
Lumberg
385120 LUMBERG-385120 Datasheet
84Kb / 2P
Multimodul??Steckverbinder, Raster 2,5 mm
385120 LUMBERG-385120 Datasheet
303Kb / 4P
Multimodul connectors, pitch 2.5 mm
logo
Bourns Electronic Solut...
385126-45223 BOURNS-385126-45223 Datasheet
642Kb / 7P
3851/3852/3856 – 3/4 ˝ Diameter Panel Control
More results


Similar Description - 3851290

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
CONT-JL05-12S-C1 JAE-CONT-JL05-12S-C1 Datasheet
63Kb / 1P
SPRING SOCKET CONTACT
CONT-JL05-08S-C1 JAE-CONT-JL05-08S-C1 Datasheet
68Kb / 1P
SPRING SOCKET CONTACT
logo
Winchester Electronics ...
10276 WINCHESTER-10276 Datasheet
60Kb / 1P
SPRING LOADED CONTACT
logo
Molex Electronics Ltd.
PS-105384-001 MOLEX-PS-105384-001 Datasheet
185Kb / 4P
CONTACT SPRING
2015/11/09
PS-105439-001 MOLEX-PS-105439-001 Datasheet
139Kb / 5P
CONTACT SPRING
2015/03/30
logo
Wurth Elektronik GmbH &...
3851060 WURTH-3851060 Datasheet
205Kb / 3P
WE-CSGS Contact Spring Gasket
001.000
3851100 WURTH-3851100 Datasheet
213Kb / 3P
WE-CSGS Contact Spring Gasket
001.000
3851130 WURTH-3851130 Datasheet
210Kb / 3P
WE-CSGS Contact Spring Gasket
001.000
3851160 WURTH-3851160 Datasheet
210Kb / 3P
WE-CSGS Contact Spring Gasket
001.000
logo
Precid-Dip Durtal SA
90621-AS PREDIP-90621-AS Datasheet
56Kb / 1P
Spring Loaded Contact
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com