Electronic Components Datasheet Search
  English  ▼

X  

1.5SMC Datasheet (PDF) - Vishay Siliconix

1.5SMC Datasheet PDF - Vishay Siliconix
Part # 1.5SMC
Download  1.5SMC Download
File Size   110.86 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Surface Mount TRANSZORB® Transient Voltage Suppressors

1.5SMC Datasheet (PDF)

Go To PDF Page Download Datasheet
1.5SMC Datasheet PDF - Vishay Siliconix

Part # 1.5SMC
Download  1.5SMC Click to download

File Size   110.86 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Surface Mount TRANSZORB® Transient Voltage Suppressors

1.5SMC Datasheet (HTML) - Vishay Siliconix


1.5SMC Product details

FEATURES
• Low profile package
• Ideal for automated placement
• Glass passivated chip junction
• Available in unidirectional and bidirectional
• 1500 W peak pulse power capability with a
10/1000 μs waveform, repetitive rate
(duty cycle): 0.01 %
• Excellent clamping capability
• Very fast response time
• Low incremental surge resistance
• Meets MSL level 1, per J-STD-020, LF maximum peak
of 260 °C
• AEC-Q101 qualified available
- Automotive ordering code: base P/NHE3 or P/NHM3
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

TYPICAL APPLICATIONS
Use in sensitive electronics protection against voltage
transients induced by inductive load switching and lightning
on ICs, MOSFET, signal lines of sensor units for consumer,
computer, industrial, automotive, and telecommunication.

MECHANICAL DATA
Case: SMC (DO-214AB)
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS-compliant, commercial grade
Base P/N-M3 - halogen-free, RoHS-compliant, commercial
grade
Base P/NHE3_X - RoHS-compliant and AEC-Q101 qualified
Base P/NHM3_X - halogen-free, RoHS-compliant, and
AEC-Q101 qualified
(“_X” denotes revision code e.g. A, B, ...)
Terminals: matte tin plated leads, solderable per
J-STD-002 and JESD 22-B102
E3, M3, HE3, and HM3 suffix meets JESD 201 class 2
whisker test
Polarity: for unidirectional types the band denotes cathode
end, no marking on bidirectional types




Similar Part No. - 1.5SMC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1.5SMC VISHAY-1.5SMC Datasheet
40Kb / 3P
Surface Mount TRANSZORB Transient Voltage Suppressors
31-Jul-03
1.5SMC VISHAY-1.5SMC Datasheet
47Kb / 3P
Surface Mount TRANSZORB Transient Voltage Suppressors
31-Jul-03
logo
Littelfuse
1.5SMC LITTELFUSE-1.5SMC Datasheet
170Kb / 4P
Silicon Avalanche Diodes - 1500W Surface Mount Transient Voltage Supressors
logo
Taiwan Semiconductor Co...
1.5SMC TSC-1.5SMC Datasheet
68Kb / 4P
Surface Mount Transient Voltage Suppressor
logo
DB Lectro Inc
1.5SMC DBLECTRO-1.5SMC Datasheet
208Kb / 3P
GLASS PASSOVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 91 Volts 1500 Watts Peak Power
More results


Similar Description - 1.5SMC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMAJ188CA VISHAY-SMAJ188CA Datasheet
117Kb / 6P
Surface Mount TRANSZORB® Transient Voltage Suppressors
29-Oct-08
SMBG188CA VISHAY-SMBG188CA Datasheet
116Kb / 6P
Surface Mount TRANSZORB® Transient Voltage Suppressors
22-Oct-08
SMCJ188CA VISHAY-SMCJ188CA Datasheet
121Kb / 6P
Surface Mount TRANSZORB® Transient Voltage Suppressors
21-Oct-08
SMAJ5.0A VISHAY-SMAJ5.0A_12 Datasheet
389Kb / 5P
Surface Mount TRANSZORB® Transient Voltage Suppressors
26-Jan-12
1.5SMC200A-E357T VISHAY-1.5SMC200A-E357T Datasheet
98Kb / 6P
Surface Mount TRANSZORB® Transient Voltage Suppressors
14-Dec-12
P4SMA300AHE3-61 VISHAY-P4SMA300AHE3-61 Datasheet
94Kb / 6P
Surface Mount TRANSZORB® Transient Voltage Suppressors
13-Dec-12
SMAJ50A VISHAY-SMAJ50A Datasheet
85Kb / 5P
Surface Mount TRANSZORB® Transient Voltage Suppressors
21-Sep-12
SMP24A-M3-84A VISHAY-SMP24A-M3-84A Datasheet
91Kb / 5P
Surface Mount TRANSZORB® Transient Voltage Suppressors
11-Dec-12
SMC5K10A VISHAY-SMC5K10A Datasheet
92Kb / 5P
Surface Mount TRANSZORB® Transient Voltage Suppressors
06-Apr-17
SMBJ3V3 VISHAY-SMBJ3V3_V01 Datasheet
114Kb / 5P
Surface-Mount TRANSZORB® Transient Voltage Suppressors
19-Apr-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com