Electronic Components Datasheet Search
  English  ▼

X  

US1AF Datasheet (PDF) - AiT Semiconductor Inc.

US1AF Datasheet PDF - AiT Semiconductor Inc.
Part # US1AF
Download  US1AF Download
File Size   551.41 Kbytes
Page   5 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description ULTRAFAST RECOVERY RECTIFIER DIODES REVERSE VOLTAGE 50V TO 1000V FORWARD CURRENT 1A

US1AF Datasheet (PDF)

Go To PDF Page Download Datasheet
US1AF Datasheet PDF - AiT Semiconductor Inc.

Part # US1AF
Download  US1AF Click to download

File Size   551.41 Kbytes
Page   5 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description ULTRAFAST RECOVERY RECTIFIER DIODES REVERSE VOLTAGE 50V TO 1000V FORWARD CURRENT 1A

US1AF Datasheet (HTML) - AiT Semiconductor Inc.


US1AF Product details

DESCRIPTION
The
U S1AF~ U S1MF are available in SMAF p a ckage

FEATURES
 F or surface mounted applications
 Low profile package
 Glass Passivated Chip Jun c tion
 Easy to pick and place
 High efficiency
 Fast reverse recovery time
 Availabl e in SMAF p ackage

MECHANICAL DATA
Case: SMAF
Termina
ls: Solderable per MIL STD 750,
Method 2026
Approx. Weight: 27mg 0.00086oz




Similar Part No. - US1AF

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
US1AF PANJIT-US1AF Datasheet
285Kb / 5P
SURFACE MOUNT ULTRA FAST RECTIFIER
logo
List of Unclassifed Man...
US1AF ETC2-US1AF Datasheet
525Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Guangdong Kexin Industr...
US1AF KEXIN-US1AF Datasheet
1Mb / 3P
Ultra Fast Recovery Diodes
logo
YENYO TECHNOLOGY Co., L...
US1AF YENYO-US1AF Datasheet
333Kb / 3P
1.0A Ultra Fast Recovery Rectifier
logo
Microdiode Semiconducto...
US1AF CHENDA-US1AF Datasheet
627Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER
More results


Similar Description - US1AF

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
1N4001 AITSEMI-1N4001 Datasheet
292Kb / 5P
RECTIFIER DIODE REVERSE VOLTAGE 50V TO 1000V FORWARD CURRENT 1A
REV1.2
1N4001F AITSEMI-1N4001F Datasheet
564Kb / 5P
RECTIFIER DIODES REVERSE VOLTAGE 50V TO 1000V FORWARD CURRENT 1A
REV1.1
1N4001WA AITSEMI-1N4001WA Datasheet
698Kb / 6P
RECTIFIER DIODE REVERSE VOLTAGE 50V TO 1000V FORWARD CURRENT 1A
REV1.0
DRS1AF AITSEMI-DRS1AF Datasheet
579Kb / 5P
FAST RECOVERY RECTIFIER DIODE REVERSE VOLTAGE 50V TO 1000V FORWARD CURRENT 1A
REV1.1
ES1AF AITSEMI-ES1AF Datasheet
534Kb / 5P
RECTIFIER DIODES REVERSE VOLTAGE 50V TO 600V FORWARD CURRENT 1A
REV1.0
FR101W AITSEMI-FR101W Datasheet
473Kb / 5P
RECTIFIER DIODES REVERSE VOLTAGE -50V TO 1000V FORWARD CURRENT -1A
REV1.1
S1AW AITSEMI-S1AW Datasheet
693Kb / 5P
RECTIFIER DIODE REVERSE VOLTAGE 50 TO 1000V FORWARD CURRENT 1A
REV1.0
US1AA AITSEMI-US1AA Datasheet
238Kb / 5P
SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER REVERSE VOLTAGE 50V TO 1000V FORWARD CURRENT 1A
REV1.2
US1AW AITSEMI-US1AW Datasheet
552Kb / 6P
SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER REVERSE VOLTAGE 50V TO 1000V FORWARD CURRENT 1A
REV1.0
US2AB AITSEMI-US2AB Datasheet
244Kb / 5P
ULTRAFAST RECOVERY RECTIFIER REVERSE VOLTAGE 50V TO 1000V FORWARD CURRENT 2A
REV1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com