Electronic Components Datasheet Search
  English  ▼

X  

TPS3704 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TPS3704 Datasheet PDF - Texas Instruments
Part # TPS3704
Download  TPS3704 Download
File Size   3144.41 Kbytes
Page   37 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS3704-Q1 Automotive Quad, Triple, Dual, Single Window or Standard Voltage Supervisor

TPS3704 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS3704 Datasheet PDF - Texas Instruments

Part # TPS3704
Download  TPS3704 Click to download

File Size   3144.41 Kbytes
Page   37 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS3704-Q1 Automotive Quad, Triple, Dual, Single Window or Standard Voltage Supervisor

TPS3704 Datasheet (HTML) - Texas Instruments


TPS3704 Product details

1 Features
• AEC-Q100 qualified for automotive applications
– Device temperature grade 1: –40°C to +125°C
ambient operating temperature
– Device HBM ESD classification level 2
– Device CDM ESD classification level C7B
• Designed for high performance and safety:
• Input current (4 channels): IDD = 15 μA maximum
• High threshold accuracy: ±0.25% typical, ±1%
maximum
• Built-in precision hysteresis:
VHYS (VIT > 800 mV) = 0.75% typical
• Functional Safety-Compliant
– Developed for functional safety applications
– Documentation available to aid ISO 26262
system design
– Systematic capability up to ASIL D
– Hardware capability up to ASIL A
– Self test - manual setup
• Designed for a wide range of applications:
• Input voltage range, VDD = 1.7 V to 6V
• Quad, triple, dual, or single voltage supervisor
• Each channel highly configurable
– Window (OV, UV), UV-only, OV-only options
– Window tolerance: ±3% to ±11%
– High threshold resolution: VIT ≤ 0.8 V: 20-mV
steps VIT > 0.8 V: Lower of 0.5% or 20-mV
steps
• Push-button monitor on all channels
• Reset time delay (tD): Fixed time delay options
– Options: 23 fixed time options ranging from
20 μs minimum to 1200 ms maximum
• Multiple output topologies, package type:
• TPS3704xxxO-Q1:open-drain, active-low (RESET)
• TPS3704xxxL-Q1: push-pull, active-low (RESET)
• TPS3704xxxH-Q1: push-pull, active-high (RESET)

2 Applications
• Advanced Driver Assistance System (ADAS)
• Automotive infotainment and cluster
• HEV/EV
• Body electronics and lighting

3 Description
The TPS3704-Q1 is a low-power precision window
voltage supervisor that can be configured as a quad,
triple, dual, or single channel. Each channel has a
threshold accuracy of ±1% in a compact SOT-23
package offering a small solution size. The TPS3704-
Q1 includes a very accurate threshold detection, with
high resolution, that is ideal for systems that operate
on low-voltage supply rails and have narrow margin
supply tolerances. Built-in low threshold hysteresis
and a fixed reset delay (tD options from 20 μs to
1200 ms) prevent false reset signals when monitoring
multiple voltage rails.
The TPS3704-Q1 does not require any external
resistors for setting the over- and undervoltage
reset thresholds, which further optimizes overall high
accuracy, cost, solution size, and improves reliability
for safety systems. The TPS3704-Q1 functional safety
compliance elevates automotive design that can
meet ISO 26262 requirements and automotive safety
integrity levels. Separate VDD and SENSEx pins
allow monitoring of rail voltages other than VDD or
can be used as a push-button input. Optional use
of external resistors are supported by the SENSEx
pin(s). Each channel on the TPS3704-Q1 can be
customized to its own over- and undervoltage window
detection with an upper and lower threshold tolerance
that can be symmetric or asymmetric. The TPS3704-
Q1 can monitor up to four channels while maintaining
an ultra-low IQ current of 5.5 μA (typical) and operates
over a temperature range of –40°C to +125°C (TA).




Similar Part No. - TPS3704

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3704 TI-TPS3704 Datasheet
3Mb / 37P
TPS3704x Quad, Triple, Dual, Single Window or Standard Voltage Supervisor
JULY 2021
TPS3704 TI-TPS3704 Datasheet
2Mb / 34P
TPS3704x Quad, Triple, Dual, Single Window or Standard Voltage Supervisor
DECEMBER 2021
TPS3704 TI-TPS3704 Datasheet
3Mb / 37P
TPS3704-Q1 Automotive Quad, Triple, Dual, Single Window or Standard Voltage Supervisor
REVISED MAY 2022
TPS3704 TI1-TPS3704 Datasheet
2Mb / 38P
TPS3704x Quad, Triple, Dual Window or Standard Voltage Supervisor
REVISED DECEMBER 2023
TPS3704 TI1-TPS3704 Datasheet
2Mb / 40P
TPS3704-Q1 Automotive Quad, Triple, Dual, Single Window or Standard Voltage Supervisor
REVISED NOVEMBER 2023
More results


Similar Description - TPS3704

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3704-Q1 TI-TPS3704-Q1 Datasheet
3Mb / 37P
TPS3704x-Q1 Quad/Triple/Dual/Single Window or Standard Voltage Supervisor
TPS3704 TI-TPS3704 Datasheet
3Mb / 37P
TPS3704x Quad, Triple, Dual, Single Window or Standard Voltage Supervisor
JULY 2021
TPS3704 TI-TPS3704_V01 Datasheet
2Mb / 34P
TPS3704x Quad, Triple, Dual, Single Window or Standard Voltage Supervisor
DECEMBER 2021
TPS3704-Q1 TI-TPS3704-Q1_V02 Datasheet
3Mb / 37P
TPS3704-Q1 Automotive Quad, Triple, Dual, Single Window or Standard Voltage Supervisor
REVISED MAY 2022
TPS36-Q1 TI-TPS36-Q1_V01 Datasheet
1Mb / 39P
TPS36-Q1 Automotive Nano IQ Precision Voltage Supervisor with Precision Window Watchdog Timer
REVISED APRIL 2023
TPS36-Q1 TI-TPS36-Q1_V02 Datasheet
1Mb / 39P
TPS36-Q1 Automotive Nano IQ Precision Voltage Supervisor with Precision Window Watchdog Timer
REVISED APRIL 2023
TPS36-Q1 TI1-TPS36-Q1_V03 Datasheet
1Mb / 39P
TPS36-Q1 Automotive Nano IQ Precision Voltage Supervisor with Precision Window Watchdog Timer
REVISED APRIL 2023
TPS3704-Q1 TI1-TPS3704-Q1_V03 Datasheet
2Mb / 40P
TPS3704-Q1 Automotive Quad, Triple, Dual, Single Window or Standard Voltage Supervisor
REVISED NOVEMBER 2023
TPS3704 TI1-TPS3704_V02 Datasheet
2Mb / 38P
TPS3704x Quad, Triple, Dual Window or Standard Voltage Supervisor
REVISED DECEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com