Electronic Components Datasheet Search
  English  ▼

X  

TPS22950X Datasheet (PDF) - Texas Instruments

TPS22950X Datasheet PDF - Texas Instruments
Part # TPS22950X
Download  TPS22950X Download
File Size   1505.73 Kbytes
Page   29 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS22950x 5.5-V, 2.7-A, 34-m廓 Adjustable Current Limited Load Switch

TPS22950X Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS22950X Datasheet PDF - Texas Instruments

Part # TPS22950X
Download  TPS22950X Click to download

File Size   1505.73 Kbytes
Page   29 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS22950x 5.5-V, 2.7-A, 34-m廓 Adjustable Current Limited Load Switch

TPS22950X Datasheet (HTML) - Texas Instruments


TPS22950X Product details

1 Features
• Input operating voltage range (VIN): 1.8 V–5.5 V
• Output current limit (ILIMIT): 0.05 A–3.5 A (typ.)
• TPS22950: Auto-retry current limit response
• TPS22950L: Latch off current limit response
• Thermal Shutdown (TSD)
• ON-Resistance (RON):
– RON at VIN = 5 V: 34 mΩ (typ.)
– RON at VIN = 3.3 V: 41 mΩ (typ.)
• Slow turn-ON timing limits inrush current (typ.):
– tON at VIN = 5 V: 800 us
– tON at VIN = 3.3 V: 550 us
• Always-ON reverse current blocking (TPS22950)
• Fault indication (FLT)
• Quick Output Discharge (QOD): 150 Ω
• Smart ON pin pulldown (RPD,ON):
– ON ≥ VIH (ION): 50 nA (max.)
– ON ≤ VIL (RPD,ON): 500 kΩ (typ.)
• Low power consumption:
– ON state (IQ): 40 uA (typ.)
– OFF state (ISD): 0.2 uA (typ.)
• UL 2367 Recognition – File No. E169910
– Certified from ILIM = 66 mA to 2.46 A

2 Application
• Personal electronics
• Tablets
• Notebooks
• Game consoles
• Accessories

3 Description
The TPS22950x is a small, single channel load
switch with robust protection against fault cases with
adjustable output current limiting, reverse current
blocking, and thermal shutdown.
The switch ON state is controlled by a digital input
that is capable of interfacing directly with low-voltage
control signals. When power is first applied, a Smart
Pulldown is used to keep the ON pin from floating
until system sequencing is complete. After the pin is
deliberately driven high (>VIH), the Smart Pulldown is
disconnected to prevent unnecessary power loss.
The TPS22950 responds to overcurrent events with
auto-retry behavior, while the TPS22950L uses a
debounce time and latch off behavior.
TPS22950x is available in a standard WCSP
package characterized for operation over an ambient
temperature range of –40°C to 125°C.




Similar Part No. - TPS22950X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22950X TI-TPS22950X Datasheet
1Mb / 28P
TPS22950x 5.5-V, 3.2-A, 34-mΩ Adjustable Current Limited Load Switch
REVISED FEBRUARY 2023
More results


Similar Description - TPS22950X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22951 TI-TPS22951 Datasheet
478Kb / 13P
CURRENT-LIMITED 1-廓 SMART-LOAD SWITCH
TPS22958 TI1-TPS22958 Datasheet
1Mb / 36P
5.5-V, 4-A / 6-A, 14-m廓 Load Switch with Adjustable Rise Time
TPS22969 TI1-TPS22969 Datasheet
1Mb / 29P
5.5-V, 6-A, 4.4-m廓 On-Resistance Load Switch
TPS22990 TI1-TPS22990 Datasheet
4Mb / 34P
5.5-V, 10-A, 3.9-m廓 On-Resistance Load Switch
TPS22950 TI-TPS22950 Datasheet
1Mb / 22P
TPS22950 5.5-V, 2.7-A, 34-m廓 Adjustable Current Limited Load Switch
TPS22950 TI-TPS22950_V01 Datasheet
1Mb / 26P
TPS22950 5.5-V, 2.7-A, 34-m廓 Adjustable Current Limited Load Switch
DECEMBER 2020
TPS22811 TI-TPS22811 Datasheet
3Mb / 42P
TPS22811x 2.7 V??6 V, 10-A, 6-m廓 Load Switch with Adjustable Overvoltage Protection and Current Monitoring
APRIL 2022
TPS22950-Q1 TI-TPS22950-Q1 Datasheet
1Mb / 25P
TPS22950-Q1 5-V, 2.7-A, 34-mΩ Automotive Load Switch With Adjustable Current Limit
SEPTEMBER 2022
TPS22950-Q1 TI-TPS22950-Q1_V01 Datasheet
914Kb / 25P
TPS22950-Q1 5-V, 2.7-A, 34-mΩ Automotive Load Switch With Adjustable Current Limit
REVISED DECEMBER 2022
TPS22950 TI-TPS22950_V03 Datasheet
1Mb / 28P
TPS22950x 5.5-V, 3.2-A, 34-mΩ Adjustable Current Limited Load Switch
REVISED FEBRUARY 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com