Electronic Components Datasheet Search
  English  ▼

X  

AL2G14 Datasheet (PDF) - AiT Semiconductor Inc.

AL2G14 Datasheet PDF - AiT Semiconductor Inc.
Part # AL2G14
Download  AL2G14 Download
File Size   503.98 Kbytes
Page   10 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description LOGIC DUAL SCHMITT-TRIGGER INVERTER

AL2G14 Datasheet (PDF)

Go To PDF Page Download Datasheet
AL2G14 Datasheet PDF - AiT Semiconductor Inc.

Part # AL2G14
Download  AL2G14 Click to download

File Size   503.98 Kbytes
Page   10 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description LOGIC DUAL SCHMITT-TRIGGER INVERTER

AL2G14 Datasheet (HTML) - AiT Semiconductor Inc.


AL2G14 Product details

DESCRIPTION
This Dual Schmitt-trigger Inverter AL2G14 is designed for 1.65V to 5.5V Vcc operation.
The AL2G14 device contains two inverter and performs the Boolean function Y=A̅ The device functions as two independent inverters with Schmitt-trigger inputs, so the device has different input threshold levels for positive-going (VT+) and negative going (VT-) signals to provide hysteresis(ΔVT) which makes the device tolerant to slow or noisy input signals.
This AL2G14 is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs, preventing damaging current backflow through the AL2G14 when it is powered down.
The AL2G14 is available in SOT-26 and SC70-6 packages.

FEATURES
⚫ Supports 5V Vcc Operation
⚫ Inputs Accept Voltages from 1.65V to 5.5V
⚫ Low Power Consumption:1μA (Max)
⚫ ±24mA High Output Drive at V CC =3.0V
⚫ Input Accept Voltage to 5.5V
⚫ I off Supports Partial Power Down Mode
⚫ Operation Operating Temperature Range:
-
40°C to +125°C
⚫ Available in SOT-26 and SC70-6 p ackage s

APPLICATION
⚫ Body Control Modules
⚫ Engine Control Modules
⚫ Arcade, Casino, and Gambling Machines
⚫ S ervers and High Performance Computing
⚫ E POS, ECR, and Cash Drawer
⚫ R outers
⚫ D esktop PC
⚫ AC Receiver and Home Theaters
⚫ Blu ray Players and Home Theaters
⚫ Digital Video Cameras (DVC)
⚫ Mobile Phones
⚫ Personal Navigation Device (GPS)
⚫ Portable Media Player




Similar Part No. - AL2G14

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
AL2G08 AITSEMI-AL2G08 Datasheet
456Kb / 8P
LOGIC DUAL 2-INPUT POSITIVE-AND GATE
REV1.0
AL2G08MS8R AITSEMI-AL2G08MS8R Datasheet
456Kb / 8P
LOGIC DUAL 2-INPUT POSITIVE-AND GATE
REV1.0
AL2G08MS8VR AITSEMI-AL2G08MS8VR Datasheet
456Kb / 8P
LOGIC DUAL 2-INPUT POSITIVE-AND GATE
REV1.0
More results


Similar Description - AL2G14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G14 TI-SN74LVC2G14 Datasheet
386Kb / 15P
DUAL SCHMITT-TRIGGER INVERTER
SN74LVC2G14-Q1 TI-SN74LVC2G14-Q1 Datasheet
130Kb / 7P
DUAL SCHMITT-TRIGGER INVERTER
SN74LVC2G14 TI-SN74LVC2G14_09 Datasheet
584Kb / 15P
DUAL SCHMITT-TRIGGER INVERTER
logo
ON Semiconductor
NLU2G14 ONSEMI-NLU2G14 Datasheet
138Kb / 8P
Dual Schmitt-Trigger Inverter
July, 2008 ??Rev. 3
NLX2G14 ONSEMI-NLX2G14 Datasheet
144Kb / 8P
Dual Schmitt-Trigger Inverter
November, 2009 ??Rev. 2
logo
Diodes Incorporated
74LVC2G14 DIODES-74LVC2G14 Datasheet
242Kb / 10P
DUAL SCHMITT TRIGGER INVERTER
Rev 3
logo
ON Semiconductor
NLV27WZ14DFT2G ONSEMI-NLV27WZ14DFT2G Datasheet
129Kb / 6P
Dual Schmitt-Trigger Inverter
March, 2013 ??Rev. 13
logo
Unisonic Technologies
U74LVC2G14 UTC-U74LVC2G14_15 Datasheet
191Kb / 5P
DUAL SCHMITT-TRIGGER INVERTER
U74LVC2G17 UTC-U74LVC2G17_15 Datasheet
158Kb / 5P
DUAL SCHMITT-TRIGGER INVERTER
logo
ON Semiconductor
NLU2G14 ONSEMI-NLU2G14_16 Datasheet
72Kb / 7P
Dual Schmitt-Trigger Inverter
July, 2016 ??Rev. 5
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com