Electronic Components Datasheet Search
  English  ▼

X  

AL1G17 Datasheet (PDF) - AiT Semiconductor Inc.

AL1G17 Datasheet PDF - AiT Semiconductor Inc.
Part # AL1G17
Download  AL1G17 Download
File Size   461.49 Kbytes
Page   9 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description LOGIC SINGLE SCHMITT-TRIGGER BUFFER

AL1G17 Datasheet (PDF)

Go To PDF Page Download Datasheet
AL1G17 Datasheet PDF - AiT Semiconductor Inc.

Part # AL1G17
Download  AL1G17 Click to download

File Size   461.49 Kbytes
Page   9 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description LOGIC SINGLE SCHMITT-TRIGGER BUFFER

AL1G17 Datasheet (HTML) - AiT Semiconductor Inc.


AL1G17 Product details

DESCRIPTION
The AL1G17 Single Schmitt-trigger buffer is designed for 1.65V to 5.5V VCC operation. The AL1G17 device contains one buffer and performs the Boolean function Y=A.
The CMOS AL1G17 has high output drive while maintaining low static power dissipation over a broad Vcc operating Range.
The AL1G17 functions as an independent buffer with Schmitt-trigger inputs, so the device has different input threshold levels for positive-going (VT+) and negative going (VT-) signals to provide hysteresis (ΔVT) which makes the device tolerant to slow or noisy input signals.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs, preventing damaging current backflow through the device when it is powered down.
The AL1G17 is available in SOT 25 and SC70 5
packages.

FEATURES
⚫ Supports 5V Vcc Operation
⚫ Inputs Accept Voltage to 5.5V
⚫ Operating Voltage Range:1.65V to 5.5V
⚫ ±24mA High Output Drive at V CC =3.0V
⚫ Low Power Consumption:1μA (Max)
⚫ I off Supports Partial Power Down Mode
Operation Operating Temperature Range:
-
40°C to +125 °C
⚫ Available in SOT 25 and SC70 5 p ackage s

APPLICATION
⚫ A V Receiver
⚫ Audio Dock: Portable
⚫ Blue ray Player and Home Theater
⚫ MP3 Player/Recorder
⚫ Personal Digital Assistant (PDA
⚫ P ower: Telecom/Server AC/DC Supply: Single
Controller: Analog and Digital
⚫ S olid State Drive (SSD): Client and Enterprise
⚫ T V: LCD/Digital and High Definition (HDTV)
⚫ T ablet: Enterprise
⚫ V ideo Analytics: Server
⚫ W ireless Headset, Keyboard, and Mouse
⚫ Desktops or Notebook PCs
⚫ Digital Video Cameras (DVC)
⚫ Mobile Phones
⚫ Personal Navigation Device (GPS)




Similar Part No. - AL1G17

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
AL1G125 AITSEMI-AL1G125 Datasheet
486Kb / 10P
LOGIC SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
REV1.0
AL1G125C5R AITSEMI-AL1G125C5R Datasheet
486Kb / 10P
LOGIC SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
REV1.0
AL1G125C5VR AITSEMI-AL1G125C5VR Datasheet
486Kb / 10P
LOGIC SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
REV1.0
AL1G125E5R AITSEMI-AL1G125E5R Datasheet
486Kb / 10P
LOGIC SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
REV1.0
AL1G125E5VR AITSEMI-AL1G125E5VR Datasheet
486Kb / 10P
LOGIC SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
REV1.0
More results


Similar Description - AL1G17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC1G17 TI-SN74AUC1G17 Datasheet
320Kb / 13P
SINGLE SCHMITT TRIGGER BUFFER
logo
Unisonic Technologies
U74LVC1G17 UTC-U74LVC1G17 Datasheet
104Kb / 5P
SINGLE SCHMITT-TRIGGER BUFFER
logo
Texas Instruments
SN74LVC1G17-Q1 TI-SN74LVC1G17-Q1 Datasheet
259Kb / 9P
SINGLE SCHMITT-TRIGGER BUFFER
SN74LVC1G17 TI-SN74LVC1G17_07 Datasheet
762Kb / 19P
SINGLE SCHMITT-TRIGGER BUFFER
SN74LVC1G17 TI-SN74LVC1G17_10 Datasheet
832Kb / 19P
SINGLE SCHMITT-TRIGGER BUFFER
logo
Diodes Incorporated
74LVC1G17 DIODES-74LVC1G17 Datasheet
273Kb / 14P
SINGLE SCHMITT-TRIGGER BUFFER
DS35124 Rev. 1 - 2
74LVC1G17_1107 DIODES-74LVC1G17_1107 Datasheet
266Kb / 13P
SINGLE SCHMITT-TRIGGER BUFFER
Rev 3
74AUP1G17 DIODES-74AUP1G17 Datasheet
190Kb / 11P
SINGLE SCHMITT-TRIGGER BUFFER
Rev 1
logo
NXP Semiconductors
74LVC1G17 NXP-74LVC1G17_12 Datasheet
367Kb / 21P
Single Schmitt trigger buffer
Rev. 10-29 June 2012
logo
Unisonic Technologies
U74LVC1G17 UTC-U74LVC1G17_V01 Datasheet
180Kb / 5P
SINGLE SCHMITT-TRIGGER BUFFER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com