Electronic Components Datasheet Search
  English  ▼

X  

A7801 Datasheet (PDF) - AiT Semiconductor Inc.

A7801 Datasheet PDF - AiT Semiconductor Inc.
Part # A7801
Download  A7801 Download
File Size   399.27 Kbytes
Page   10 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description DC-DC CONVERTER LOW NOISE, REGULATED CHARGE PUMP

A7801 Datasheet (PDF)

Go To PDF Page Download Datasheet
A7801 Datasheet PDF - AiT Semiconductor Inc.

Part # A7801
Download  A7801 Click to download

File Size   399.27 Kbytes
Page   10 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description DC-DC CONVERTER LOW NOISE, REGULATED CHARGE PUMP

A7801 Datasheet (HTML) - AiT Semiconductor Inc.


A7801 Product details

DESCRIPTION
The A7801 is a low noise, constant frequency (400kHz) switched capacitor voltage doubler. It produce a regulated output voltage from a 2.5V to 5.5V input with up to 250mA of output current. Low external parts count (one flying capacitor and two small bypass capacitors at VIN and VOUT) make the A7801 ideally suited for small, battery-powered applications.
A new charge-pump architecture maintains constant switching frequency to zero load and reduces both output and input ripple. The A7801 have thermal shutdown capability and can survive a continuous short circuit from VOUT to GND. Built-in soft-start circuitry prevents excessive inrush current during start-up.
High switching frequency enables the use of small ceramic capacitors. A low current shutdown feature disconnects the load from VIN and reduces quiescent current to <1uA.
The A7801 is available in SOT-26 package.

FEATURES
 Fixed 5V ± 4% Output
 VIN Range: 2.5V to 5.5V
 Output Current: Up to 250mA
 Constant Frequency Operation at All Loads
 Low Noise Constant Frequency (400kHz) Operation
 Automatic Soft-Start Reduces Inrush Current
 Shutdown Current <1uA
 Short-Circuit Protection
 No Inductors
 Available in SOT-26 Package

APPLICATION
 White LED Backlighting
 Li-Ion Battery Backup Supplies
 Local 3V to 5V Conversion
 Smart Card Readers
 PCMCIA Local 5V Supplies




Similar Part No. - A7801

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
A7801168 TOSHIBA-A7801168 Datasheet
2Mb / 54P
COLOR TELEVISION
Jul. 2001
A7801205 TOSHIBA-A7801205 Datasheet
2Mb / 50P
COLOR TELEVISION N0NSP Chassis
2000
logo
AiT Semiconductor Inc.
A7801A AITSEMI-A7801A Datasheet
247Kb / 6P
DC-DC CONVERTER 300KHz LOW NOISE, REGULATED CHARGE PUMP
REV1.0
A7801AE6R AITSEMI-A7801AE6R Datasheet
247Kb / 6P
DC-DC CONVERTER 300KHz LOW NOISE, REGULATED CHARGE PUMP
REV1.0
A7801AE6VR AITSEMI-A7801AE6VR Datasheet
247Kb / 6P
DC-DC CONVERTER 300KHz LOW NOISE, REGULATED CHARGE PUMP
REV1.0
More results


Similar Description - A7801

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3200 CATALYST-CAT3200 Datasheet
148Kb / 12P
Low Noise Regulated Charge Pump DC-DC Converter
logo
ON Semiconductor
CAT3200TDI-T3 ONSEMI-CAT3200TDI-T3 Datasheet
190Kb / 13P
Low Noise Regulated Charge Pump DC-DC Converter
Doc. No. MD-5002, Rev. N
CAT3200 ONSEMI-CAT3200 Datasheet
196Kb / 12P
Low Noise Regulated Charge Pump DC-DC Converter
May, 2010 ??Rev. 13
CAT3200HU2 ONSEMI-CAT3200HU2 Datasheet
187Kb / 9P
Low Noise Regulated Charge Pump DC-DC Converter
April, 2010 ??Rev. 0
CAT3200ES6-5 ONSEMI-CAT3200ES6-5 Datasheet
189Kb / 12P
Low Noise Regulated Charge Pump DC-DC Converter
October, 2013 ??Rev. 15
CAT3200 ONSEMI-CAT3200_14 Datasheet
134Kb / 12P
Low Noise Regulated Charge Pump DC-DC Converter
April, 2014 ??Rev. 16
CAT3200HU2 ONSEMI-CAT3200HU2_14 Datasheet
129Kb / 9P
Low Noise Regulated Charge Pump DC-DC Converter
September, 2014 ??Rev. 5
logo
SHOUDING Shouding Semic...
SD6210A SHOUDING-SD6210A Datasheet
1Mb / 7P
Low Noise Regulated Charge Pump DC/DC Converter
SD6214A SHOUDING-SD6214A Datasheet
840Kb / 7P
Low Noise,Regulated Charge Pump DC/DC Converter
logo
HEXIN SEMICONDUCTOR.
HX4004A HEXIN-HX4004A Datasheet
225Kb / 9P
Low Noise, Regulated Charge Pump DC/DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com