Electronic Components Datasheet Search
  English  ▼

X  

3273464 Datasheet (PDF) - PHOENIX CONTACT

3273464 Datasheet PDF - PHOENIX CONTACT
Part # 3273464
Download  3273464 Download
File Size   642.05 Kbytes
Page   28 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 6/6X2,5-G RD

3273464 Datasheet (PDF)

Go To PDF Page Download Datasheet
3273464 Datasheet PDF - PHOENIX CONTACT

Part # 3273464
Download  3273464 Click to download

File Size   642.05 Kbytes
Page   28 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 6/6X2,5-G RD

3273464 Datasheet (HTML) - PHOENIX CONTACT


3273464 Product details

Distribution block, the blocks can be bridged with one another via the conductor shaft, for
corresponding plug-in bridges, see accessories, Basic terminal block with supply, nom. voltage:
450 V, nominal current: 24 A, connection method: Push-in connection, Load contact, cross
section: 0.14 mm2 - 4 mm2, Push-in connection, Line contact, Rated cross section: 6 mm2, cross
section: 0.5 mm2 - 10 mm2, mounting type: adhesive, color: red

Your advantages
• Flexible use, thanks to DIN rail mounting, direct mounting or adhesive mounting
• Clear wiring, thanks to eleven different color variants
• Time-saving conductor connection, thanks to tool-free Push-in direct connection technology
• Time savings of up to 80%, thanks to ready-to-mount blocks without manual bridging
• Space savings of up to 50% on the DIN rail, thanks to transverse mounting




Similar Part No. - 3273464

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273460 PHOENIX-3273460 Datasheet
644Kb / 29P
Distribution block - PTFIX 6/6X2,5-G GY
Jun 7, 2022
3273462 PHOENIX-3273462 Datasheet
646Kb / 29P
Distribution block - PTFIX 6/6X2,5-G BU
Jun 13, 2022
3273466 PHOENIX-3273466 Datasheet
647Kb / 29P
Distribution block - PTFIX 6/6X2,5-G YE
Jun 16, 2022
3273468 PHOENIX-3273468 Datasheet
645Kb / 29P
Distribution block - PTFIX 6/6X2,5-G GN
Jun 13, 2022
More results


Similar Description - 3273464

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273070 PHOENIX-3273070 Datasheet
925Kb / 38P
Distribution block - PTFIX 6/6X2,5-NS35 RD
Jun 2, 2022
3273334 PHOENIX-3273334 Datasheet
732Kb / 32P
Distribution block - PTFIX 6/6X2,5 RD
May 13, 2022
3273268 PHOENIX-3273268 Datasheet
703Kb / 31P
Distribution block - PTFIX 6X2,5 RD
Jun 2, 2022
3273004 PHOENIX-3273004 Datasheet
847Kb / 36P
Distribution block - PTFIX 6X2,5-NS35 RD
Jun 7, 2022
3273202 PHOENIX-3273202 Datasheet
928Kb / 38P
Distribution block - PTFIX 6/6X2,5-NS35A RD
Jun 2, 2022
3273398 PHOENIX-3273398 Datasheet
890Kb / 36P
Distribution block - PTFIX 6X2,5-G RD
Jun 3, 2022
3274170 PHOENIX-3274170 Datasheet
929Kb / 39P
Distribution block - PTFIX 6/6X2,5-NS15A RD
Jun 13, 2022
3274104 PHOENIX-3274104 Datasheet
617Kb / 28P
Distribution block - PTFIX 6X2,5-NS15A RD
Jun 23, 2022
1186874 PHOENIX-1186874 Datasheet
424Kb / 16P
Distribution block - PTVFIX 6/6X2,5-G RD
Jul 21, 2022
3273477 PHOENIX-3273477 Datasheet
642Kb / 28P
Distribution block - PTFIX 6/6X2,5-G PK
Sep 8, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com