Electronic Components Datasheet Search
  English  ▼

X  

ATLS15A218 Datasheet (PDF) - Analog Technologies, Inc.

ATLS15A218 Datasheet PDF - Analog Technologies, Inc.
Part # ATLS15A218
Download  ATLS15A218 Download
File Size   788.92 Kbytes
Page   16 Pages
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
Description High Voltage Constant Current 15ALaser Driver

ATLS15A218 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATLS15A218 Datasheet PDF - Analog Technologies, Inc.

Part # ATLS15A218
Download  ATLS15A218 Click to download

File Size   788.92 Kbytes
Page   16 Pages
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
Description High Voltage Constant Current 15ALaser Driver

ATLS15A218 Datasheet (HTML) - Analog Technologies, Inc.


ATLS15A218 Product details

FEATURES
 Wide Input Voltage Range: 5.5V ∼ 25V
 Wide Output Voltage Range: 0.1VVPS to 0.8VVPS
(input voltage)
 High Current Capability: 15A
 High Efficiency: ≥90%
(IOUT=15A@VLDA=20V&VVPS=25V)
 Wide Modulation Bandwidth: DC ∼ 10kHz
 Compact Size: 35.78×35.78×11.5 (mm)
 Dual Independent Current Set Ports: LISH and LISL
 Direct Digital Modulation Control: PCN
 Three Control States: Shutdown, Standby and Operation
 Low Output Current Noise: <12μAP-P@0.1Hz~10Hz
 High Current Stability: <±20mA@15A&‒20°C~80°C
 Low Output Ripple Voltage: <10mV@500kHz
 Fully Shielded
 100 % Lead (Pb)-free and RoHS Compliant

DESCRIPTION
This laser driver, ATLS15A218, is an electronic module that
has all the valuable and important, but often difficult to
achieve simultaneously, features: wide input and output
voltage range, high output current capability, high efficiency,
low output noise (but it has an output 10mVp-p ripple voltage
at 500kHz), wide modulation bandwidth, and small size. The
wide output voltage range, 0.1VVPS ~ 0.8VVPS, allows driving one
or multiple serial laser diodes at the same time, for up to 15A
well controlled current at high efficiency. The extremely low
noise between DC ~ 10Hz and low DC current drift make it ideal
for driving diode pumped laser diodes. Because of the high
efficiency, the laser driver generates small amount of heat, thus,
no heat sink is necessary for normal operation. The fully
shielded case blocks all the incoming and outgoing EMIs
(Electro-Magnet Interferences). Therefore, this laser will not
interfere other surrounding electronics, nor will be interfered by
them. The small package saves valuable PCB space in laser
systems. Figure 1 shows physical photo of the ATLS15A218D.
This laser driver has two current set ports which can digitally be
controlled to switch between them for setting the output current.
This feature allows modulating the laser digitally with 2 preset
current values.
The actual laser current and laser driver temperature are
monitored by dedicated ports. In case the laser driver
temperature exceeds the limit, 120°C, the laser driver will shut
down the output stage by itself and force the laser drive into
Standby Mode. There is a loop good indication output to tell if
the laser driver works ok.
The laser driver has 3 states: Operation, Standby and Shutdown.
Under Standby mode, all the laser driver components works
except the output stage, see Figure 4. Under Shutdown mode, all
the components of the laser driver stops working and the power
supply current is reduced to < 3μA.
This laser driver generates a high accuracy high stability low
noise, 12μAP-P, <2μVRMS, <20ppm/°C, 4.096V<±3mV, voltage
reference output which can be used for setting the output current
and also be used as the reference voltage for the ADCs (Analog
to Digital Converters) and/or DACs (Digital to Analog
Converters).
The ATLS15A218 uses a constant frequency high efficiency
PWM output stage. Its switching signal is taken out through a
buffer at the SYNO port, pin 10, which can be used by other
switch mode electronics as the trigger signal to avoid frequency
beating interference, if the free-run frequency is around 500kHz.




Similar Part No. - ATLS15A218

ManufacturerPart #DatasheetDescription
logo
Analog Technologies, In...
ATLS1.5A104 ANALOGTECHNOLOGIES-ATLS1.5A104 Datasheet
978Kb / 15P
Low Noise Constant Current Laser Controller
3/7/2022
ATLS1.5A104D ANALOGTECHNOLOGIES-ATLS1.5A104D Datasheet
978Kb / 15P
Low Noise Constant Current Laser Controller
3/7/2022
ATLS1.5A104D-PD ANALOGTECHNOLOGIES-ATLS1.5A104D-PD Datasheet
978Kb / 15P
Low Noise Constant Current Laser Controller
3/7/2022
ATLS1.5A104S ANALOGTECHNOLOGIES-ATLS1.5A104S Datasheet
978Kb / 15P
Low Noise Constant Current Laser Controller
3/7/2022
ATLS1.5A104S-PD ANALOGTECHNOLOGIES-ATLS1.5A104S-PD Datasheet
978Kb / 15P
Low Noise Constant Current Laser Controller
3/7/2022
More results


Similar Description - ATLS15A218

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HBG-200 MEANWELL-HBG-200 Datasheet
1Mb / 10P
200W Constant Voltage Constant Current LED Driver
LPF-25 MEANWELL-LPF-25 Datasheet
537Kb / 6P
25W Constant Voltage Constant Current LED Driver
ELG-300-24A MEANWELL-ELG-300-24A Datasheet
117Kb / 6P
300W Constant Voltage Constant Current LED Driver
HBG-160 MEANWELL-HBG-160_19 Datasheet
2Mb / 9P
160W Constant Voltage Constant Current LED Driver
ELG-300 MEANWELL-ELG-300 Datasheet
535Kb / 6P
300W Constant Voltage Constant Current LED Driver
logo
Analog Technologies, In...
ATLS1A212D ANALOGTECHNOLOGIES-ATLS1A212D Datasheet
1Mb / 16P
High Voltage Constant Current 1A Laser Driver
7/4/2022
ATLS2A212DHS ANALOGTECHNOLOGIES-ATLS2A212DHS Datasheet
1Mb / 16P
High Voltage Constant Current 2A Laser Driver
7/4/2022
ATLS3A212DHS ANALOGTECHNOLOGIES-ATLS3A212DHS Datasheet
1Mb / 16P
High Voltage Constant Current 3A Laser Driver
7/4/2022
ATLS500MA212DHS ANALOGTECHNOLOGIES-ATLS500MA212DHS Datasheet
1Mb / 16P
High Voltage Constant Current 500mA Laser Driver
7/4/2022
ATLS6A214D ANALOGTECHNOLOGIES-ATLS6A214D Datasheet
1,009Kb / 16P
High Voltage Constant Current 6A Laser Driver
7/4/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com