Electronic Components Datasheet Search
  English  ▼

X  

BZD27C Datasheet (PDF) - Vishay Siliconix

BZD27C Datasheet PDF - Vishay Siliconix
Part # BZD27C
Download  BZD27C Download
File Size   122.53 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Zener Diodes with Surge Current Specification

BZD27C Datasheet (PDF)

Go To PDF Page Download Datasheet
BZD27C Datasheet PDF - Vishay Siliconix

Part # BZD27C
Download  BZD27C Click to download

File Size   122.53 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Zener Diodes with Surge Current Specification

BZD27C Datasheet (HTML) - Vishay Siliconix


BZD27C Product details

FEATURES
• Sillicon planar Zener diodes
• Low profile surface-mount package
• Zener and surge current specification
• Low leakage current
• Excellent stability
• Meets MSL level 1, per J-STD-020, LF maximum peak
of 260 °C
• Meets JESD 201 class 2 whisker test
• ESD capability according to AEC-Q101:
human body model: > 8 kV
machine model: > 800 V
• Wave and reflow solderable
• AEC-Q101 qualified available
• Base P/N-E3 - RoHS-compliant, and commercial grade
• Base P/N-HE3 - RoHS-compliant, and AEC-Q101 qualified
• Compatible to SOD-123W package case outline or
SOD-123F and SOD-123FL
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - BZD27C

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
BZD27C BILIN-BZD27C Datasheet
208Kb / 4P
VOLTAGE REGULATOR DIODES
logo
Taiwan Semiconductor Co...
BZD27C TSC-BZD27C Datasheet
133Kb / 4P
0.8 Watts Voltage Regulator Diodes
logo
Vishay Siliconix
BZD27C VISHAY-BZD27C Datasheet
117Kb / 8P
Zener Diodes with Surge Current Specification
15-Oct-15
logo
Galaxy Semi-Conductor H...
BZD27C BILIN-BZD27C Datasheet
202Kb / 4P
VOLTAGE REGULATOR DIODES
logo
Shenzhen Luguang Electr...
BZD27C LUGUANG-BZD27C Datasheet
2Mb / 4P
Voltage Regulator Diodes
More results


Similar Description - BZD27C

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
BZD27C3V6P VAISH-BZD27C3V6P Datasheet
238Kb / 7P
Zener Diodes with Surge Current Specification
logo
Vishay Siliconix
BZT03 VISHAY-BZT03_05 Datasheet
126Kb / 6P
Zener Diodes with Surge Current Specification
13-Jul-05
BZG04 VISHAY-BZG04_08 Datasheet
184Kb / 6P
Zener Diodes with Surge Current Specification
15-Sep-05
BZT03 VISHAY-BZT03_10 Datasheet
112Kb / 5P
Zener Diodes with Surge Current Specification
26-Aug-10
BZD27C3V6P VISHAY-BZD27C3V6P_13 Datasheet
109Kb / 7P
Zener Diodes with Surge Current Specification
29-Nov-11
BZD27C3V6P-E3-08 VISHAY-BZD27C3V6P-E3-08 Datasheet
127Kb / 8P
Zener Diodes with Surge Current Specification
13-Aug-14
BZD27B-M VISHAY-BZD27B-M Datasheet
118Kb / 8P
Zener Diodes with Surge Current Specification
29-Oct-15
BZD27C VISHAY-BZD27C Datasheet
117Kb / 8P
Zener Diodes with Surge Current Specification
15-Oct-15
BZD27B-M VISHAY-BZD27B-M_V01 Datasheet
123Kb / 7P
Zener Diodes with Surge Current Specification
01-Jan-2022
BZD27B VISHAY-BZD27B_V01 Datasheet
122Kb / 7P
Zener Diodes with Surge Current Specification
01-Jan-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com