Electronic Components Datasheet Search
  English  ▼

X  

CAV93C66 Datasheet (PDF) - ON Semiconductor

CAV93C66 Datasheet PDF - ON Semiconductor
Part # CAV93C66
Download  CAV93C66 Download
File Size   229.88 Kbytes
Page   11 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description EEPROM Serial 4-Kb Microwire - Automotive Grade 1

CAV93C66 Datasheet (PDF)

Go To PDF Page Download Datasheet
CAV93C66 Datasheet PDF - ON Semiconductor

Part # CAV93C66
Download  CAV93C66 Click to download

File Size   229.88 Kbytes
Page   11 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description EEPROM Serial 4-Kb Microwire - Automotive Grade 1

CAV93C66 Datasheet (HTML) - ON Semiconductor


CAV93C66 Product details

Description
The CAV93C66 is an EEPROM Serial 4−Kb Microwire
Automotive Grade 1 device which is organized as either 256 registers
of 16 bits (ORG pin at VCC) or 512 registers of 8 bits (ORG pin at
GND). Each register can be written (or read) serially by using the DI
(or DO) pin. The device features sequential read and self−timed
internal write with auto−clear. On−chip Power−On Reset circuitry
protects the internal logic against powering up in the wrong state.

Features
• Automotive AEC−Q100 Grade 1 (−40°C to +125°C) Qualified
• High Speed Operation: 2 MHz
• 2.5 V to 5.5 V Supply Voltage Range
• Selectable x8 or x16 Memory Organization
• Self−timed Write Cycle with Auto−clear
• Sequential Read
• Software Write Protection
• Power−up Inadvertent Write Protection
• Low Power CMOS Technology
• 1,000,000 Program/Erase Cycles
• 100 Year Data Retention
• 8−lead SOIC and TSSOP Packages
• These Devices are Pb−Free, Halogen Free/BFR Free, and RoHS Compliant




Similar Part No. - CAV93C66

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAV93C66 ONSEMI-CAV93C66 Datasheet
134Kb / 10P
4 Kb Microwire Serial CMOS EEPROM
December, 2013 ??Rev. P0
More results


Similar Description - CAV93C66

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93C46R CATALYST-CAT93C46R Datasheet
486Kb / 13P
1-Kb Microwire Serial EEPROM
CAT93C46 CATALYST-CAT93C46_07 Datasheet
134Kb / 15P
1-Kb Microwire Serial EEPROM
logo
ON Semiconductor
CAT93C46 ONSEMI-CAT93C46 Datasheet
154Kb / 13P
1 kb Microwire Serial EEPROM
October, 2009 ??Rev. 6
CAT93C46R ONSEMI-CAT93C46R Datasheet
153Kb / 13P
1 kb Microwire Serial EEPROM
October, 2009 ??Rev. 7
CAT93C46LI-G ONSEMI-CAT93C46LI-G Datasheet
173Kb / 16P
1 kb Microwire Serial EEPROM
May, 2012 ??Rev. 9
CAT93C46WI-G ONSEMI-CAT93C46WI-G Datasheet
153Kb / 13P
1 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 10
CAT93C46YI-G ONSEMI-CAT93C46YI-G Datasheet
153Kb / 13P
1 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 10
CAT93C46R ONSEMI-CAT93C46R_13 Datasheet
155Kb / 12P
1 kb Microwire Serial EEPROM
October, 2013 ??Rev. 9
CAT93C46B ONSEMI-CAT93C46B_18 Datasheet
193Kb / 15P
EEPROM Serial 1-Kb Microwire
May 2018 ??Rev. 4
CAV93C76 ONSEMI-CAV93C76 Datasheet
286Kb / 11P
EEPROM Serial 8-Kb Microwire - Automotive Grade 1
April, 2019 - Rev. 2
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com