Electronic Components Datasheet Search
  English  ▼

X  

NS8BT Datasheet (PDF) - Vishay Siliconix

NS8BT Datasheet PDF - Vishay Siliconix
Part # NS8BT
Download  NS8BT Download
File Size   124.92 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Glass Passivated General Purpose Plastic Rectifier

NS8BT Datasheet (PDF)

Go To PDF Page Download Datasheet
NS8BT Datasheet PDF - Vishay Siliconix

Part # NS8BT
Download  NS8BT Click to download

File Size   124.92 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Glass Passivated General Purpose Plastic Rectifier

NS8BT Datasheet (HTML) - Vishay Siliconix


NS8BT Product details

FEATURES
• Glass passivated chip junction
• Low forward voltage drop
• High forward surge capability
• Meets MSL level 1, per J-STD-020, LF
maximum peak of 245 °C (for TO-263AB
package)
• Solder dip 260 °C, 40 s (for TO-220AC and
ITO-220AC package)
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC

TYPICAL APPLICATIONS
For use in general purpose rectification of power
supplies, inverters, converters and freewheeling
diodes application.

MECHANICAL DATA
Case: TO-220AC, ITO-220AC, TO-263AB
Epoxy meets UL 94V-0 flammability rating
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD22-B102
E3 suffix for consumer grade, meets JESD 201 class
1A whisker test, HE3 suffix for high reliability grade
(AEC Q101 qualified), meets JESD 201 class 2
whisker test
Polarity: As marked
Mounting Torque: 10 in-lbs maximum




Similar Part No. - NS8BT

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
NS8BT GE-NS8BT Datasheet
73Kb / 2P
GLASS PASSIVATED GENERAL PURPOSE PLASTIC RECTIFIER
logo
Vishay Siliconix
NS8BT VISHAY-NS8BT Datasheet
41Kb / 3P
Glass Passivated General Purpose Plastic Rectifier
08-Jul-02
logo
EIC discrete Semiconduc...
NS8BT EIC-NS8BT Datasheet
52Kb / 2P
Glass Passivated General Purpose
logo
Vishay Siliconix
NS8BT VISHAY-NS8BT Datasheet
132Kb / 5P
Glass Passivated General Purpose Plastic Rectifier
08-Nov-07
More results


Similar Description - NS8BT

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
NS8AT GE-NS8AT Datasheet
73Kb / 2P
GLASS PASSIVATED GENERAL PURPOSE PLASTIC RECTIFIER
NSB8AT GE-NSB8AT Datasheet
84Kb / 2P
GLASS PASSIVATED GENERAL PURPOSE PLASTIC RECTIFIER
NSF8AT GE-NSF8AT Datasheet
44Kb / 2P
GLASS PASSIVATED GENERAL PURPOSE PLASTIC RECTIFIER
logo
Vishay Siliconix
NSXT VISHAY-NSXT Datasheet
41Kb / 3P
Glass Passivated General Purpose Plastic Rectifier
08-Jul-02
NS8AT VISHAY-NS8AT_07 Datasheet
132Kb / 5P
Glass Passivated General Purpose Plastic Rectifier
08-Nov-07
NS8KT-E345 VISHAY-NS8KT-E345 Datasheet
131Kb / 5P
Glass Passivated General Purpose Plastic Rectifier
20-Jan-14
NSB8JT-E3 VISHAY-NSB8JT-E3 Datasheet
131Kb / 5P
Glass Passivated General Purpose Plastic Rectifier
20-Jan-14
logo
Central Semiconductor C...
CPR4-020 CENTRAL-CPR4-020_15 Datasheet
77Kb / 2P
GLASS PASSIVATED GENERAL PURPOSE RECTIFIER
logo
Vishay Siliconix
NS8XT VISHAY-NS8XT Datasheet
136Kb / 5P
Glass Passivated General Purpose Plastic Rectifier
09-Feb-15
NS8XT VISHAY-NS8XT_V01 Datasheet
125Kb / 5P
Glass Passivated General Purpose Plastic Rectifier
06-May-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com