Electronic Components Datasheet Search
  English  ▼

X  

1091672 Datasheet (PDF) - PHOENIX CONTACT

1091672 Datasheet PDF - PHOENIX CONTACT
Part # 1091672
Download  1091672 Download
File Size   722.8 Kbytes
Page   31 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 6/12X2,5 BUWH

1091672 Datasheet (PDF)

Go To PDF Page Download Datasheet
1091672 Datasheet PDF - PHOENIX CONTACT

Part # 1091672
Download  1091672 Click to download

File Size   722.8 Kbytes
Page   31 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 6/12X2,5 BUWH

1091672 Datasheet (HTML) - PHOENIX CONTACT


1091672 Product details

Distribution block, the blocks can be bridged with one another via the conductor shaft, for corresponding plug-in bridges, see accessories, Basic terminal block with supply, nom. voltage: 450 V, nominal current: 24 A, connection method: Push-in connection, Load contact, cross section: 0.14 mm2 - 4 mm2, Push-in connection, Line contact, Rated cross section: 6 mm2, cross section: 0.5 mm2 - 10 mm2, mounting type: for snapping onto a DIN rail adapter, Direct mounting with flange, Free-hanging, color: blue/white

Your advantages
• Space savings of up to 50% on the DIN rail, thanks to transverse mounting
• Time savings of up to 80%, thanks to ready-to-mount blocks without manual bridging
• Time-saving conductor connection, thanks to tool-free Push-in direct connection technology
• Clear wiring, thanks to eleven different color variants
• Flexible use, thanks to DIN rail mounting, direct mounting or adhesive mounting




Similar Part No. - 1091672

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
109167 ERNI-109167 Datasheet
44Kb / 1P
MiniMez Vertical Male SMT
logo
PHOENIX CONTACT
1091670 PHOENIX-1091670 Datasheet
640Kb / 27P
Distribution block - PTFIX 6/18X2,5 GNYE
Sep 8, 2022
1091671 PHOENIX-1091671 Datasheet
641Kb / 27P
Distribution block - PTFIX 6/12X2,5 GNYE
Sep 8, 2022
1091673 PHOENIX-1091673 Datasheet
724Kb / 32P
Distribution block - PTFIX 6/18X2,5 BUWH
Jun 2, 2022
1091674 PHOENIX-1091674 Datasheet
744Kb / 30P
Distribution block - PTFIX 6/6X2,5 BUWH
Sep 8, 2022
More results


Similar Description - 1091672

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1091673 PHOENIX-1091673 Datasheet
724Kb / 32P
Distribution block - PTFIX 6/18X2,5 BUWH
Jun 2, 2022
3273352 PHOENIX-3273352 Datasheet
710Kb / 32P
Distribution block - PTFIX 6/12X2,5 GY
Jun 2, 2022
3273354 PHOENIX-3273354 Datasheet
711Kb / 32P
Distribution block - PTFIX 6/12X2,5 BU
Jun 2, 2022
3273360 PHOENIX-3273360 Datasheet
710Kb / 32P
Distribution block - PTFIX 6/12X2,5 GN
Jun 2, 2022
3273366 PHOENIX-3273366 Datasheet
709Kb / 32P
Distribution block - PTFIX 6/12X2,5 BK
Jun 2, 2022
3273358 PHOENIX-3273358 Datasheet
715Kb / 32P
Distribution block - PTFIX 6/12X2,5 YE
Jun 22, 2022
3273362 PHOENIX-3273362 Datasheet
711Kb / 32P
Distribution block - PTFIX 6/12X2,5 BN
Jun 13, 2022
3273368 PHOENIX-3273368 Datasheet
710Kb / 31P
Distribution block - PTFIX 6/12X2,5 VT
Jul 20, 2022
1091674 PHOENIX-1091674 Datasheet
744Kb / 30P
Distribution block - PTFIX 6/6X2,5 BUWH
Sep 8, 2022
1091675 PHOENIX-1091675 Datasheet
714Kb / 29P
Distribution block - PTFIX 6X2,5 BUWH
Sep 8, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com