Electronic Components Datasheet Search
  English  ▼

X  

SY88912LMI Datasheet (PDF) - Micrel Semiconductor

SY88912LMI Datasheet PDF - Micrel Semiconductor
Part # SY88912LMI
Download  SY88912LMI Download
File Size   47.32 Kbytes
Page   5 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 3.3V 3.2Gbps SONET/SDH LASER DRIVER

SY88912LMI Datasheet (PDF)

Go To PDF Page Download Datasheet
SY88912LMI Datasheet PDF - Micrel Semiconductor

Part # SY88912LMI
Download  SY88912LMI Click to download

File Size   47.32 Kbytes
Page   5 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 3.3V 3.2Gbps SONET/SDH LASER DRIVER

SY88912LMI Datasheet (HTML) - Micrel Semiconductor


SY88912LMI Product details

DESCRIPTION
The SY88912L is the smallest laser driver with programmable modulation current for SONET/SDH applications up to 3.2Gbps. The device accepts either PECL or CML level data inputs. The SY88912L provides modulation current of up to 60mA for FP (Fabry-Perot) or DFB (Distributed Feedback) laser.

FEATURES
■ Up to 3.2Gbps operation
■ Modulation current to 60mA
■ Rise/Fall times <70PS
■ Single 3.3V power supply
■ Programmable laser modulation current
■ Operating temperature range of –40°C to 85°C
■ Available in tiny 16-pin MLF™ package

APPLICATIONS
■ Fiber optical module
■ Transponder
■ XAUI CWDM
■ SONET/SDH transmission system
■ Add-drop mux
■ Metro area network
■ 2.5Gbps optical transmitter




Similar Part No. - SY88912LMI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88913 MICREL-SY88913 Datasheet
101Kb / 8P
1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88913 MICREL-SY88913 Datasheet
81Kb / 8P
1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88913 MICREL-SY88913 Datasheet
91Kb / 8P
1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88913KC MICREL-SY88913KC Datasheet
101Kb / 8P
1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88913KC MICREL-SY88913KC Datasheet
81Kb / 8P
1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
More results


Similar Description - SY88912LMI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3667 MAXIM-MAX3667 Datasheet
138Kb / 12P
3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
19-1311; Rev 1; 3/98
MAX3668 MAXIM-MAX3668 Datasheet
435Kb / 12P
3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
19-4799; Rev 2; 2/00
logo
Micrel Semiconductor
SY88922 MICREL-SY88922 Datasheet
84Kb / 8P
SDH/SONET 2.5Gbps LASER DIODE DRIVER
SY88952L MICREL-SY88952L Datasheet
60Kb / 7P
3.3V, 2.7Gbps SDH/SONET LASER DRIVER WITH AUTOMATIC POWER CONTROL
SY88922 MICREL-SY88922_06 Datasheet
479Kb / 6P
SDH/SONET 2.5Gbps LASER DIODE DRIVER
SY88932L MICREL-SY88932L Datasheet
49Kb / 5P
3.3V 3.2Gbps SONET/SDH LASER DRIVER WITH OUTPUT DISABLE
SY88932L MICREL-SY88932L_08 Datasheet
196Kb / 7P
3.3V, 4.25Gbps SONET/SDH Laser Driver with Output Disable
SY88922 MICREL-SY88922_11 Datasheet
485Kb / 6P
SDH/SONET 2.5Gbps LASER DIODE DRIVER
SY88932L MICREL-SY88932L_10 Datasheet
171Kb / 7P
3.3V, 4.25Gbps SONET/SDH Laser Driver
logo
Maxim Integrated Produc...
MAX3667 MAXIM-MAX3667_V01 Datasheet
644Kb / 12P
3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
2003
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com