Electronic Components Datasheet Search
  English  ▼

X  

ADUM6402ARWZ Datasheet (PDF) - Analog Devices

ADUM6402ARWZ Datasheet PDF - Analog Devices
Part # ADUM6402ARWZ
Download  ADUM6402ARWZ Download
File Size   470.88 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad-Channel, 5 kV Isolators with Integrated DC-to-DC Converter

ADUM6402ARWZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ADUM6402ARWZ Datasheet PDF - Analog Devices

Part # ADUM6402ARWZ
Download  ADUM6402ARWZ Click to download

File Size   470.88 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad-Channel, 5 kV Isolators with Integrated DC-to-DC Converter

ADUM6402ARWZ Datasheet (HTML) - Analog Devices


ADUM6402ARWZ Product details

GENERAL DESCRIPTION
The ADuM6400/ADuM6401/ADuM6402/ADuM6403/
ADuM64041 are quad-channel digital isolators with isoPower®,
an integrated, isolated dc-to-dc converter. Based on the Analog Devices, Inc., iCoupler® technology, the dc-to-dc converter provides
up to 400 mW of regulated, isolated power at either 5.0 V or
3.3 V from a 5.0 V input supply, or at 3.3 V from a 3.3 V supply
at the power levels shown in Table 1. These devices eliminate
the need for a separate, isolated dc-to-dc converter in low
power, isolated designs. The ADuM6400/ADuM6401/ADuM6402/ADuM6403/
ADuM6404 isolators provide four independent isolation
channels in a variety of channel configurations and data rates
(see the Ordering Guide for more information).
isoPower uses high frequency switching elements to transfer power
through its transformer. Special care must be taken during printed circuit board (PCB) layout to meet emissions standards. See the
AN-0971 Application Note for board layout recommendations.

FEATURES
isoPower integrated, isolated dc-to-dc converter
Regulated 5 V or 3.3 V output Up to 400 mW output power
16-lead SOIC wide body package (RW-16) 16-lead SOIC wide body package with enhanced creepage (RI-16-1)
Quad dc-to-25 Mbps (NRZ) signal isolation channels Schmitt triggered inputs
High temperature operation: 105°C maximum
High common-mode transient immunity: >25 kV/μs
Safety and regulatory approvals (RI-16-1 package) UL recognition
5000 V rms for 1 minute per UL 1577 CSA Component Acceptance Notice 5A (pending)
IEC 60601-1: 250 V rms IEC 60950-1: 400 V rms VDE certificate of conformity DIN V VDE V 0884-10 (VDE V 0884-10):2006-12
VIORM = 846 V peak

APPLICATIONS
RS-232/RS-422/RS-485 transceivers
Medical isolation
AC/DC power supply start-up bias and gate drives
Isolated sensor interfaces




Similar Part No. - ADUM6402ARWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADuM6402ARWZ AD-ADuM6402ARWZ Datasheet
593Kb / 24P
Quad-Channel Isolators with Integrated DC-to-DC Converter
REV. 0
More results


Similar Description - ADUM6402ARWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM5401_VB AD-ADUM5401_VB Datasheet
481Kb / 28P
Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. B
ADUM5401ARWZ-RL AD-ADUM5401ARWZ-RL Datasheet
539Kb / 28P
Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5404ARWZ-RL AD-ADUM5404ARWZ-RL Datasheet
539Kb / 28P
Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5402ARWZ-RL AD-ADUM5402ARWZ-RL Datasheet
539Kb / 28P
Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. C
ADUM5402CRWZ-RL AD-ADUM5402CRWZ-RL Datasheet
539Kb / 28P
Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5401CRWZ-RL AD-ADUM5401CRWZ-RL Datasheet
539Kb / 28P
Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM6201CRWZ AD-ADUM6201CRWZ Datasheet
569Kb / 28P
Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5401WCRWZ-1 AD-ADUM5401WCRWZ-1 Datasheet
539Kb / 24P
Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
4/13-Rev. C to Rev. D
ADUM5402WCRWZ AD-ADUM5402WCRWZ Datasheet
539Kb / 28P
Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5401 AD-ADUM5401_V01 Datasheet
453Kb / 29P
Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com