Electronic Components Datasheet Search
  English  ▼

X  

ADUM6211 Datasheet (PDF) - Analog Devices

ADUM6211 Datasheet PDF - Analog Devices
Part # ADUM6211
Download  ADUM6211 Download
File Size   525.06 Kbytes
Page   23 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual-Channel Isolators with Integrated DC-to-DC Converters

ADUM6211 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADUM6211 Datasheet PDF - Analog Devices

Part # ADUM6211
Download  ADUM6211 Click to download

File Size   525.06 Kbytes
Page   23 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual-Channel Isolators with Integrated DC-to-DC Converters

ADUM6211 Datasheet (HTML) - Analog Devices


ADUM6211 Product details

GENERAL DESCRIPTION
The ADuM6210/ADuM6211/ADuM62121 are dual-channel digital isolators with isoPower®, an integrated, isolated dc-to-
dc converter. Based on the Analog Devices, Inc., iCoupler® technology, the dc-to-dc converter provides regulated, isolated power that is adjustable between 3.135 V and 5.25 V. Input supply voltages can range from slightly below the required output to significantly higher. Popular voltage combinations and their associated power levels are shown in Table 2. The ADuM6210/ADuM6211/ADuM6212 eliminate the need for a separate, isolated dc-to-dc converter in low power, isolated designs. The iCoupler chip-scale transformer technology is used for isolated logic signals and for the magnetic components of the dc-
to-dc converter. The result is a small form factor, total isolation
solution. isoPower uses high frequency switching elements to transfer power through its transformer. Take special care during printed circuit board (PCB) layout to meet emissions standards. See the
AN-0971 Application Note for board layout recommendations.

FEATURES isoPower integrated, isolated dc-to-dc converter Regulated 3.135 V to 5.25 V output
Up to 150 mW output power
Dual dc-to-100 Mbps (NRZ) signal isolation channels Soft start power supply
20-lead SSOP package with 5.3 mm creepage
Supports SPI up to 15 MHz
High temperature operation: 105°C High common-mode transient immunity: >25 kV/μs
Safety and regulatory approvals UL recognition 3750 V rms for 1 minute per UL 1577 CSA Component Acceptance Notice 5A VDE certificate of conformity DIN V VDE V 0884-10 (VDE V 0884-10):2006-12
VIORM = 849 V peak

APPLICATIONS
RS-232 transceivers Power supply start-up bias and gate drives Isolated sensor interfaces
Industrial PLCs




Similar Part No. - ADUM6211

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADuM6211 AD-ADuM6211 Datasheet
532Kb / 24P
Dual-Channel Isolators with Integrated DC-to-DC Converters
REV. 0
ADUM6211 AD-ADUM6211 Datasheet
532Kb / 8P
Evaluation Board User Guide
REV. 0
ADuM6211ARSZ AD-ADuM6211ARSZ Datasheet
532Kb / 24P
Dual-Channel Isolators with Integrated DC-to-DC Converters
REV. 0
ADuM6211ARSZ-RL7 AD-ADuM6211ARSZ-RL7 Datasheet
532Kb / 24P
Dual-Channel Isolators with Integrated DC-to-DC Converters
REV. 0
ADuM6211BRSZ AD-ADuM6211BRSZ Datasheet
532Kb / 24P
Dual-Channel Isolators with Integrated DC-to-DC Converters
REV. 0
More results


Similar Description - ADUM6211

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM5200 AD-ADUM5200 Datasheet
502Kb / 23P
Dual-Channel Isolators with Integrated DC/DC Converter
Rev. PrA
ADUM5200 AD-ADUM5200_08 Datasheet
546Kb / 24P
Dual Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM5210 AD-ADUM5210 Datasheet
555Kb / 24P
Dual-Channel Isolators with Integrated DC-to-DC Converters
REV. 0
ADUM6210 AD-ADUM6210 Datasheet
532Kb / 24P
Dual-Channel Isolators with Integrated DC-to-DC Converters
REV. 0
ADUM5201ARWZ-RL AD-ADUM5201ARWZ-RL Datasheet
486Kb / 28P
Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. B
ADUM5410 AD-ADUM5410 Datasheet
843Kb / 29P
Quad-Channel Isolators with Integrated DC-to-DC Converters
REV. 0
ADUM6410 AD-ADUM6410 Datasheet
874Kb / 29P
Quad-Channel Isolators with Integrated DC-to-DC Converters
REV. 0
ADUM5200 AD-ADUM5200_V01 Datasheet
486Kb / 28P
Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM5210 AD-ADUM5210_V01 Datasheet
527Kb / 23P
Dual-Channel Isolators with Integrated DC-to-DC Converters
Rev. D
ADUM6200 AD-ADUM6200 Datasheet
569Kb / 28P
Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
Rev. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com