Electronic Components Datasheet Search
  English  ▼

X  

ADUM5401 Datasheet (PDF) - Analog Devices

ADUM5401 Datasheet PDF - Analog Devices
Part # ADUM5401
Download  ADUM5401 Download
File Size   453.29 Kbytes
Page   29 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter

ADUM5401 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADUM5401 Datasheet PDF - Analog Devices

Part # ADUM5401
Download  ADUM5401 Click to download

File Size   453.29 Kbytes
Page   29 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter

ADUM5401 Datasheet (HTML) - Analog Devices


ADUM5401 Product details

GENERAL DESCRIPTION
The ADuM5401/ADuM5402/ADuM5403/ADuM54041 are quad-
channel digital isolators with isoPower®, an integrated, isolated dc-
to-dc converter. Based on the Analog Devices, Inc., iCoupler® technology, the dc-to-dc converter provides up to 500 mW of
regulated, isolated power at either 5.0 V or 3.3 V from a 5.0 V input supply, or at 3.3 V from a 3.3 V supply at the power levels shown in Table 1. These devices eliminate the need for a separate, isolated
dc-to-dc converter in low power, isolated designs. The iCoupler
chip scale transformer technology is used to isolate the logic
signals and for the power and feedback paths in the dc-to-dc
converter. The result is a small form factor, total isolation
solution.
The ADuM5401/ADuM5402/ADuM5403/ADuM5404 isolators
provide four independent isolation channels in a variety of
channel configurations and data rates (see the Ordering Guide for more information).
isoPower uses high frequency switching elements to transfer
power through its transformer. Special care must be taken
during printed circuit board (PCB) layout to meet emissions
standards. See the AN-0971 Application Note for board layout recommendations.

FEATURES
isoPower integrated, isolated dc-to-dc converter
Regulated 3.3 V or 5.0 V output
Up to 500 mW output power
Quad dc-to-25 Mbps (NRZ) signal isolation channels 16-lead SOIC package with 7.6 mm creepage High temperature operation: 105°C maximum
High common-mode transient immunity: >25 kV/μs
Safety and regulatory approvals
UL recognition
2500 V rms for 1 minute per UL 1577 CSA Component Acceptance Notice 5A
VDE certificate of conformity IEC 60747-5-2 (VDE 0884, Part 2)
VIORM = 560 V peak CQC certification per GB4943.1-2011

APPLICATIONS
RS-232/RS-422/RS-485 transceivers
Industrial field bus isolation
Power supply start-up bias and gate drives
Isolated sensor interfaces Industrial PLCs




Similar Part No. - ADUM5401

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM5401 AD-ADUM5401 Datasheet
587Kb / 24P
Quad-Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM5401 AD-ADUM5401 Datasheet
481Kb / 28P
Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. B
ADuM5401 AD-ADuM5401 Datasheet
539Kb / 28P
Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5401 AD-ADUM5401 Datasheet
539Kb / 28P
Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. C
ADUM5401 AD-ADUM5401 Datasheet
539Kb / 28P
Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
More results


Similar Description - ADUM5401

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM5401_VB AD-ADUM5401_VB Datasheet
481Kb / 28P
Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. B
ADUM5401ARWZ-RL AD-ADUM5401ARWZ-RL Datasheet
539Kb / 28P
Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5404ARWZ-RL AD-ADUM5404ARWZ-RL Datasheet
539Kb / 28P
Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5201ARWZ-RL AD-ADUM5201ARWZ-RL Datasheet
486Kb / 28P
Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. B
ADUM5402ARWZ-RL AD-ADUM5402ARWZ-RL Datasheet
539Kb / 28P
Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. C
ADUM5402CRWZ-RL AD-ADUM5402CRWZ-RL Datasheet
539Kb / 28P
Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5401CRWZ-RL AD-ADUM5401CRWZ-RL Datasheet
539Kb / 28P
Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5401WCRWZ-1 AD-ADUM5401WCRWZ-1 Datasheet
539Kb / 24P
Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
4/13-Rev. C to Rev. D
ADUM5402WCRWZ AD-ADUM5402WCRWZ Datasheet
539Kb / 28P
Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5200 AD-ADUM5200_V01 Datasheet
486Kb / 28P
Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com