Electronic Components Datasheet Search
  English  ▼

X  

102774 Datasheet (PDF) - PHOENIX CONTACT

102774 Datasheet PDF - PHOENIX CONTACT
Part # 102774
Download  102774 Download
File Size   197.15 Kbytes
Page   3 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Thermal Circuit Breaker

102774 Datasheet (PDF)

Go To PDF Page Download Datasheet
102774 Datasheet PDF - PHOENIX CONTACT

Part # 102774
Download  102774 Click to download

File Size   197.15 Kbytes
Page   3 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Thermal Circuit Breaker

102774 Datasheet (HTML) - PHOENIX CONTACT


102774 Product details

Description
Thermal circuit breaker, can be switched back on again,
very compact, to protect 12 V and 24 V on-board systems
and devices in trucks, buses and commercial vehicles as
well as boats and low-voltage systems in chargers for solar
systems, for example. In contrast to the TCP, the TCP.../
DC32V does not offer the option of switching off the current
circuit manually. The fact that it can be switched back on,
however, increases the availability of the devices and lowvoltage
systems and it is no longer necessary to have replacement
fuses in the vehicle. In addition, errors resulting
from the wrong fuse being used are avoided due to the clear
color coding of the TCP.../DC32V.
The TCP.../DC32V thermal circuit breaker fits in all fuse
holders designed for flat-type fuse inserts in accordance
with ISO 8820-3 (DIN 72581-3). This means that it can be
plugged onto the UK 6-FSI/C... fuse base terminal blocks
with the screw connection technology and on the
ST 4-FSI/C... with the spring-cage connection technology.
Potential distribution can be implemented conveniently for
both terminal types using bridges.




Similar Part No. - 102774

ManufacturerPart #DatasheetDescription
logo
RUKO GmbH Präzisionswe...
102774 RUKO-102774 Datasheet
1Mb / 2P
Taper and deburring countersinkers ULTIMATECUT
02-2017
102774E RUKO-102774E Datasheet
1Mb / 2P
Taper and deburring countersinkers ULTIMATECUT
02-2017
102774EP RUKO-102774EP Datasheet
1Mb / 2P
Taper and deburring countersinkers ULTIMATECUT
02-2017
102774P RUKO-102774P Datasheet
1Mb / 2P
Taper and deburring countersinkers ULTIMATECUT
02-2017
More results


Similar Description - 102774

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1140-F111-P1M1-10A ETC1-1140-F111-P1M1-10A Datasheet
116Kb / 4P
Thermal Overcurrent Circuit Breaker
logo
Schurter Inc.
T9-311C-4A SCHURTER-T9-311C-4A Datasheet
222Kb / 4P
Resettable Thermal Circuit Breaker
TA35-EFCTF005 SCHURTER-TA35-EFCTF005 Datasheet
3Mb / 6P
Thermal Circuit Breaker
logo
ETAL Group
1410-L210-L2F1-S02-5A ETAL-1410-L210-L2F1-S02-5A Datasheet
96Kb / 2P
Thermal Overcurrent Circuit Breaker 1410-L/-G
1115-F111-P1T1 ETAL-1115-F111-P1T1 Datasheet
168Kb / 2P
Single pole thermal reset circuit breaker
logo
Schneider Electric
HGL36070AB SCHNEIDER-HGL36070AB Datasheet
140Kb / 2P
Circuit breaker, PowerPact H, thermal magnetic, Circuit breaker, PowerPact H, thermal magnetic,
Jul 27, 2020
HJA260503 SCHNEIDER-HJA260503 Datasheet
119Kb / 2P
Circuit breaker, PowerPacT H, thermal magnetic, Circuit breaker, PowerPacT H, thermal magnetic, 80% rated
Apr 6, 2021
logo
PHOENIX CONTACT
0700040 PHOENIX-0700040 Datasheet
410Kb / 4P
Thermal device circuit breaker - TCP 40/DC32V
12/09/2015
0712107 PHOENIX-0712107 Datasheet
243Kb / 9P
Thermal device circuit breaker - TCP 0.1A
15.05.2012
100212 PHOENIX-100212 Datasheet
175Kb / 3P
Thermal Circuit Breaker
11/2006
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com