Electronic Components Datasheet Search
  English  ▼

X  

824521171 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

824521171 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 824521171
Download  824521171 Download
File Size   539.31 Kbytes
Page   7 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-TVSP Power TVS Diode

824521171 Datasheet (PDF)

Go To PDF Page Download Datasheet
824521171 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 824521171
Download  824521171 Click to download

File Size   539.31 Kbytes
Page   7 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-TVSP Power TVS Diode

824521171 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


824521171 Product details

General Information:
It is recommended that the temperature of the component does not exceed +150°C under worst
case conditions
Operating Temperature -65 up to +150 °C
Storage Conditions (in original
packaging) < 40 °C ; < 75 % RH
Moisture Sensitivity Level (MSL) 1
Test conditions of Electrical Properties: +20 °C, 33 % RH if not specified differently




Similar Part No. - 824521171

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
824521101 WURTH-824521101 Datasheet
330Kb / 7P
WE-TVSP Power TVS Diode
824521102 WURTH-824521102 Datasheet
330Kb / 7P
WE-TVSP Power TVS Diode
824521111 WURTH-824521111 Datasheet
330Kb / 7P
WE-TVSP Power TVS Diode
824521121 WURTH-824521121 Datasheet
330Kb / 7P
WE-TVSP Power TVS Diode
824521131 WURTH-824521131 Datasheet
330Kb / 7P
WE-TVSP Power TVS Diode
More results


Similar Description - 824521171

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
824500281 WURTH-824500281 Datasheet
409Kb / 7P
WE-TVSP Power TVS Diode
824500600 WURTH-824500600 Datasheet
410Kb / 7P
WE-TVSP Power TVS Diode
824500701 WURTH-824500701 Datasheet
409Kb / 7P
WE-TVSP Power TVS Diode
824500900 WURTH-824500900 Datasheet
409Kb / 7P
WE-TVSP Power TVS Diode
824501111 WURTH-824501111 Datasheet
330Kb / 7P
WE-TVSP Power TVS Diode
824501141 WURTH-824501141 Datasheet
330Kb / 7P
WE-TVSP Power TVS Diode
824501331 WURTH-824501331 Datasheet
330Kb / 7P
WE-TVSP Power TVS Diode
824501401 WURTH-824501401 Datasheet
330Kb / 7P
WE-TVSP Power TVS Diode
824501511 WURTH-824501511 Datasheet
329Kb / 7P
WE-TVSP Power TVS Diode
824520102 WURTH-824520102 Datasheet
409Kb / 7P
WE-TVSP Power TVS Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com