Electronic Components Datasheet Search
  English  ▼

X  

VS-8CSH02HM3 Datasheet (PDF) - Vishay Siliconix

VS-8CSH02HM3 Datasheet PDF - Vishay Siliconix
Part # VS-8CSH02HM3
Download  VS-8CSH02HM3 Download
File Size   132.76 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Hyperfast Rectifier, 2 x 4 A FRED Pt®

VS-8CSH02HM3 Datasheet (PDF)

Go To PDF Page Download Datasheet
VS-8CSH02HM3 Datasheet PDF - Vishay Siliconix

Part # VS-8CSH02HM3
Download  VS-8CSH02HM3 Click to download

File Size   132.76 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Hyperfast Rectifier, 2 x 4 A FRED Pt®

VS-8CSH02HM3 Datasheet (HTML) - Vishay Siliconix


VS-8CSH02HM3 Product details

FEATURES
• Hyperfast recovery time, reduced Qrr, and
soft recovery
• 175 °C maximum operating junction
temperature
• Specified for output and snubber operation
• Low forward voltage drop
• Low leakage current
• Meets MSL level 1, per J-STD-020, LF maximum peak
of 260 °C
• AEC-Q101 qualified, meets JESD 201 class 2 whisker test
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

DESCRIPTION / APPLICATIONS
State of the art hyperfast recovery rectifiers specifically
designed with optimized performance of forward voltage
drop and hyperfast recovery time.
The planar structure and the platinum doped life time control
guarantee the best overall performance, ruggedness, and
reliability characteristics.
These devices are intended for use in snubber, boost,
lighting, piezo-injection, as high frequency rectifiers, and
freewheeling diodes.
The extremely optimized stored charge and low recovery
current minimize the switching losses and reduce power
dissipation in the switching element.

MECHANICAL DATA
Case: SMPC (TO-277A)
Molding compound meets UL 94 V-0 flammability rating
Terminals: matte tin plated leads, solderable per
J-STD-002




Similar Part No. - VS-8CSH02HM3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-8CSH02-M3 VISHAY-VS-8CSH02-M3 Datasheet
122Kb / 7P
Hyperfast Rectifier
26-Nov-14
VS-8CSH02-M3 VISHAY-VS-8CSH02-M3 Datasheet
141Kb / 7P
Hyperfast Rectifier, 2 x 4 A FRED Pt짰
13-Jan-2021
VS-8CSH02-M3 VISHAY-VS-8CSH02-M3_V01 Datasheet
141Kb / 7P
Hyperfast Rectifier, 2 x 4 A FRED Pt짰
13-Jan-2021
More results


Similar Description - VS-8CSH02HM3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
8CWH02FN-M3 VISHAY-8CWH02FN-M3 Datasheet
149Kb / 8P
Hyperfast Rectifier, 2 x 4 A FRED Pt®
31-Mar-11
10CWH02FN-M3 VISHAY-10CWH02FN-M3 Datasheet
148Kb / 8P
Hyperfast Rectifier, 2 x 5 A FRED Pt®
31-Mar-11
VS-8CWH02FN-M3 VISHAY-VS-8CWH02FN-M3 Datasheet
149Kb / 8P
Hyperfast Rectifier, 2 x 4 A FRED Pt®
31-Mar-11
VS-8CWH02FNHM3 VISHAY-VS-8CWH02FNHM3 Datasheet
124Kb / 7P
Hyperfast Rectifier, 2 x 4 A FRED Pt®
02-Aug-12
VS-80CPH03-N3 VISHAY-VS-80CPH03-N3_V01 Datasheet
152Kb / 7P
Hyperfast Rectifier, 2 x 40 A FRED Pt®
27-Nov-2018
VS-CZH6106FP-M3 VISHAY-VS-CZH6106FP-M3_V01 Datasheet
137Kb / 6P
Hyperfast Rectifier, 2 x 30 A FRED Pt®
17-Dec-2020
VS-16CDH02-M3 VISHAY-VS-16CDH02-M3_V01 Datasheet
156Kb / 7P
Hyperfast Rectifier, 2 x 8 A FRED Pt®
21-Jan-2021
VS-16CDH02HM3 VISHAY-VS-16CDH02HM3_V01 Datasheet
159Kb / 7P
Hyperfast Rectifier, 2 x 8 A FRED Pt®
21-Jan-2021
VS-20CDH02-M3 VISHAY-VS-20CDH02-M3_V01 Datasheet
154Kb / 7P
Hyperfast Rectifier, 2 x 10 A FRED Pt®
21-Jan-2021
VS-20CDH02HM3 VISHAY-VS-20CDH02HM3_V01 Datasheet
157Kb / 7P
Hyperfast Rectifier, 2 x 10 A FRED Pt®
21-Jan-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com