Electronic Components Datasheet Search
  English  ▼

X  

LFNH Datasheet (PDF) - Littelfuse

LFNH Datasheet PDF - Littelfuse
Part # LFNH
Download  LFNH Download
File Size   365.35 Kbytes
Page   4 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description LFNH SERIES FUSE BLOCK

LFNH Datasheet (PDF)

Go To PDF Page Download Datasheet
LFNH Datasheet PDF - Littelfuse

Part # LFNH
Download  LFNH Click to download

File Size   365.35 Kbytes
Page   4 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description LFNH SERIES FUSE BLOCK

LFNH Datasheet (HTML) - Littelfuse


LFNH Product details

Description
The LFNH series fuse block is specifically designed for the
Littelfuse SPNH 1500V solar fuse. It meets UL electrical
requirements, is available in multiple case sizes and has an
optional cover to enclose the lugs.
Features/Benefits
• Narrow width increases space savings
• Range of amperages to match all SPNH fuse options

Specifications
Voltage Ratings 1500VDC
Ampere Ratings 200, 400, 630 A
Interrupt Rating 30kA
Termination Type Stud Mount
Base Temp Rating
Approvals UL4248-1
UL4248-19
FILE: E345481 Vol. 2
Environmental RoHS Compliant
Material Fuse Clip: Silver Plated Copper
Spring: Zinc Plated Steel
Mounting Plate: Zinc Plated Steel
Insulator: Ceramic
Flammability Rating UL94 V-0





Similar Description - LFNH

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0920083 PHOENIX-0920083 Datasheet
128Kb / 10P
Fuse modular terminal block
logo
List of Unclassifed Man...
441-R345A-GR ETC2-441-R345A-GR Datasheet
82Kb / 2P
Fuse Block
logo
Littelfuse
178-4205-000 LITTELFUSE-178-4205-000 Datasheet
464Kb / 2P
FH2 Stackable Block Fuse Holder
logo
PHOENIX CONTACT
0911157 PHOENIX-0911157 Datasheet
74Kb / 7P
Fuse terminal block
logo
Littelfuse
LFJ60030FBC LITTELFUSE-LFJ60030FBC Datasheet
1Mb / 4P
LF Series Fuse Block Covers
Rev: 110413
LFJ600603C LITTELFUSE-LFJ600603C Datasheet
1Mb / 16P
LF SERIES FUSE BLOCK TECHNICAL BROCHURE
2012
LFJ1000 LITTELFUSE-LFJ1000 Datasheet
483Kb / 4P
LFJ1000 SERIES SOLAR FUSE BLOCK
Rev: 091719
LFXV150601C LITTELFUSE-LFXV150601C Datasheet
704Kb / 3P
LFXV15 SERIES FUSE BLOCK & COVER
Rev: 120721
logo
PHOENIX CONTACT
UK5-HESI PHOENIX-UK5-HESI Datasheet
200Kb / 5P
Fuse modular terminal block
Dec 19, 2022
logo
Eaton All Rights Reserv...
SD1-D-PV EATON-SD1-D-PV Datasheet
71Kb / 1P
Eaton Bussmann series NH PV fuse block
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com