Electronic Components Datasheet Search
  English  ▼

X  

VFT2080C Datasheet (PDF) - Vishay Siliconix

VFT2080C Datasheet PDF - Vishay Siliconix
Part # VFT2080C
Download  VFT2080C Download
File Size   127.73 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual Trench MOS Barrier Schottky Rectifier

VFT2080C Datasheet (PDF)

Go To PDF Page Download Datasheet
VFT2080C Datasheet PDF - Vishay Siliconix

Part # VFT2080C
Download  VFT2080C Click to download

File Size   127.73 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual Trench MOS Barrier Schottky Rectifier

VFT2080C Datasheet (HTML) - Vishay Siliconix


VFT2080C Product details

FEATURES
• Trench MOS Schottky technology
• Low forward voltage drop, low power losses
• High efficiency operation
• Solder bath temperature 275 °C max. 10 s,
per JESD 22-B106
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

TYPICAL APPLICATIONS
For use in high frequency DC/DC converters, switching
power supplies, freewheeling diodes, OR-ing diode, and
reverse battery protection.

MECHANICAL DATA
Case: ITO-220AB
Molding compound meets UL 94 V-0 flammability rating
Base P/N-M3 - halogen-free, RoHS-compliant, and
commercial grade
Terminals: matte tin plated leads, solderable per
J-STD-002 and JESD 22-B102
M3 suffix meets JESD 201 class 1A whisker test
Polarity: as marked
Mounting Torque: 10 in-lbs maximum




Similar Part No. - VFT2080C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VFT2080C VISHAY-VFT2080C Datasheet
79Kb / 4P
Dual Trench MOS Barrier Schottky Rectifier
18-Nov-10
VFT2080C-E3 VISHAY-VFT2080C-E3 Datasheet
163Kb / 6P
Dual Trench MOS Barrier Schottky Rectifier
11-Sep-13
VFT2080C-E3 VISHAY-VFT2080C-E3 Datasheet
158Kb / 6P
Dual Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.52 V at IF = 5 A
14-Dec-16
VFT2080C-E3 VISHAY-VFT2080C-E3 Datasheet
204Kb / 6P
Dual Trench MOS Barrier Schottky Rectifier
16-Mar-18
VFT2080C-E3/4W VISHAY-VFT2080C-E3/4W Datasheet
148Kb / 5P
Dual Trench MOS Barrier Schottky Rectifier
08-Sep-09
More results


Similar Description - VFT2080C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VBT4060C VISHAY-VBT4060C Datasheet
81Kb / 4P
Dual Trench MOS Barrier Schottky Rectifier
07-Dec-10
VFT4060C VISHAY-VFT4060C Datasheet
79Kb / 4P
Dual Trench MOS Barrier Schottky Rectifier
07-Dec-10
VT3080C VISHAY-VT3080C Datasheet
131Kb / 5P
Dual Trench MOS Barrier Schottky Rectifier
23-Mar-11
V20WM100C-M3 VISHAY-V20WM100C-M3 Datasheet
121Kb / 5P
Dual Trench MOS Barrier Schottky Rectifier
04-Dec-13
V15W60C-M3 VISHAY-V15W60C-M3 Datasheet
123Kb / 5P
Dual Trench MOS Barrier Schottky Rectifier
04-Dec-13
V12W60C-M3 VISHAY-V12W60C-M3 Datasheet
123Kb / 5P
Dual Trench MOS Barrier Schottky Rectifier
04-Dec-13
V30D60C VISHAY-V30D60C Datasheet
123Kb / 6P
Dual Trench MOS Barrier Schottky Rectifier
09-Dec-13
VT3080C VISHAY-VT3080C_15 Datasheet
166Kb / 5P
Dual Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.46 V at IF = 5 A
25-Oct-13
V30DL50C-M3 VISHAY-V30DL50C-M3 Datasheet
128Kb / 6P
Dual Trench MOS Barrier Schottky Rectifier
13-Dec-13
logo
Unisonic Technologies
TGBR30L45C UTC-TGBR30L45C Datasheet
153Kb / 3P
DUAL TRENCH MOS SCHOTTKY BARRIER RECTIFIER
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com