Electronic Components Datasheet Search
  English  ▼

X  

V40PW45C Datasheet (PDF) - Vishay Siliconix

V40PW45C Datasheet PDF - Vishay Siliconix
Part # V40PW45C
Download  V40PW45C Download
File Size   143.05 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Current Density Surface-Mount TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.33 V at IF = 5 A

V40PW45C Datasheet (PDF)

Go To PDF Page Download Datasheet
V40PW45C Datasheet PDF - Vishay Siliconix

Part # V40PW45C
Download  V40PW45C Click to download

File Size   143.05 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Current Density Surface-Mount TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.33 V at IF = 5 A

V40PW45C Datasheet (HTML) - Vishay Siliconix


V40PW45C Product details

FEATURES
• Very low profile - typical height of 1.3 mm
• Trench MOS Schottky technology
• Ideal for automated placement
• Low forward voltage drop, low power losses
• High efficiency operation
• Meets MSL level 1, per J-STD-020,
LF maximum peak of 260 °C
• AEC-Q101 qualified available
- Automotive ordering code: base P/NHM3
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

TYPICAL APPLICATIONS
For use in low voltage high frequency DC/DC converters,
freewheeling diodes, and polarity protection applications.

MECHANICAL DATA
Case: SlimDPAK (TO-252AE)
Molding compound meets UL 94 V-0 flammability rating
Base P/N-M3 - halogen-free, RoHS-compliant
Base P/NHM3 - halogen-free, RoHS-compliant, and
AEC-Q101 qualified
Terminals: matte tin plated leads, solderable per
J-STD-002 and JESD 22-B102
M3 and HM3 suffix meets JESD 201 class 2 whisker test




Similar Part No. - V40PW45C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V40PW45C VISHAY-V40PW45C Datasheet
123Kb / 5P
High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
21-Dec-15
V40PW45C-M3/I VISHAY-V40PW45C-M3/I Datasheet
123Kb / 5P
High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
21-Dec-15
V40PW45CHM3/I VISHAY-V40PW45CHM3/I Datasheet
123Kb / 5P
High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
21-Dec-15
More results


Similar Description - V40PW45C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V10P6-M3 VISHAY-V10P6-M3 Datasheet
95Kb / 5P
High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.35 V at IF = 5 A
04-May-15
V35PW12 VISHAY-V35PW12 Datasheet
122Kb / 5P
High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.40 V at IF = 5 A
01-Jun-17
V35PW15 VISHAY-V35PW15 Datasheet
122Kb / 5P
High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.50 V at IF = 5 A
01-Jun-17
V35PWM10 VISHAY-V35PWM10 Datasheet
123Kb / 5P
High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.41 V at IF = 5 A
01-Jun-17
V35PWM15 VISHAY-V35PWM15 Datasheet
121Kb / 5P
High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.50 V at IF = 5 A
01-Jun-17
V35PWM45 VISHAY-V35PWM45 Datasheet
121Kb / 5P
High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.33 V at IF = 5 A
01-Jun-17
V35PWM60 VISHAY-V35PWM60 Datasheet
121Kb / 5P
High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.35 V at IF = 5 A
01-Jun-17
V40PW12C VISHAY-V40PW12C Datasheet
121Kb / 5P
High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.49 V at IF = 5 A
01-Jun-17
V40PWM10C VISHAY-V40PWM10C Datasheet
121Kb / 5P
High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.46 V at IF = 5 A
01-Jun-17
V40PWM12C VISHAY-V40PWM12C Datasheet
121Kb / 5P
High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.50 V at IF = 5 A
01-Jun-17
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com