Electronic Components Datasheet Search
  English  ▼

X  

V20202C Datasheet (PDF) - Vishay Siliconix

V20202C Datasheet PDF - Vishay Siliconix
Part # V20202C
Download  V20202C Download
File Size   207.93 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.59 V at IF = 5 A

V20202C Datasheet (PDF)

Go To PDF Page Download Datasheet
V20202C Datasheet PDF - Vishay Siliconix

Part # V20202C
Download  V20202C Click to download

File Size   207.93 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.59 V at IF = 5 A

V20202C Datasheet (HTML) - Vishay Siliconix


V20202C Product details

FEATURES
• Trench MOS Schottky technology Gen 2
• Low forward voltage drop, low power losses
• High efficiency operation
• Meets MSL level 1, per J-STD-020, LF maximum
peak of 245 °C (for TO-263AB package)
• Solder bath temperature 275 °C maximum, 10 s,
per JESD 22-B106 (for TO-220AB, ITO-220-AB, and
TO-262AA package)
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

TYPICAL APPLICATIONS
For use in high frequency DC/DC converters, switching
power supplies, freewheeling diodes, OR-ing diode, and
reverse battery protection.

MECHANICAL DATA
Case: TO-220AB, ITO-220AB, TO-263AB, and TO-262AA
Molding compound meets UL 94 V-0 flammability rating
Base P/N-M3 - halogen-free, RoHS-compliant, and
commercial grade
Terminals: matte tin plated leads, solderable per
J-STD-002 and JESD 22-B102
M3 suffix meets JESD 201 class 1A whisker test
Polarity: as marked
Mounting Torque: 10 in-lbs max.




Similar Part No. - V20202C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V20202C VISHAY-V20202C Datasheet
168Kb / 6P
Dual High Voltage Trench MOS Barrier Schottky Rectifier
31-Oct-14
logo
Inchange Semiconductor ...
V20202C ISC-V20202C Datasheet
230Kb / 2P
Schottky Barrier Diode
logo
Vishay Siliconix
V20202C VISHAY-V20202C_15 Datasheet
157Kb / 5P
Dual High Voltage Trench MOS Barrier Schottky Rectifier
31-Oct-14
More results


Similar Description - V20202C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V10150S VISHAY-V10150S Datasheet
166Kb / 5P
High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.59 V at IF = 5 A
19-May-08
V20150C VISHAY-V20150C Datasheet
168Kb / 5P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.59 V at IF = 5 A
19-May-08
V30200C VISHAY-V30200C Datasheet
158Kb / 5P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.526 V at IF = 5 A
31-Jul-08
V40100G VISHAY-V40100G Datasheet
167Kb / 5P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.42 V at IF = 5 A
19-May-08
V40100PG VISHAY-V40100PG_08 Datasheet
106Kb / 5P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.420 V at IF = 5 A
26-May-08
V50100P VISHAY-V50100P_08 Datasheet
103Kb / 4P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.375 V at IF = 5 A
26-May-08
V10150S VISHAY-V10150S_15 Datasheet
156Kb / 5P
High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.59 V at IF = 5 A
13-Aug-13
VB10150S-M3 VISHAY-VB10150S-M3 Datasheet
86Kb / 4P
High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.59 V at IF = 5.0 A
30-Aug-13
V20150C-E3 VISHAY-V20150C-E3 Datasheet
161Kb / 6P
Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.59 V at IF = 5 A
13-Dec-16
VB20150C-M3 VISHAY-VB20150C-M3 Datasheet
89Kb / 4P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.59 V at IF = 5.0 A
30-Aug-13
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com