Electronic Components Datasheet Search
  English  ▼

X  

ADUM4471CRIZ Datasheet (PDF) - Analog Devices

ADUM4471CRIZ Datasheet PDF - Analog Devices
Part # ADUM4471CRIZ
Download  ADUM4471CRIZ Download
File Size   630.41 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Isolated Switching Regulator with Quad-Channel Isolators

ADUM4471CRIZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ADUM4471CRIZ Datasheet PDF - Analog Devices

Part # ADUM4471CRIZ
Download  ADUM4471CRIZ Click to download

File Size   630.41 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Isolated Switching Regulator with Quad-Channel Isolators

ADUM4471CRIZ Datasheet (HTML) - Analog Devices


ADUM4471CRIZ Product details

GENERAL DESCRIPTION
The ADuM4470/ADuM4471/ADuM4472/ADuM4473/
ADuM44741 are quad-channel, digital isolators with a regu- lated dc-to-dc isolated power supply controller and an internal MOSFET driver. The dc-to-dc controller has an internal isolated
PWM feedback from the secondary side, based on the iCoupler®
chip scale transformer technology and complete loop compen-
sation. This eliminates the need to use an optocoupler for
feedback and compensates the loop for stability.
The ADuM447x isolators provide a more stable output voltage
and higher efficiency compared to unregulated isolated dc- to-dc power supplies. The fully integrated feedback and loop
compensation in a wide-body SOIC package provide a smaller
form factor and 8.3 mm creepage distance solution.
The regulated feedback provides a relatively flat efficiency curve
over the full output power range. The ADuM447x enable a dc-
to-dc converter with a 3.3 V to 24 V isolated output voltage
range from either a 5.0 V or a 3.3 V input voltage, with an
output power of up to 2.5 W. The ADuM447x isolators provide four independent isolation
channels in a variety of channel configurations and data rates.
(The x in ADuM447x throughout this data sheet stands for the
ADuM4470/ADuM4471/ADuM4472/ADuM4473/ADuM4474.)

FEATURES
Isolated PWM feedback with built in compensation
Primary side transformer driver for up to 2.5 W output
power with 5 V input voltage
Regulated adjustable output: 3.3 V to 24 V Up to 80% efficiency
Quad dc-to-25 Mbps (NRZ) signal isolation channels 200 kHz to 1 MHz adjustable oscillator
Soft start function at power-up
Pulse-by-pulse overcurrent protection
Thermal shutdown 5000 V rms isolation
High common-mode transient immunity: >25 kV/μs
20-lead SOIC package with 8.3 mm creepage High temperature operation: 105°C

APPLICATIONS
Power supply start-up bias and gate drives
Isolated sensor interfaces Process controls RS-232/RS-422/RS-485 transceivers




Similar Part No. - ADUM4471CRIZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADuM4471CRIZ AD-ADuM4471CRIZ Datasheet
750Kb / 36P
Isolated Switching Regulator with Quad-Channel Isolators
REV. 0
ADuM4471CRIZ-RL AD-ADuM4471CRIZ-RL Datasheet
750Kb / 36P
Isolated Switching Regulator with Quad-Channel Isolators
REV. 0
More results


Similar Description - ADUM4471CRIZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1410 AD-ADUM1410_07 Datasheet
600Kb / 24P
Quad-Channel Digital Isolators
Rev. G
ADUM4470 AD-ADUM4470 Datasheet
750Kb / 36P
Isolated Switching Regulator with Quad-Channel Isolators
REV. 0
ADUM1402ARWZ-RL AD-ADUM1402ARWZ-RL Datasheet
490Kb / 32P
Quad-Channel Digital Isolators
Rev. H
ADUM1400CRWZ-RL AD-ADUM1400CRWZ-RL Datasheet
490Kb / 32P
Quad-Channel Digital Isolators
Rev. H
ADUM1401WSRWZ-RL AD-ADUM1401WSRWZ-RL Datasheet
490Kb / 32P
Quad-Channel Digital Isolators
Rev. H
ADUM1400CRW-RL AD-ADUM1400CRW-RL Datasheet
490Kb / 32P
Quad-Channel Digital Isolators
Rev. H
ADUM1400 AD-ADUM1400_15 Datasheet
578Kb / 32P
Quad-Channel Digital Isolators
Rev. I
ADUM1401 AD-ADUM1401_15 Datasheet
578Kb / 32P
Quad-Channel Digital Isolators
Rev. I
ADUM1402 AD-ADUM1402_15 Datasheet
578Kb / 32P
Quad-Channel Digital Isolators
Rev. I
ADUM2401 AD-ADUM2401_15 Datasheet
417Kb / 24P
Quad-Channel Digital Isolators
Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com