Electronic Components Datasheet Search
  English  ▼

X  

ADUM3472 Datasheet (PDF) - Analog Devices

ADUM3472 Datasheet PDF - Analog Devices
Part # ADUM3472
Download  ADUM3472 Download
File Size   793.84 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description PWM Controller and Transformer Driver with Quad-Channel Isolators

ADUM3472 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADUM3472 Datasheet PDF - Analog Devices

Part # ADUM3472
Download  ADUM3472 Click to download

File Size   793.84 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description PWM Controller and Transformer Driver with Quad-Channel Isolators

ADUM3472 Datasheet (HTML) - Analog Devices


ADUM3472 Product details

GENERAL DESCRIPTION
The ADuM3470/ADuM3471/ADuM3472/ADuM3473/ ADuM3474 devices1 are quad-channel digital isolators with an integrated PWM controller and transformer driver for an isolated dc-to-dc converter. Based on the Analog Devices, Inc., iCoupler® technology, the dc-to-dc converter provides up to 2 W of regulated, isolated power at 3.3 V to 24 V from a 5.0 V input supply or from a 3.3 V supply. This eliminates the need for a separate, isolated dc-to-dc converter in 2 W isolated designs. The iCoupler chip scale transformer technology is used to isolate the logic signals, and the integrated transformer driver with isolated secondary side control provides higher efficiency for the isolated dc-to-dc converter. The result is a small form factor, total isolation solution. The ADuM347x isolators provide four independent isolation channels in a variety of channel configurations and data rates (see the Ordering Guide).

FEATURES
Isolated PWM controller
Integrated transformer driver
Regulated adjustable output: 3.3 V to 24 V
2 W output power
70% efficiency at guaranteed load of 400 mA at 5.0 V output
Quad dc-to-25 Mbps (NRZ) signal isolation channels
20-lead SSOP package
High temperature operation: 105°C maximum
High common-mode transient immunity: >25 kV/μs
200 kHz to 1 MHz adjustable oscillator frequency
Soft start function at power-up
Pulse-by-pulse overcurrent protection
Thermal shutdown
Safety and regulatory approvals
UL recognition: 2500 V rms for 1 minute per UL 1577
CSA Component Acceptance Notice #5A
VDE certificate of conformity
DIN V VDE V 0884-10 (VDE V 0884-10):2006-12
VIORM = 560 V peak
Qualified for automotive applications

APPLICATIONS
RS-232/RS-422/RS-485 transceivers
Industrial field bus isolation
Power supply start-up bias and gate drives
Isolated sensor interfaces
Process controls
Automotive




Similar Part No. - ADUM3472

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM3472 AD-ADUM3472 Datasheet
584Kb / 32P
PWM Controller and Transformer Driver with Quad-Channel Isolators
Rev. 0
ADUM3472 AD-ADUM3472 Datasheet
660Kb / 16P
iCoupler ADuM347x Quad-Channel Isolators with Integrated Transformer Driver Evaluation Board
Rev. 0
ADUM3472ARSZ AD-ADUM3472ARSZ Datasheet
584Kb / 32P
PWM Controller and Transformer Driver with Quad-Channel Isolators
Rev. 0
ADUM3472CRSZ AD-ADUM3472CRSZ Datasheet
584Kb / 32P
PWM Controller and Transformer Driver with Quad-Channel Isolators
Rev. 0
More results


Similar Description - ADUM3472

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1410 AD-ADUM1410_07 Datasheet
600Kb / 24P
Quad-Channel Digital Isolators
Rev. G
ADUM3470 AD-ADUM3470 Datasheet
584Kb / 32P
PWM Controller and Transformer Driver with Quad-Channel Isolators
Rev. 0
ADUM1402ARWZ-RL AD-ADUM1402ARWZ-RL Datasheet
490Kb / 32P
Quad-Channel Digital Isolators
Rev. H
ADUM1400CRWZ-RL AD-ADUM1400CRWZ-RL Datasheet
490Kb / 32P
Quad-Channel Digital Isolators
Rev. H
ADUM1401WSRWZ-RL AD-ADUM1401WSRWZ-RL Datasheet
490Kb / 32P
Quad-Channel Digital Isolators
Rev. H
ADUM1400CRW-RL AD-ADUM1400CRW-RL Datasheet
490Kb / 32P
Quad-Channel Digital Isolators
Rev. H
ADUM1400 AD-ADUM1400_15 Datasheet
578Kb / 32P
Quad-Channel Digital Isolators
Rev. I
ADUM1401 AD-ADUM1401_15 Datasheet
578Kb / 32P
Quad-Channel Digital Isolators
Rev. I
ADUM1402 AD-ADUM1402_15 Datasheet
578Kb / 32P
Quad-Channel Digital Isolators
Rev. I
ADUM2401 AD-ADUM2401_15 Datasheet
417Kb / 24P
Quad-Channel Digital Isolators
Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com