Electronic Components Datasheet Search
  English  ▼

X  

ADUM3220 Datasheet (PDF) - Analog Devices

ADUM3220 Datasheet PDF - Analog Devices
Part # ADUM3220
Download  ADUM3220 Download
File Size   859.21 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Isolated, 4 A Dual-Channel Gate Driver

ADUM3220 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADUM3220 Datasheet PDF - Analog Devices

Part # ADUM3220
Download  ADUM3220 Click to download

File Size   859.21 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Isolated, 4 A Dual-Channel Gate Driver

ADUM3220 Datasheet (HTML) - Analog Devices


ADUM3220 Product details

GENERAL DESCRIPTION
The ADuM3220/ADuM32211 are isolated, 4 A dual-channel gate drivers based on the Analog Devices, Inc., iCoupler® technology.
Combining high speed CMOS and monolithic transformer technol-
ogy, these isolation components provide outstanding performance
characteristics superior to the alternatives, such as the combination of pulse transformers and gate drivers. The ADuM3220/ADuM3221 provide digital isolation in two
independent isolation channels. They have a maximum
propagation delay of 60 ns and 5 ns channel-to-channel matching.
In comparison to gate drivers that employ high voltage level
translation method-ologies, the ADuM3220/ADuM3221 offer the benefit of true, galvanic isolation between the input and
each output, enabling voltage translation across the isolation barrier. The ADuM3220 has shoot-through protection logic, which prevents both outputs from being on at the same time, whereas the ADuM3221 allows both outputs to be on at the same time. Both parts offer a default output low characteristic as required for gate drive applications. The ADuM3220/ADuM3221 operate with an input supply voltage ranging from 3.0 V to 5.5 V, providing compatibility with lower
voltage systems. The outputs of the ADuM3220A/ADuM3221A
can be operated at supply voltages from 4.5 V to 18 V. The outputs of the ADuM3220B/ADuM3221B can be operated at supply voltages from 7.6 V to 18 V. The junction temperature of the ADuM3220/ADuM3221 is
specified from −40°C to +125°C.

FEATURES 4 A peak output current
Precise timing characteristics 60 ns maximum isolator and driver propagation delay
5 ns maximum channel-to-channel matching
High junction temperature operation: 125°C 3.3 V to 5 V input logic
4.5 V to 18 V output drive UVLO at 2.5 V VDD1
ADuM3220A/ADuM3221A UVLO at 4.1 V VDD2
ADuM3220B/ADuM3221B UVLO at 7.0 V VDD2
Thermal shutdown protection at >150°C Output shoot-through logic protection on the ADuM3220
Default low output
High frequency operation: dc to 1 MHz
CMOS input logic levels High common-mode transient immunity: >25 kV/μs
Enhanced system-level ESD performance per IEC 61000-4-x Safety and regulatory approvals
UL recognition 2500 V rms for 1 minute per UL 1577 CSA Component Acceptance Notice #5A VDE certificate of conformity DIN V VDE V 0884-10 (VDE V 0884-10):2006-12
VIORM = 560 V peak Small footprint and low profile
Narrow body, RoHS-compliant, 8-lead SOIC
5 mm × 6 mm × 1.6 mm Qualified for automotive applications

APPLICATIONS
Isolated synchronous dc-to-dc converters
MOSFET/IGBT gate drivers




Similar Part No. - ADUM3220

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM3220 AD-ADUM3220 Datasheet
664Kb / 16P
4 A Dual-Channel Gate Driver
REV. 0
ADUM3220 AD-ADUM3220 Datasheet
738Kb / 4P
Digital Isolator Product Selection and Resource Guide
ADuM3220 AD-ADuM3220 Datasheet
614Kb / 16P
Isolated, 4 A Dual-Channel Gate Driver
REV. C
ADuM3220ARZ AD-ADuM3220ARZ Datasheet
664Kb / 16P
4 A Dual-Channel Gate Driver
REV. 0
ADuM3220ARZ AD-ADuM3220ARZ Datasheet
614Kb / 16P
Isolated, 4 A Dual-Channel Gate Driver
REV. C
More results


Similar Description - ADUM3220

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM3220 AD-ADUM3220 Datasheet
664Kb / 16P
4 A Dual-Channel Gate Driver
REV. 0
ADUM3220BRZ AD-ADUM3220BRZ Datasheet
614Kb / 16P
Isolated, 4 A Dual-Channel Gate Driver
REV. C
logo
Texas Instruments
UCC21520 TI1-UCC21520 Datasheet
1Mb / 45P
Isolated Dual-Channel Gate Driver
UCC21225A TI1-UCC21225A Datasheet
1Mb / 45P
4-A, 6-A, 2.5-kVRMS Isolated Dual-Channel Gate Driver in LGA
UCC21220 TI1-UCC21220 Datasheet
724Kb / 39P
4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver
UCC21520-Q1 TI1-UCC21520-Q1 Datasheet
1Mb / 47P
4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver for Automotive
UCC21520-Q1 TI1-UCC21520-Q1_18 Datasheet
2Mb / 50P
4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver for Automotive
UCC21220 TI1-UCC21220_18 Datasheet
1Mb / 43P
UCC21220A 4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver
logo
STMicroelectronics
STGAP2HD STMICROELECTRONICS-STGAP2HD Datasheet
803Kb / 24P
Galvanically isolated 4 A dual gate driver
Rev 2 - September 2022
logo
BASIC SEMICONDUCTOR
BTD21520 BASICSEMI-BTD21520 Datasheet
642Kb / 19P
Dual-Channel Isolated Gate Driver
Rev.0.0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com