Electronic Components Datasheet Search
  English  ▼

X  

NT7108D Datasheet (PDF) - Neotec Semiconductor Ltd.

NT7108D Datasheet PDF - Neotec Semiconductor Ltd.
Part # NT7108D
Download  NT7108D Download
File Size   354.76 Kbytes
Page   24 Pages
Manufacturer  NEOTEC [Neotec Semiconductor Ltd.]
Direct Link  http://www.neotec.com.tw/
Logo NEOTEC - Neotec Semiconductor Ltd.
Description LCD driver

NT7108D Datasheet (PDF)

Go To PDF Page Download Datasheet
NT7108D Datasheet PDF - Neotec Semiconductor Ltd.

Part # NT7108D
Download  NT7108D Click to download

File Size   354.76 Kbytes
Page   24 Pages
Manufacturer  NEOTEC [Neotec Semiconductor Ltd.]
Direct Link  http://www.neotec.com.tw/
Logo NEOTEC - Neotec Semiconductor Ltd.
Description LCD driver

NT7108D Datasheet (HTML) - Neotec Semiconductor Ltd.


NT7108D Product details

INTRODUCTION
The NT7108 is a LCD driver LSI with 64 channel outputs for dot matrix liquid crystal graphic
display systems. This device consists of the display RAM, 64 bits data latch, 64 bit drivers and
decoder logic. It has the internal display RAM for storing the display data transferred from a 8 bit
micro controller and generates the dot matrix liquid crystal driving signals corresponding to stored
data. The NT7108 composed of the liquid crystal display system in combination with the NT7107.

FEATURES
.Dot matrix LCD segment driver with 64 channel output
.Input and output signal
-Input: 8bit parallel display data control signal from MPU divided bias voltage (V0R, V0L,
V2R, V2L, V3R, V3L, V5R, V5L)
-Output: 64 channels for LCD driving.
.Display data is stored in display data RAM from MPU.
.Interface RAM
-Capacity: 512 bytes (4096 bits)
-RAM bit data: RAM bit data = 1: On
RAM bit data = 0: Off
.Applicable LCD duty:1/32-1/64
.LCD driving voltage: 8V-17V(VDD-VEE)
.Power supply voltage:+2.7~+5.5V
.High voltage CMOS process.
.Bare chip, QFP 100L, LQFP 100L




Similar Part No. - NT7108D

ManufacturerPart #DatasheetDescription
logo
Neotec Semiconductor Lt...
NT7108 NEOTEC-NT7108 Datasheet
121Kb / 22P
Dot matrix LCD segment driver with 64 channel output
12/11/2002
NT7108C NEOTEC-NT7108C Datasheet
596Kb / 25P
LCD driver
Rev1.0 2015/08/17
More results


Similar Description - NT7108D

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7582 SANYO-LC7582 Datasheet
378Kb / 9P
LCD Driver
logo
Sony Corporation
CXA3512R SONY-CXA3512R Datasheet
371Kb / 24P
LCD Driver
CXA3562R SONY-CXA3562R Datasheet
340Kb / 24P
LCD Driver
CXA7000R SONY-CXA7000R Datasheet
278Kb / 23P
LCD Driver
CXA3562AR SONY-CXA3562AR Datasheet
348Kb / 24P
LCD Driver
logo
Neotec Semiconductor Lt...
NT7063B NEOTEC-NT7063B Datasheet
313Kb / 11P
LCD Driver
Version 1.3
NT7086PQ NEOTEC-NT7086PQ Datasheet
672Kb / 31P
LCD Driver
Version 1.2
NT7107C NEOTEC-NT7107C Datasheet
547Kb / 21P
LCD driver
Rev1.0 2015/08/17
NT7107D NEOTEC-NT7107D Datasheet
367Kb / 21P
LCD driver
Rev1.0 2015/08/12
NT7108C NEOTEC-NT7108C Datasheet
596Kb / 25P
LCD driver
Rev1.0 2015/08/17
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com