Electronic Components Datasheet Search
  English  ▼

X  

SB340S Datasheet (PDF) - Vishay Siliconix

SB340S Datasheet PDF - Vishay Siliconix
Part # SB340S
Download  SB340S Download
File Size   72.91 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Schottky Barrier Rectifier

SB340S Datasheet (PDF)

Go To PDF Page Download Datasheet
SB340S Datasheet PDF - Vishay Siliconix

Part # SB340S
Download  SB340S Click to download

File Size   72.91 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Schottky Barrier Rectifier

SB340S Datasheet (HTML) - Vishay Siliconix


SB340S Product details

FEATURES
• Very small conduction losses
• Extremely fast switching
• Low forward voltage drop
• High frequency operation
• 20 kV ESD capability
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• Compliant to RoHS directive 2002/95/EC and in
accordance to WEEE 2002/96/EC

TYPICAL APPLICATIONS
For use in low voltage high frequency inverters,
freewheeling, dc-to-dc converters, and polarity protection
applications.

MECHANICAL DATA
Case: DO-204AC (DO-15)
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS compliant, commercial grade
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 1A whisker test
Polarity: Color band denotes the cathode end




Similar Part No. - SB340S

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SB340S EIC-SB340S Datasheet
28Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
logo
Vishay Siliconix
SB340S VISHAY-SB340S Datasheet
98Kb / 4P
Schottky Barrier Rectifier
19-Oct-09
logo
Gulf Semiconductor
SB340S GULFSEMI-SB340S Datasheet
98Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 40V CURRENT: 3.0A
logo
EIC discrete Semiconduc...
SB340S EIC-SB340S Datasheet
44Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
logo
Vishay Siliconix
SB340S VISHAY-SB340S Datasheet
72Kb / 4P
Schottky Barrier Rectifier
19-Oct-09
More results


Similar Description - SB340S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com