Electronic Components Datasheet Search
  English  ▼

X  

GPP60D Datasheet (PDF) - Vishay Siliconix

GPP60D Datasheet PDF - Vishay Siliconix
Part # GPP60D
Download  GPP60D Download
File Size   83.62 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Glass Passivated Junction Plastic Rectifier

GPP60D Datasheet (PDF)

Go To PDF Page Download Datasheet
GPP60D Datasheet PDF - Vishay Siliconix

Part # GPP60D
Download  GPP60D Click to download

File Size   83.62 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Glass Passivated Junction Plastic Rectifier

GPP60D Datasheet (HTML) - Vishay Siliconix


GPP60D Product details

FEATURES
• Glass passivated pallet chip junction
• Low forward voltage drop
• Low leakage current, typical IR less than 0.2 μA
• High forward surge capability
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• AEC-Q101 qualified
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

TYPICAL APPLICATIONS
For use in general purpose rectification of power supplies,
inverters, converters, and freewheeling diodes application.

MECHANICAL DATA
Case: P600, molded epoxy over passivated junction
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS-compliant, commercial grade
Base P/NHE3 - RoHS-compliant, AEC-Q101 qualified
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 1A whisker test, HE3 suffix
meets JESD 201 class 2 whisker test
Polarity: Color band denotes cathode end




Similar Part No. - GPP60D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GPP60D VISHAY-GPP60D Datasheet
52Kb / 2P
Glass Passivated Junction Plastic Rectifiers
16-Mar-04
logo
CHENG-YI ELECTRONIC CO....
GPP60D CHENG-YI-GPP60D Datasheet
113Kb / 2P
GLASS PASSIVATED RECTIFIER
logo
Vishay Siliconix
GPP60D VISHAY-GPP60D Datasheet
70Kb / 4P
Glass Passivated Junction Rectifier
18-Aug-09
logo
Shenzhen Taychipst Elec...
GPP60D TAYCHIPST-GPP60D Datasheet
4Mb / 2P
Glass Passivated Junction Plastic Rectifiers
More results


Similar Description - GPP60D

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
TE150 TRSYS-TE150 Datasheet
105Kb / 2P
GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
TE600A TRSYS-TE600A Datasheet
160Kb / 2P
GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
Shanghai Lunsure Electr...
1N4001G CHENYI-1N4001G Datasheet
140Kb / 2P
GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
Pan Jit International I...
PG4001 PANJIT-PG4001_07 Datasheet
98Kb / 2P
GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
PG5391 PANJIT-PG5391_09 Datasheet
61Kb / 2P
GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
Vishay Siliconix
1N539XGP VISHAY-1N539XGP Datasheet
77Kb / 4P
Glass Passivated Junction Plastic Rectifier
13-Jun-16
1N4001GP VISHAY-1N4001GP_V01 Datasheet
84Kb / 5P
Glass Passivated Junction Plastic Rectifier
26-Jan-2022
1N4245GP VISHAY-1N4245GP_V01 Datasheet
79Kb / 5P
Glass Passivated Junction Plastic Rectifier
06-Oct-2021
GP10-4002 VISHAY-GP10-4002_V01 Datasheet
79Kb / 4P
Glass Passivated Junction Plastic Rectifier
26-Jan-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com