Electronic Components Datasheet Search
  English  ▼

X  

OPB816Z Datasheet (PDF) - OPTEK Technologies

OPB816Z Datasheet PDF - OPTEK Technologies
Part # OPB816Z
Download  OPB816Z Download
File Size   375.07 Kbytes
Page   3 Pages
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies
Description Slotted Optical Switch

OPB816Z Datasheet (PDF)

Go To PDF Page Download Datasheet
OPB816Z Datasheet PDF - OPTEK Technologies

Part # OPB816Z
Download  OPB816Z Click to download

File Size   375.07 Kbytes
Page   3 Pages
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies
Description Slotted Optical Switch

OPB816Z Datasheet (HTML) - OPTEK Technologies


OPB816Z Product details

Description:

The OPB816Z slotted switch consists of an infrared emitting diode and an NPN silicon phototransistor mounted in an opaque housing with clear windows for dust protection. Switching of the phototransistor occurs whenever an opaque object passes through the slot.

The OPB816Z has an 0.61” (15.49 mm) deep slot allowing for a longer reach of the optical center line from the mounting plane. The phototransistor internal apertures are 0.10” x 0.06” (0.25 mm x 1.52 mm) on the sensor side (“S”) and 0.05” x 0.06” (1.27 mm x 1.52 mm) on the emitter side (“E”).



Features:

• 0.20” (5.1 mm) wide gap, 0.61” (15.5 mm) deep slot

• Wire length 24” (609 mm) minimum, 26 AWG

• Dust protection

• Two mounting tabs



Applications:

• Non-contact object sensing

• Assembly line automation

• Machine automation

• Equipment security

• Machine safety




Similar Part No. - OPB816Z

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPB816Z TTELEC-OPB816Z Datasheet
657Kb / 4P
Slotted Optical Switch
OPB816Z TTELEC-OPB816Z Datasheet
456Kb / 3P
Slotted Optical Switch
11/2020
More results


Similar Description - OPB816Z

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
H21A1 QT-H21A1 Datasheet
307Kb / 4P
SLOTTED OPTICAL SWITCH
QVA11123 QT-QVA11123 Datasheet
179Kb / 3P
slotted optical switch
logo
Fairchild Semiconductor
H22A1 FAIRCHILD-H22A1 Datasheet
320Kb / 5P
SLOTTED OPTICAL SWITCH
QVA FAIRCHILD-QVA Datasheet
201Kb / 4P
SLOTTED OPTICAL SWITCH
logo
OPTEK Technologies
OPB202 OPTEK-OPB202 Datasheet
234Kb / 5P
Slotted Optical Switch
1/16
OPB806 OPTEK-OPB806_05 Datasheet
284Kb / 3P
Slotted Optical Switch
logo
TT Electronics.
OPB660N TTELEC-OPB660N Datasheet
692Kb / 3P
Slotted Optical Switch
OPB806 TTELEC-OPB806 Datasheet
650Kb / 4P
Slotted Optical Switch
OPB819Z TTELEC-OPB819Z Datasheet
546Kb / 3P
Slotted Optical Switch
OPB827 TTELEC-OPB827 Datasheet
608Kb / 6P
Slotted Optical Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com