Electronic Components Datasheet Search
  English  ▼

X  

TDA4865AJ Datasheet (PDF) - NXP Semiconductors

TDA4865AJ Datasheet PDF - NXP Semiconductors
Part # TDA4865AJ
Download  TDA4865AJ Download
File Size   119.42 Kbytes
Page   18 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Vertical deflection booster

TDA4865AJ Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA4865AJ Datasheet PDF - NXP Semiconductors

Part # TDA4865AJ
Download  TDA4865AJ Click to download

File Size   119.42 Kbytes
Page   18 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Vertical deflection booster

TDA4865AJ Datasheet (HTML) - NXP Semiconductors


TDA4865AJ Product details

General description
The TDA4865J and TDA4865AJ are deflection boosters for use in vertical deflection
systems for frame frequencies up to 200 Hz.
The TDA4865J needs a separate flyback supply voltage, so the supply voltages are
independently adjustable to optimize power consumption and flyback time.
For the TDA4865AJ the flyback supply voltage will be generated internally by doubling the
supply voltage and therefore a separate flyback supply voltage is not needed.
Both circuits provide differential input stages.

Features
- Power amplifier with differential inputs
- Output current up to 3.8 A (p-p)
- High vertical deflection frequency up to 200 Hz
- High linear sawtooth signal amplification
- Flyback generator:
- TDA4865J: separate adjustable flyback supply voltage up to 70 V
- TDA4865AJ: internally doubled supply voltage (two supply voltages only for
DC-coupled outputs)




Similar Part No. - TDA4865AJ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4865AJ PHILIPS-TDA4865AJ Datasheet
111Kb / 18P
eflection boosters for use in vertical deflection systems for frame frequencies up to 200 Hz.
Rev. 02-3 November 2006
More results


Similar Description - TDA4865AJ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4863J PHILIPS-TDA4863J Datasheet
105Kb / 20P
Vertical deflection booster
2000 Aug 17
logo
STMicroelectronics
STV9379 STMICROELECTRONICS-STV9379 Datasheet
48Kb / 5P
VERTICAL DEFLECTION BOOSTER
Aug-1998
TDA8171 STMICROELECTRONICS-TDA8171 Datasheet
72Kb / 4P
VERTICAL DEFLECTION BOOSTER
Dec-1998
TDA9309 STMICROELECTRONICS-TDA9309 Datasheet
62Kb / 6P
VERTICAL DEFLECTION BOOSTER
Nov-1996
logo
NXP Semiconductors
TDA4864J PHILIPS-TDA4864J Datasheet
79Kb / 16P
Vertical deflection booster
2003 Oct 31
logo
STMicroelectronics
STV9378F STMICROELECTRONICS-STV9378F Datasheet
57Kb / 5P
VERTICAL DEFLECTION BOOSTER
Jul-1994
logo
Unisonic Technologies
T8177 UTC-T8177 Datasheet
182Kb / 5P
VERTICAL DEFLECTION BOOSTER
logo
STMicroelectronics
TDA8177F STMICROELECTRONICS-TDA8177F_05 Datasheet
166Kb / 9P
VERTICAL DEFLECTION BOOSTER
29-Mar-2005
STV9378 STMICROELECTRONICS-STV9378 Datasheet
51Kb / 5P
VERTICAL DEFLECTION BOOSTER
Jul-1994
STV9379A STMICROELECTRONICS-STV9379A_03 Datasheet
159Kb / 6P
VERTICAL DEFLECTION BOOSTER
Sep-2003
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com