Electronic Components Datasheet Search
  English  ▼

X  

SJA1124AHG Datasheet (PDF) - NXP Semiconductors

SJA1124AHG Datasheet PDF - NXP Semiconductors
Part # SJA1124AHG
Download  SJA1124AHG Download
File Size   524.37 Kbytes
Page   54 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Quad LIN master transceiver with LIN master controller

SJA1124AHG Datasheet (PDF)

Go To PDF Page Download Datasheet
SJA1124AHG Datasheet PDF - NXP Semiconductors

Part # SJA1124AHG
Download  SJA1124AHG Click to download

File Size   524.37 Kbytes
Page   54 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Quad LIN master transceiver with LIN master controller

SJA1124AHG Datasheet (HTML) - NXP Semiconductors


SJA1124AHG Product details

General description
The SJA1124 is a quad Local Interconnect Network (LIN) master channel device. Each
of the four channels contains a LIN master controller and LIN transceiver with master
termination. LIN master frames are transferred to the physical LIN bus via the LIN
physical layer. The SJA1124 is primarily intended for in-vehicle subnetworks using
baud rates up to 20 kBd and is compliant with LIN 2.0, LIN 2.1, LIN 2.2, LIN 2.2A,
ISO 17987-4:2016(12 V LIN) and SAE J2602-1.
A Serial Peripheral Interface (SPI) and an interrupt output provide the interface between
the SJA1124 and a microcontroller.
Transmit data streams received on the SPI are converted by the SJA1124 into LIN
master frames transmitted on the LIN bus. The LIN master frames are transmitted as
optimized bus signals shaped to minimize ElectroMagnetic Emission (EME). The LIN bus
output pins are pulled HIGH via internal LIN master termination resistors. Data streams
received on the LIN bus input pins can be read by the microcontroller via the SPI.
Power consumption is very low in Low Power mode. However, the SJA1124 can still be
woken up via the LIN pins and the SPI interface.

Features and benefits
2.1 General
• Four LIN master channels:
– LIN master controller
– LIN transceiver
– LIN master termination consisting of a diode and a 1 kΩ ±10 % resistor
• Compliant with:
– LIN 2.0, LIN 2.1, LIN 2.2, LIN 2.2A
– ISO 17987-3:2016, ISO 17987-4:2016 (12 V LIN)
– SAE J2602-1
• Very low current consumption in Low Power mode with wake-up via SPI or LIN
• Option to control an external voltage regulator via the INHN output
• Bus signal shaping optimized for baud rates up to 20 kBd
• SPI for communicating with the microcontroller:
– SPI used for configuration, control, diagnosis and LIN data transfer
– Flexible SPI length from 3 bytes to 18 bytes
– Output status pin signals SPI operational state
• Interrupt output pin: interrupts can be configured individually
• Facilitates synchronous LIN frame transmission across multiple SJA1124 devices
• VIO input for direct interfacing with 3.3 V and 5 V microcontrollers
• On-chip Phase-Locked Loop (PLL) for LIN master controller
• Passive behavior in unpowered state
• Undervoltage detection
• Leadless DHVQFN24 package (3.5 mm × 5.5 mm) supporting improved Automated
Optical Inspection (AOI) capability
2.2 LIN master controllers
• Independent per LIN channel:
– Baud rate
– Operating mode
– Status and interrupt
• Complete LIN frame handling and transfer
• One interrupt per LIN frame
• Slave response timeout detection
• Programmable break length
• Automatic sync field generation
• Programmable stop bit length
• Hardware parity generation
• Hardware or software checksum generation
• Fault confinement
• Fractional baud rate generator
2.3 Protection
• Excellent ElectroMagnetic Immunity (EMI)
• Very high ESD robustness: ±6 kV according to IEC61000-4-2 for pins LIN1 to LIN4 and
BAT
• Bus terminal and battery pin protected against transients in the automotive environment
(ISO 7637)
• Bus terminal short-circuit proof to battery and ground
• LIN dominant timeout function
• Thermal protection




Similar Part No. - SJA1124AHG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SJA1124AHG NXP-SJA1124AHG Datasheet
629Kb / 54P
Quad LIN commander transceiver with LIN commander controller
Rev. 2 - 26 August 2022
More results


Similar Description - SJA1124AHG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJA1020 PHILIPS-TJA1020 Datasheet
105Kb / 24P
LIN transceiver
2002 Jul 17
logo
ATMEL Corporation
ATA6661 ATMEL-ATA6661 Datasheet
209Kb / 15P
LIN TRANSCEIVER
logo
ON Semiconductor
NCV7380 ONSEMI-NCV7380 Datasheet
92Kb / 14P
LIN Transceiver
May, 2004 ??Rev. P3
logo
AMI SEMICONDUCTOR
AMIS-30600 AMI-AMIS-30600 Datasheet
501Kb / 11P
LIN Transceiver
logo
Melexis Microelectronic...
MLX80001 MELEXIS-MLX80001 Datasheet
861Kb / 28P
4-channel Master LIN Transceiver
logo
ATMEL Corporation
ATA6663 ATMEL-ATA6663_14 Datasheet
747Kb / 19P
LIN Transceiver
ATA664151 ATMEL-ATA664151_14 Datasheet
1Mb / 50P
LIN System Basis Chip with LIN Transceiver
logo
ELMOS Semiconductor AG
E521.50 ELMOS-E521.50 Datasheet
124Kb / 2P
Quad LIN Transceiver
logo
NXP Semiconductors
TJA1124 NXP-TJA1124 Datasheet
275Kb / 23P
Quad LIN master transceiver
SJA1124 NXP-SJA1124_V01 Datasheet
629Kb / 54P
Quad LIN commander transceiver with LIN commander controller
Rev. 2 - 26 August 2022
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com