Electronic Components Datasheet Search
  English  ▼

X  

PN5190 Datasheet (PDF) - NXP Semiconductors

PN5190 Datasheet PDF - NXP Semiconductors
Part # PN5190
Download  PN5190 Download
File Size   2426.83 Kbytes
Page   309 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description NFC frontend

PN5190 Datasheet (PDF)

Go To PDF Page Download Datasheet
PN5190 Datasheet PDF - NXP Semiconductors

Part # PN5190
Download  PN5190 Click to download

File Size   2426.83 Kbytes
Page   309 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description NFC frontend

PN5190 Datasheet (HTML) - NXP Semiconductors


PN5190 Product details

General description
This document describes the functionality and electrical specification of the high-power
NFC-IC PN5190B1, silicon version B1, using firmware or V2.0 or higher.
Additional documents supporting a design-in of the PN5190B1 are available from NXP,
this additional design-in information is not part of this document.
The PN5190B1 supports highly innovative and unique features which do not require any
host controller interaction. These features include dynamic power control (DPC), adaptive
waveform control (AWC), and fully automatic EMD error handling.
The independence of real-time host controller interactions makes this product a good fit
for systems which operate a pre-emptive multitasking OS like Linux or Android.
In this document, the term „MIFARE card“ refers to a contactless card using an IC out
of the MIFARE Classic, MIFARE Plus, MIFARE Ultralight or MIFARE DESFire product
family.

Features and benefits
2.1 RF functionality
• As a highly integrated high performance full NFC Forum-compliant frontend IC for
contactless communication at 13.56 MHz, this NFC frontend IC utilizes an outstanding
modulation and demodulation concept completely integrated for relevant 13.56 MHz
based contactless communication methods and protocols.
PN5190B1 supports communication with all products of the MIFARE product-based
card family including MIFARE Ultralight, MIFARE Classic 1K/4K, MIFARE DESFire
EV1/EV2 and MIFARE Plus cards CRYPTO implemented in hardware for R/W of all
NXP MIFARE product-based cards (includes intellectual-property licensing rights for
NXP ISO/IEC 14443-A, Innovatron ISO/IEC 14443-B, and NXP MIFARE products).
The PN5190B1 frontend IC supports the following RF operating modes:
2.1.1 ISO/IEC14443-A
• Reader/writer mode supporting ISO/IEC 14443-A R/W up to 848 kBit/s
2.1.2 ISO/IEC14443-B
• Reader/writer mode supporting ISO/IEC 14443-B up to 848 kBit/s
2.1.3 FeliCa
• Reader/writer mode supporting FeliCa 212 kBit/s and 424 kBit/s (without crypto)
2.1.4 Tag type reading
• Supports reading of all NFC tag types (type 1, type 2, type 3, type 4A and type 4B, type
5)
2.1.5 MIFARE card reading
• Reader/writer communication mode for the MIFARE card family including MIFARE
Classic
2.1.6 ISO/IEC 15693
• Reader/writer mode supporting ISO/IEC 15693 (ICODE)
• Proprietary data rates based on ISO/IEC15693 with 106 kbit and 212 kbit/s (for NXP
NTAG 5 communication)
2.1.7 ISO/IEC 18000-3 Mode 3
• Reader/writer mode supporting ISO/IEC 18000-3 Mode 3
2.1.8 ISO/IEC 18092
• ISO/IEC 18092 (NFC-IP1)
2.1.9 ISO/IEC 21481
• ISO/IEC 21481 (NFC-IP-2)
2.1.10 Peer to peer
• P2P Passive 106 kbit/s TO 424 kbit/s, Initiator and Target
• P2P Active 106 kbit/s TO 424 kbit/s, Initiator and Target
• Proprietary passive communication for type A up to 848 kbit/s
• Functionality according to ISO/IEC 21481 (NFC-IP-2)
2.1.11 Card emulation
• ISO/IEC4443-A card mode from 106 Kbit/s up to 848 Kbit/s (PICC) with active load
modulation for increased communication range.
2.2 Host interface
• One host interface based on SPI is implemented:
– SPI interface with data rates up to 15 Mbit/s with MOSI, MISO, NSS and SCK signals
– Interrupt request line to inform host controller on events
– Independent TX and RX buffer for RF data with size of 1024 bytes each
2.3 Integrated DC-DC
• The PN5190B1 implements an integrated DC-DC which can be used to supply the
transmitter. Since the supply voltage of the transmitter LDO can be up to 6.0 Volts, this
simplifies the design of the power supply.
A single supply concept for the RF system, e.g. with single 3.3 V supply, is possible
and allows making use of the maximum RF output power by providing a maximum
transmitter supply voltage.
The integrated DC-DC is used by the dynamic power control (DPC) to reduce the
maximum power dissipation of the chip.
The usage of the DC-DC is optional.
For applications making use of the low-power card detection, the DC-DC is available.
For applications using the ultra low-power card detection (ULPCD), the DC-DC cannot
be used.




Similar Part No. - PN5190

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN5190 NXP-PN5190 Datasheet
2Mb / 308P
NFC frontend
PN5190 NXP-PN5190 Datasheet
1Mb / 86P
Instruction layer
Rev. 3.5 - 4 November 2022
PN5190 NXP-PN5190 Datasheet
1Mb / 87P
Instruction layer
Rev. 3.6 - 11 January 2023
PN5190 NXP-PN5190 Datasheet
175Kb / 15P
PN5190 B1 firmware release v02.0B
24 June 2025
PN5190B1 NXP-PN5190B1 Datasheet
2Mb / 342P
NFC frontend
Rev. 3.6 - 15 May 2023
More results


Similar Description - PN5190

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OM25180FDKM NXP-OM25180FDKM Datasheet
3Mb / 149P
High-performance multi-protocol full NFC Forum-compliant frontend
Rev. 3.0-7 October 2016
PN5180A0XX NXP-PN5180A0XX Datasheet
1Mb / 160P
High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
PN5190 NXP-PN5190 Datasheet
2Mb / 308P
NFC frontend
CLRC661 NXP-CLRC661 Datasheet
1Mb / 152P
High performance NFC frontend CLRC661 plus
Rev. 3.7-23 June 2021
OM25180FDK NXP-OM25180FDK Datasheet
1,007Kb / 2P
PN5180 NFC Frontend Development Kit for POS
PN5180A0XX NXP-PN5180A0XX_V01 Datasheet
1Mb / 155P
High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
Rev. 4.1 - 13 March 2023
PN5190B1 NXP-PN5190B1 Datasheet
2Mb / 342P
NFC frontend
Rev. 3.6 - 15 May 2023
PN5190B2 NXP-PN5190B2 Datasheet
2Mb / 341P
NFC frontend
Rev. 3.0 - 15 May 2023
PN5190B2 NXP-PN5190B2_V01 Datasheet
2Mb / 341P
NFC frontend
Rev. 3.1 - 1 June 2023
PN5190B1 NXP-PN5190B1_V01 Datasheet
2Mb / 426P
NFC frontend
Rev. 3.7 - 6 November 2023
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com