Electronic Components Datasheet Search
  English  ▼

X  

PCAL6416AEX1 Datasheet (PDF) - NXP Semiconductors

PCAL6416AEX1 Datasheet PDF - NXP Semiconductors
Part # PCAL6416AEX1
Download  PCAL6416AEX1 Download
File Size   840.48 Kbytes
Page   56 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Low-voltage translating 16-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers

PCAL6416AEX1 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCAL6416AEX1 Datasheet PDF - NXP Semiconductors

Part # PCAL6416AEX1
Download  PCAL6416AEX1 Click to download

File Size   840.48 Kbytes
Page   56 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Low-voltage translating 16-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers

PCAL6416AEX1 Datasheet (HTML) - NXP Semiconductors


PCAL6416AEX1 Product details

General description
The PCAL6416A is a 16-bit general-purpose I/O expander that provides remote I/O
expansion for most microcontroller families via the I2C-bus interface.
NXP I/O expanders provide a simple solution when additional I/Os are needed while
keeping interconnections to a minimum, for example, in battery-powered mobile
applications for interfacing to sensors, push buttons, keypad, etc. In addition to providing
a flexible set of GPIOs, it simplifies interconnection of a processor running at one
voltage level to I/O devices operating at a different (usually higher) voltage level. The
PCAL6416A has built-in level shifting feature that makes these devices extremely flexible
in mixed signal environments where communication between incompatible I/O voltages
is required. Its wide VDD range of 1.65 V to 5.5 V on the dual power rail allows seamless
communications with next-generation low voltage microprocessors and microcontrollers
on the interface side (SDA/SCL) and peripherals at a higher voltage on the port side.
There are two supply voltages for PCAL6416A: VDD(I2C-bus) and VDD(P). VDD(I2Cbus)
provides the supply voltage for the interface at the master side (for example, a
microcontroller) and the VDD(P) provides the supply for core circuits and Port P. The
bidirectional voltage level translation in the PCAL6416A is provided through VDD(I2C-bus).
VDD(I2C-bus) should be connected to the VDD of the external SCL/SDA lines. This indicates
the VDD level of the I2C-bus to the PCAL6416A, while the voltage level on Port P of the
PCAL6416A is determined by the VDD(P).
The PCAL6416A contains the PCA6416A register set of four pairs of 8-bit Configuration,
Input, Output, and Polarity Inversion registers and additionally, the PCAL6416A
has Agile I/O, which are additional features specifically designed to enhance the I/
O. These additional features are: programmable output drive strength, latchable
inputs, programmable pull-up/pull-down resistors, maskable interrupt, interrupt status
register, programmable open-drain or push-pull outputs. The PCAL6416A is a pinto-
pin replacement to the PCA6416A, however, the PCAL6416A powers up with all I/
O interrupts masked. This mask default allows for a board bring-up free of spurious
interrupts at power-up.
At power-on, the I/Os are configured as inputs. However, the system master can enable
the I/Os as either inputs or outputs by writing to the I/O configuration bits. The data for
each input or output is kept in the corresponding input or output register. The polarity of
the Input Port register can be inverted with the Polarity Inversion register, saving external
logic gates. Programmable pull-up and pull-down resistors eliminate the need for discrete
components.
The system master can reset the PCAL6416A in the event of a time-out or other
improper operation by asserting a LOW in the RESET input. The power-on reset puts
the registers in their default state and initializes the I2C-bus/SMBus state machine. The
RESET pin causes the same reset/initialization to occur without depowering the part.
The PCAL6416A open-drain interrupt (INT) output is activated when any input state
differs from its corresponding Input Port register state and is used to indicate to the
system master that an input state has changed.
INT can be connected to the interrupt input of a microcontroller. By sending an interrupt
signal on this line, the remote I/O can inform the microcontroller if there is incoming data
on its ports without having to communicate via the I2C-bus. Thus, the PCAL6416A can
remain a simple slave device. The input latch feature holds or latches the input pin state
and keeps the logic values that created the interrupt until the master can service the
interrupt. This minimizes the host’s interrupt service response for fast moving inputs.
The device Port P outputs have 25 mA sink capabilities for directly driving LEDs while
consuming low device current.
One hardware pin (ADDR) can be used to program and vary the fixed I2C-bus address
and allow up to two devices to share the same I2C-bus or SMBus.

Features and benefits
• I2C-bus to parallel port expander
• Operating power supply voltage range of 1.65 V to 5.5 V
• Allows bidirectional voltage-level translation and GPIO expansion between:
– 1.8 V SCL/SDA and 1.8 V, 2.5 V, 3.3 V or 5 V Port P
– 2.5 V SCL/SDA and 1.8 V, 2.5 V, 3.3 V or 5 V Port P
– 3.3 V SCL/SDA and 1.8 V, 2.5 V, 3.3 V or 5 V Port P
– 5 V SCL/SDA and 1.8 V, 2.5 V, 3.3 V or 5 V Port P
• Low standby current consumption:
– 1.5 μA typical at 5 V VDD
– 1.0 μA typical at 3.3 V VDD
• Schmitt trigger action allows slow input transition and better switching noise immunity
at the SCL and SDA inputs
– Vhys = 0.18 V (typical) at 1.8 V
– Vhys = 0.25 V (typical) at 2.5 V
– Vhys = 0.33 V (typical) at 3.3 V
– Vhys = 0.5 V (typical) at 5 V
• 5 V tolerant I/O ports
• Active LOW reset input (RESET)
• Open-drain active LOW interrupt output (INT)
• 400 kHz Fast-mode I2C-bus
• Internal power-on reset
• Power-up with all channels configured as inputs
• No glitch on power-up
• Noise filter on SCL/SDA inputs
• Latched outputs with 25 mA drive maximum capability for directly driving LEDs
• Latch-up performance exceeds 100 mA per JESD 78, Class II
• ESD protection exceeds JESD 22
– 2000 V Human-Body Model (A114-A)
– 1000 V Charged-Device Model (C101)
• Packages offered: TSSOP24, HWQFN24, VFBGA24, X2QFN24 (LGA, Land Grid
Array)




Similar Part No. - PCAL6416AEX1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCAL6416AEX1 NXP-PCAL6416AEX1 Datasheet
859Kb / 56P
Low-voltage translating 16-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
Rev. 7.1 - 30 August 2022
PCAL6416AEX1Z NXP-PCAL6416AEX1Z Datasheet
859Kb / 56P
Low-voltage translating 16-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
Rev. 7.1 - 30 August 2022
More results


Similar Description - PCAL6416AEX1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA6416 TI-TCA6416 Datasheet
781Kb / 31P
LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416A TI-TCA6416A Datasheet
900Kb / 32P
LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416 TI-TCA6416_10 Datasheet
913Kb / 35P
LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416A TI-TCA6416A_11 Datasheet
909Kb / 34P
LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
logo
NXP Semiconductors
PCAL6408A NXP-PCAL6408A Datasheet
2Mb / 48P
Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
Rev. 2-6 December 2012
PCAL6416A NXP-PCAL6416A Datasheet
2Mb / 54P
Low-voltage translating 16-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
Rev. 3-24 December 2012
logo
Texas Instruments
TCAL6416 TI-TCAL6416 Datasheet
1Mb / 42P
TCAL6416 Low-Voltage Translating, 16-Bit I2C-Bus/SMBus I/O Expander with Interrupt Output, Reset, and Agile I/O Configuration Registers
JUNE 2022
TCAL6416 TI-TCAL6416_V01 Datasheet
1Mb / 43P
TCAL6416 Low-Voltage Translating, 16-Bit I2C-Bus/SMBus I/O Expander with Interrupt Output, Reset, and Agile I/O Configuration Registers
JUNE 2022
TCAL9539 TI-TCAL9539 Datasheet
1Mb / 41P
TCAL9539 Low-Voltage 16-Bit I2C-Bus, SMBus I/O Expander with Interrupt Output, Reset, and Configuration Registers
JULY 2022
logo
NXP Semiconductors
PCAL6416A NXP-PCAL6416A_V02 Datasheet
859Kb / 56P
Low-voltage translating 16-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
Rev. 7.1 - 30 August 2022
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com