Electronic Components Datasheet Search
  English  ▼

X  

PCA9959 Datasheet (PDF) - NXP Semiconductors

PCA9959 Datasheet PDF - NXP Semiconductors
Part # PCA9959_V01
Download  PCA9959 Download
File Size   813.94 Kbytes
Page   57 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 24-channel SPI serial bus 63 mA/5.5 V constant current LED driver

PCA9959 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCA9959 Datasheet PDF - NXP Semiconductors

Part # PCA9959_V01
Download  PCA9959 Click to download

File Size   813.94 Kbytes
Page   57 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 24-channel SPI serial bus 63 mA/5.5 V constant current LED driver

PCA9959 Datasheet (HTML) - NXP Semiconductors


PCA9959 Product details

General description
PCA9959 is a daisy-chain SPI-compatible 4-wire serial bus controlled 24-channel
constant preset current LED driver, optimized for dimming and blinking 63 mA Red/
Green/Blue/Amber (RGBA) LEDs.
Each LED output has its own 6-bit resolution (64 steps) preset current configuration, with
an absolute accuracy of ±8 %.
PCA9959 supports up to four groups of LED gradation control, with each LED channel
assigned to one of the groups. For each group, PCA9959 supports 64-grid brightness
control, with the time duration of each grid adjustable from 2.5 μs to 1 ms. Each LED
output can be off or on, set at its individual preset current value within each grid. Once
gradation control is enabled, PCA9959 automatically changes each LED preset current
with the setup from grid0 to grid63; once finished, it can hold grid63 or repeat from grid0
as configured.
PCA9959 operates with a supply voltage range of 2.7 V to 5.5 V and the constant preset
current sink LED outputs allow up to 5.5 V for the LED supply.
This device has built-in open short load and overtemperature detection circuitry. The
error information from the corresponding register can be read via the 4-wire serial bus.
Additionally, a thermal shutdown feature protects the device when internal junction
temperature exceeds the limit allowed for the process.
The PCA9959 device is designed to use a 4-wire read/write serial bus with higher data
clock frequency (up to 10 MHz).
The OE pin can be used as a synchronization signal to switch on/off several PCA9959
devices at the same time.

Features and benefits
• 24 LED drivers, each output programmable at:
– Off
– On
– 6 bits programmable LED brightness
– Programmable LED output delay to reduce EMI and surge currents
• Gradation control for all channels
– Each channel can assign to one of four gradation control groups
– 64 grids for gradation control for each channel
– Programmable grid duration time
– Four preset current options for each channel during gradation control
• 24 constant preset current output channels can sink up to 63 mA, and tolerate up to
5.5 V when OFF
• Output preset current adjusted through an external resistor (REXT input)
• Output preset current accuracy
– ±8 % absolute accuracy with 60 mA output current
– ±6.5 % absolute accuracy with 30 mA output current
– Maximum ±5 % channel to channel variation
– Maximum ±7 % device to device variation
• Open/short load/overtemperature detection mode to detect individual LED errors
• 4-wire serial bus interface with 10 MHz data clock rate
• Active LOW Output Enable (OE) input pin
• Internal power-on reset
• No glitch on LEDn outputs on power-up
• Low standby preset current
• Operating power supply voltage (VDD) range of 2.7 V to 5.5 V
• 5.5 V tolerant inputs on non-LED pins
• -40 °C to +85 °C operation
• Latch-up performance exceeds 100 mA per JESD 78, Class II
• ESD protection exceeds 2 kV HBM per JESD22-A114
– 2000 V Human-Body Model (A114-A)
– 1000 V Charged-Device Model (C101)
• Available in HVQFN40 package




Similar Part No. - PCA9959_V01

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9959HN NXP-PCA9959HN Datasheet
824Kb / 58P
24-channel SPI serial bus 63 mA/5.5 V constant current LED driver
Rev. 1.2-22 October 2021
PCA9959HNMP NXP-PCA9959HNMP Datasheet
824Kb / 58P
24-channel SPI serial bus 63 mA/5.5 V constant current LED driver
Rev. 1.2-22 October 2021
More results


Similar Description - PCA9959_V01

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT4104V-GT3 ONSEMI-CAT4104V-GT3 Datasheet
254Kb / 14P
700 mA Quad Channel Constant Current LED Driver
Doc. No. MD-5041 Rev. B
logo
Marktech Corporate
TB62D612FTG MARKTECH-TB62D612FTG_15 Datasheet
776Kb / 24P
24-Channel Constant-Current LED Driver
logo
NXP Semiconductors
PCA9952 PHILIPS-PCA9952 Datasheet
1Mb / 48P
16-channel Fm I2C-bus 57 mA constant current LED driver
Rev. 7.1-29 June 2015
PCU9956A NXP-PCU9956A Datasheet
1Mb / 50P
24-channel UFm 5 MHz I2C-bus 57 mA/20 V constant current LED driver
Rev. 2-29 June 2015
PCA9955B NXP-PCA9955B Datasheet
1Mb / 62P
16-channel Fm I2C-bus 57 mA/20 V constant current LED driver
Rev. 2.2 ??10 June 2020
PCA9745B NXP-PCA9745B Datasheet
1Mb / 48P
16-channel SPI serial bus 57 mA/20 V constant current LED driver
Rev. 1-16 June 2016
PCA9957 NXP-PCA9957 Datasheet
858Kb / 56P
24-channel SPI serial bus 32 mA/5.5 V constant current LED driver
Rev. 2-25 February 2021
PCA9956B NXP-PCA9956B Datasheet
1Mb / 53P
24-channel Fm I2C-bus 57 mA/20 V constant current LED driver
Rev. 1.2-10 June2020
PCA9959 NXP-PCA9959 Datasheet
824Kb / 58P
24-channel SPI serial bus 63 mA/5.5 V constant current LED driver
Rev. 1.2-22 October 2021
PCA9745B NXP-PCA9745B_V01 Datasheet
1Mb / 48P
16-channel SPI serial bus 57 mA/20 V constant current LED driver
Rev. 1.1-10 June 2020
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com