Electronic Components Datasheet Search
  English  ▼

X  

EGL34X Datasheet (PDF) - Vishay Siliconix

EGL34X Datasheet PDF - Vishay Siliconix
Part # EGL34X
Download  EGL34X Download
File Size   92.51 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Surface-Mount Glass Passivated Ultrafast Rectifier

EGL34X Datasheet (PDF)

Go To PDF Page Download Datasheet
EGL34X Datasheet PDF - Vishay Siliconix

Part # EGL34X
Download  EGL34X Click to download

File Size   92.51 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Surface-Mount Glass Passivated Ultrafast Rectifier

EGL34X Datasheet (HTML) - Vishay Siliconix


EGL34X Product details

FEATURES
• Superectifier structure for high reliability condition
• Cavity-free glass-passivated junction
• Ideal for automated placement
• Ultrafast reverse recovery time
• Low switching losses, high efficiency
• Meets MSL level 1, per J-STD-020, LF maximum peak
of 260 °C
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

TYPICAL APPLICATIONS
For use in high frequency rectification and freewheeling
application in switching mode converters and inverters for
consumer, computer, automotive and telecommunication.

MECHANICAL DATA
Case: GL34 (DO-213AA), molded epoxy over glass body
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS-compliant, commercial grade
Terminals: matte tin plated leads, solderable per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 1A whisker test
Polarity: two bands indicate cathode end - 1st band
denotes device type and 2nd band denotes repetitive peak
reverse voltage rating




Similar Part No. - EGL34X

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EGL34x VISHAY-EGL34x Datasheet
84Kb / 4P
Surface Mount Glass Passivated Ultrafast Rectifier
11-Dec-13
EGL34X VISHAY-EGL34X Datasheet
84Kb / 4P
Surface Mount Glass Passivated Ultrafast Rectifier
11-Dec-13
More results


Similar Description - EGL34X

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
EGL34A SEMTECH_ELEC-EGL34A Datasheet
337Kb / 2P
SURFACE MOUNT GLASS PASSIVATED ULTRAFAST RECTIFIER
logo
Vishay Siliconix
BYM07-50 VISHAY-BYM07-50_11 Datasheet
84Kb / 4P
Surface Mount Glass Passivated Ultrafast Rectifier
15-Mar-11
EGF1T VISHAY-EGF1T_11 Datasheet
82Kb / 4P
Surface Mount Glass Passivated Ultrafast Rectifier
15-Mar-11
logo
Shenzhen Luguang Electr...
BYM07-50 LUGUANG-BYM07-50 Datasheet
328Kb / 2P
Surface Mount Glass Passivated Ultrafast Rectifier
logo
Shenzhen Taychipst Elec...
EGF1T TAYCHIPST-EGF1T Datasheet
2Mb / 2P
Surface Mount Glass Passivated Ultrafast Rectifier
logo
Shenzhen Luguang Electr...
EGL34D LUGUANG-EGL34D Datasheet
105Kb / 2P
Surface Mount Glass Passivated Ultrafast Rectifier
EGL34F LUGUANG-EGL34F Datasheet
105Kb / 2P
Surface Mount Glass Passivated Ultrafast Rectifier
logo
Vishay Siliconix
EGF1A VISHAY-EGF1A_15 Datasheet
92Kb / 5P
Surface Mount Glass Passivated Ultrafast Rectifier
16-Aug-13
BYM07-XXX VISHAY-BYM07-XXX Datasheet
84Kb / 4P
Surface Mount Glass Passivated Ultrafast Rectifier
11-Dec-13
EGL34X VISHAY-EGL34X Datasheet
84Kb / 4P
Surface Mount Glass Passivated Ultrafast Rectifier
11-Dec-13
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com