Electronic Components Datasheet Search
  English  ▼

X  

TMP114D Datasheet (PDF) - Texas Instruments

TMP114D Datasheet PDF - Texas Instruments
Part # TMP114D
Download  TMP114D Download
File Size   1676.72 Kbytes
Page   53 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TMP114 Ultra-Thin, 1.2-V to 1.8-V Supply, High Accuracy Digital Temperature Sensor with I2C Interface

TMP114D Datasheet (PDF)

Go To PDF Page Download Datasheet
TMP114D Datasheet PDF - Texas Instruments

Part # TMP114D
Download  TMP114D Click to download

File Size   1676.72 Kbytes
Page   53 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TMP114 Ultra-Thin, 1.2-V to 1.8-V Supply, High Accuracy Digital Temperature Sensor with I2C Interface

TMP114D Datasheet (HTML) - Texas Instruments


TMP114D Product details

1 Features
• High accuracy
– TMP114:
• ±0.3 °C maximum from –10 °C to 85 °C
• ±0.5 °C maximum from –40 °C to 125 °C
– TMP114N:
• ±1 °C maximum from –40 °C to 125 °C
• Operating temperature range: –40 °C to 125 °C
• 16-bit resolution: 0.0078 °C (LSB)
• Low power consumption:
– 0.7-μA average supply current
– 0.16-μA shutdown current
• Supply range: 1.08 V to 1.98 V
• 1.2-V compatible logic inputs independent of
supply voltage
• I2C and SMBus compatible interface
• 50-ns spike filter to coexist on I3C mixed bus
• Optional Cyclic Redundancy Check (CRC)
• 300-ms response time
• Adjustable averaging
• Adjustable conversion time and period
• Continuous or one-shot conversion mode
• Temperature alert status with hysteresis
• NIST traceability
• Ultra-thin 4-ball PicoStar (DSBGA) package with
0.15-mm height
2 Applications
• Mobile phones
• Solid state drives (SSDs)
• Wearable fitness & activity monitors
• Portable electronics
• Set-top boxes (STBs)
• Notebooks
• IP Camera
• Digital Still Camera
3 Description
The TMP114 is a high accuracy, I2C-compatible
digital temperature sensor in an ultra-thin (0.15 mm)
4-pin package. The small size and low height of
the TMP114 package optimizes volume constrained
systems and enables novel placement of the sensor
under other surface mount components for the fastest
and most accurate temperature measurement.
The TMP114 has an accuracy of ±0.3 °C and offers
an on-chip 16-bit analog-to-digital converter (ADC)
that provides a temperature resolution of 0.0078 °C.
The TMP114 is 100% tested on a production setup
that is NIST traceable.
To maximize battery life, the TMP114 is designed to
operate from a supply voltage range of 1.08 V to 1.98
V, with a low average supply current of less than 0.7
μA.




Similar Part No. - TMP114D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP114 TI-TMP114 Datasheet
1Mb / 43P
TMP114 Ultra-Thin, 1.2-V to 1.8-V Supply, High Accuracy Digital Temperature Sensor with I2C Interface
TMP114 TI-TMP114 Datasheet
1Mb / 50P
TMP114 Ultra-Thin, 1.2-V to 1.8-V Supply, High Accuracy Digital Temperature Sensor with I2C Interface
SEPTEMBER 2021
TMP114 TI-TMP114 Datasheet
1Mb / 50P
TMP114 Ultra-Thin, 1.2-V to 1.8-V Supply, High Accuracy Digital Temperature Sensor with I2C Interface
SEPTEMBER 2021
TMP114 TI1-TMP114 Datasheet
1Mb / 48P
TMP119 Ultra-High Accuracy, Low-Power, Digital Temperature Sensor With SMBus™- and I2C-Compatible Interface
JANUARY 2024
TMP114 TI-TMP114 Datasheet
1Mb / 41P
TMP118 Ultra-small, High-Accuracy, Low-power, Digital Temperature Sensor With SMBus™- and I2C-compatible Interface
DECEMBER 2024
More results


Similar Description - TMP114D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP100 TI-TMP100 Datasheet
221Kb / 10P
Digital Temperature Sensor with I2C Interface
TMP100-EP TI1-TMP100-EP Datasheet
633Kb / 22P
DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
TMP101-Q1 TI1-TMP101-Q1 Datasheet
312Kb / 19P
DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
TMP101NA-250G4 TI-TMP101NA-250G4 Datasheet
819Kb / 19P
Digital Temperature Sensor with I2C Interface
TMP100NA250G4 TI-TMP100NA250G4 Datasheet
761Kb / 19P
Digital Temperature Sensor with I2C Interface
logo
ON Semiconductor
CAT34TS00 ONSEMI-CAT34TS00_16 Datasheet
106Kb / 14P
1.8 V Digital Temperature Sensor
November, 2016 ??Rev. 1
logo
NXP Semiconductors
PCT2202 NXP-PCT2202 Datasheet
1Mb / 30P
Ultra low power, 1.8 V, 1 deg. C accuracy, digital temperature sensor with I2C-bus interface
Rev. 1.1-14 August 2015
logo
Texas Instruments
TMP114 TI-TMP114 Datasheet
1Mb / 43P
TMP114 Ultra-Thin, 1.2-V to 1.8-V Supply, High Accuracy Digital Temperature Sensor with I2C Interface
TMP114 TI-TMP114_V01 Datasheet
1Mb / 50P
TMP114 Ultra-Thin, 1.2-V to 1.8-V Supply, High Accuracy Digital Temperature Sensor with I2C Interface
SEPTEMBER 2021
TMP114 TI-TMP114_V02 Datasheet
1Mb / 50P
TMP114 Ultra-Thin, 1.2-V to 1.8-V Supply, High Accuracy Digital Temperature Sensor with I2C Interface
SEPTEMBER 2021
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com