Electronic Components Datasheet Search
  English  ▼

X  

LM74502H Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
LM74502H Datasheet PDF - Texas Instruments
Part # LM74502H
Download  LM74502H Download
File Size   1864.67 Kbytes
Page   30 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LM74502, LM74502H Low IQ High Side Switch Controller with Reverse Polarity and Overvoltage Protection

LM74502H Datasheet (PDF)

Go To PDF Page Download Datasheet
LM74502H Datasheet PDF - Texas Instruments

Part # LM74502H
Download  LM74502H Click to download

File Size   1864.67 Kbytes
Page   30 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LM74502, LM74502H Low IQ High Side Switch Controller with Reverse Polarity and Overvoltage Protection

LM74502H Datasheet (HTML) - Texas Instruments


LM74502H Product details

1 Features
• 3.2-V to 65-V input range (3.9-V start-up)
• –65-V input reverse voltage rating
• Integrated charge pump to drive
– External back-to-back N-Channel MOSFETs
– External high side switch MOSFET
– External reverse polarity protection MOSFET
• Gate drive variants
– LM74502: 60-μA peak gate drive source
capacity
– LM74502H: 11-mA peak gate drive source
capacity
• 2.3-A peak gate sink current capacity
• Enable pin feature
• 45-μA typical operating quiescent current (EN/
UVLO = High)
• 1-μA shutdown current (EN/UVLO = Low)
• Adjustable overvoltage and undervoltage
protection
• –40°C to +125°C ambient operating temperature
range
• Available in 8-pin SOT-23 package 2.90 mm ×
1.60 mm
2 Applications
• Factory automation and control – PLC digital
output modules
• Industrial motor drives
• Industrial transport
• Power supply reverse polarity protection
3 Description
The LM74502, LM74502H is a controller which
operates in conjunction with an external back-to-back
connected N-channel MOSFETs to realize a low
loss reverse polarity protection and load disconnect
solution. The device can also be configured to drive
high side MOSFET as a load switch with overvoltage
protection . The wide supply input range of 3.2 V
to 65 V allows control of many popular DC bus
voltages such as 12-V, 24-V and 48-V input systems.
The device can withstand and protect the loads
from negative supply voltages down to –65 V. The
LM74502, LM74502H does not have reverse current
blocking and is suitable for input reverse polarity
protection only.
The LM74502 controller provides a charge pump
gate drive for an external N-channel MOSFET. with
the enable pin low, the controller is off and draws
approximately 1 μA of current, thus offering low
system current when put into sleep mode. LM74502
and LM74502H offers programmable overvoltage and
undervoltage protection which cuts off the load from
the input source in case of these fault events. The
devices are available in a 2.9 mm × 1.6 mm 8-pin
DDF package and are specified over a –40°C to
+125°C temperature range.




Similar Part No. - LM74502H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM74502H TI-LM74502H Datasheet
2Mb / 29P
LM74502 Low IQ High Side Switch Controller With Reverse Polarity and Overvoltage Protection
DECEMBER 2021
LM74502H TI-LM74502H Datasheet
1Mb / 33P
LM74502-Q1, LM74502H-Q1 Automotive Low IQ Reverse Polarity Protection Controller with Overvoltage Protection
MAY 2022
LM74502H TI2-LM74502H Datasheet
1Mb / 30P
LM74502, LM74502H Low IQ High Side Switch Controller with Reverse Polarity and Overvoltage Protection
REVISED MAY 2022
LM74502H-Q1 TI-LM74502H-Q1 Datasheet
1Mb / 29P
LM74502-Q1, LM74502H-Q1 Automotive Low IQ Reverse Polarity Protection Controller with Overvoltage Protection
FEBRUARY 2022
LM74502H-Q1 TI-LM74502H-Q1 Datasheet
1Mb / 33P
LM74502-Q1, LM74502H-Q1 Automotive Low IQ Reverse Polarity Protection Controller with Overvoltage Protection
MAY 2022
More results


Similar Description - LM74502H

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4864L MAXIM-MAX4864L Datasheet
346Kb / 12P
Overvoltage Protection Controllers with Reverse Polarity Protection
Rev 1; 5/06
MAX4864L MAXIM-MAX4864L_10 Datasheet
197Kb / 11P
Overvoltage Protection Controllers with Reverse Polarity Protection
Rev 2; 5/10
logo
Linear Technology
LTC4365 LINER-LTC4365_15 Datasheet
501Kb / 20P
Overvoltage, Undervoltage and Reverse Supply Protection Controller
logo
Texas Instruments
LM74610-Q1 TI1-LM74610-Q1 Datasheet
1Mb / 30P
Zero IQ Reverse Polarity Protection Smart Diode Controller
logo
Linear Technology
LTC4367 LINER-LTC4367 Datasheet
320Kb / 6P
100V Overvoltage, Undervoltage and Reverse Supply Protection Controller
logo
Texas Instruments
LM74502 TI-LM74502 Datasheet
2Mb / 29P
LM74502 Low IQ High Side Switch Controller With Reverse Polarity and Overvoltage Protection
DECEMBER 2021
LM74502-Q1 TI-LM74502-Q1 Datasheet
1Mb / 29P
LM74502-Q1, LM74502H-Q1 Automotive Low IQ Reverse Polarity Protection Controller with Overvoltage Protection
FEBRUARY 2022
LM74502-Q1 TI-LM74502-Q1_V01 Datasheet
1Mb / 33P
LM74502-Q1, LM74502H-Q1 Automotive Low IQ Reverse Polarity Protection Controller with Overvoltage Protection
MAY 2022
logo
Kinetic Technologies.
KTS1640 KINETIC-KTS1640 Datasheet
722Kb / 14P
Load Switch with OVP and Reverse Polarity Protection
August 2022 - Revision 04f
KTS1677A KINETIC-KTS1677A Datasheet
620Kb / 15P
Low RON Load Switch with Overvoltage and Reverse Blocking Protection
September 2021 - Revision 04d
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com