Electronic Components Datasheet Search
  English  ▼

X  

BQ25181 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
BQ25181 Datasheet PDF - Texas Instruments
Part # BQ25181
Download  BQ25181 Download
File Size   1708.92 Kbytes
Page   43 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description BQ25181 I2C Controlled, 1-Cell, 1-A Linear Battery Charger with Power Path and Ship Mode

BQ25181 Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ25181 Datasheet PDF - Texas Instruments

Part # BQ25181
Download  BQ25181 Click to download

File Size   1708.92 Kbytes
Page   43 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description BQ25181 I2C Controlled, 1-Cell, 1-A Linear Battery Charger with Power Path and Ship Mode

BQ25181 Datasheet (HTML) - Texas Instruments


BQ25181 Product details

1 Features
• 1-A Power path linear battery charger
– 3.0-V to 5.9-V input voltage operating range
– 25-V tolerant input voltage
– Configurable battery regulation voltage with
0.5% accuracy from 3.6 V to 4.65 V in 10-mV
steps
– 5-mA to 1-A configurable fast charge current
– 110-mΩ battery FET ON resistance
– Up to 2.5-A discharge current to support high
system loads
– Configurable termination current down to 0.5
mA
– Configurable NTC charging profile thresholds
including JEITA support
– Power cycle and advanced reset mechanisms
to recover system
• Power path management for powering the system
and charging the battery
– Regulated system voltage (SYS) ranging from
4.4 V to 4.9 V in addition to battery voltage
tracking and input pass-though options
– Configurable input current limit from 50mA to
1100mA
– Selectable adapter or battery power for system
– I2C allow host to disconnect the battery or
adapter from system as needed
– Dynamic power path management optimizes
charging from weak adapters
• Ultra low quiescent current modes
– 15-nA Shutdown mode
– 3.2-μA Ship mode with button press wake
– 4 μA in Battery only mode
– 40-μA input adapter Iq in Sleep mode
• Dedicated VIN Power Good (/PG_GPO) and
Charge Enable (/CE) pins
• One push-button wake-up and reset input
• Integrated fault protection
– Input overvoltage protection (VIN_OVP)
– Battery undervoltage protection (VBUVLO)
– Battery short protection (BATSC)
– Battery overcurrent protection (BATOCP)
– Input current limit protection (ILIM)
– Thermal regulation (TREG) and thermal
shutdown (TSHUT)
– Battery thermal fault protection (TS)
– Watchdog and safety timer fault
– System short protection
– System overvoltage protection
2 Applications
• TWS charging case
• Medical
• Gaming accesories
• Bulding automation
• IoT devices
• Asset tracking
• Retail automation and payment
3 Description
The BQ25181 is a linear battery charger IC focusing
on small solution size and low quiescent current
for maximum battery life while providing the best
thermal performance through a QFN package with
a thermal pad. The PowerPath function enables
continous power to the regulated system voltage
(SYS) while charging the battery and providing
accurate termination. The device can support up to
1-A charging and system loads of up to 2.5 A.
The BQ25181 is I2C compatible and is highly
configurable providing flexibility and charging control
for various applications. The BQ25181 is available in
a small 10-pin DLH package.




Similar Part No. - BQ25181

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25180 TI-BQ25180 Datasheet
707Kb / 11P
BQ25180 I2C Controlled, 1-Cell, 1-A Linear Battery Charger with Power Path and Ship Mode
SLUSEM2 ??SEPTEMBER 2021
BQ25180 TI-BQ25180 Datasheet
1Mb / 51P
BQ25180 I2C Controlled, 1-Cell, 1-A Linear Battery Charger with Power Path and Ship Mode
DECEMBER 2021
BQ25180YBGR TI-BQ25180YBGR Datasheet
1Mb / 51P
BQ25180 I2C Controlled, 1-Cell, 1-A Linear Battery Charger with Power Path and Ship Mode
DECEMBER 2021
BQ25180 TI-BQ25180_V01 Datasheet
1Mb / 51P
BQ25180 I2C Controlled, 1-Cell, 1-A Linear Battery Charger with Power Path and Ship Mode
DECEMBER 2021
BQ25185 TI-BQ25185 Datasheet
1Mb / 32P
BQ25185 1-Cell, 1-A Standalone Linear Battery Charger with Power Path, Factory Mode, and Battery Tracking VINDPM
OCTOBER 2023
More results


Similar Description - BQ25181

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25887 TI1-BQ25887 Datasheet
2Mb / 79P
I2C Controlled 2-Cell, 2-A boost-mode battery charger with power path cell balancing for USB input
BQ25887_1904 TI1-BQ25887_1904 Datasheet
2Mb / 83P
I2C Controlled 2-Cell, 2-A boost-mode battery charger with power path cell balancing for USB input
BQ25155 TI1-BQ25155 Datasheet
1Mb / 108P
BQ25155 I2C Controlled 1-Cell 500-mA Linear Battery Charger With 10-nA Ship Mode,PowerPath With Regulated System (PMID) Voltage, ADC, and LDO
BQ21061 TI1-BQ21061 Datasheet
1Mb / 60P
BQ21061 I2C Controlled 1-Cell 500-mA Linear Battery Charger With 10-nA Ship Mode, Power Path With Regulated System (PMID) Voltage, And LDO
BQ21062 TI-BQ21062 Datasheet
1Mb / 69P
BQ21062 I2C Controlled 1-Cell 500-mA Linear Battery Charger with Power Path, Load Switch, 10-nA Ship Mode, and Regulated System (PMID) Voltage
BQ25157 TI-BQ25157 Datasheet
2Mb / 110P
BQ25157 I2C Controlled 1-Cell 500-mA Linear Battery Charger With 10-nA Ship Mode, Power Path With Regulated System (PMID) Voltage, ADC, LDO and 6.2-V OVP
BQ25180 TI-BQ25180 Datasheet
707Kb / 11P
BQ25180 I2C Controlled, 1-Cell, 1-A Linear Battery Charger with Power Path and Ship Mode
SLUSEM2 ??SEPTEMBER 2021
BQ25180 TI-BQ25180_V01 Datasheet
1Mb / 51P
BQ25180 I2C Controlled, 1-Cell, 1-A Linear Battery Charger with Power Path and Ship Mode
DECEMBER 2021
BQ21080 TI-BQ21080 Datasheet
1Mb / 53P
BQ21080 I2C Controlled, 1-Cell, 0.8-A Linear Battery Charger with Power Path and Ship Mode
JANUARY 2023
BQ25185 TI-BQ25185 Datasheet
1Mb / 32P
BQ25185 1-Cell, 1-A Standalone Linear Battery Charger with Power Path, Factory Mode, and Battery Tracking VINDPM
OCTOBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com