Electronic Components Datasheet Search
  English  ▼

X  

V1FL45 Datasheet (PDF) - Vishay Siliconix

V1FL45 Datasheet PDF - Vishay Siliconix
Part # V1FL45
Download  V1FL45 Download
File Size   106.97 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Surface-Mount TMBS짰 (Trench MOS Barrier Schottky) Rectifiers

V1FL45 Datasheet (PDF)

Go To PDF Page Download Datasheet
V1FL45 Datasheet PDF - Vishay Siliconix

Part # V1FL45
Download  V1FL45 Click to download

File Size   106.97 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Surface-Mount TMBS짰 (Trench MOS Barrier Schottky) Rectifiers

V1FL45 Datasheet (HTML) - Vishay Siliconix


V1FL45 Product details

FEATURES
• Trench MOS Schottky technology
• Low profile package
• Ideal for automated placement
• Low forward voltage drop, low power losses
• Meets MSL level 1, per J-STD-020,
LF maximum peak of 260 °C
• Wave and reflow solderable
• AEC-Q101 qualified available
- Automotive ordering code: base P/NHM3
• Compatible to SOD-123W package case outline
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

TYPICAL APPLICATIONS
For use in high frequency inverters, freewheeling, DC/DC
converters, and polarity protection in commercial, industrial,
and automotive applications.

MECHANICAL DATA
Case: SMF (DO-219AB)
Molding compound meets UL 94 V-0 flammability rating
Base P/N-M3 - halogen-free, RoHS-compliant
Base P/NHM3 - halogen-free, RoHS-compliant, and
AEC-Q101 qualified
Terminals: matte tin plated leads, solderable per
J-STD-002 and JESD 22-B102
M3 and HM3 suffix meet JESD 201 class 2 whisker test
Polarity: color band denotes the cathode end




Similar Part No. - V1FL45

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V1FL45 VISHAY-V1FL45 Datasheet
106Kb / 5P
Surface-Mount TMBS® (Trench MOS Barrier Schottky) Rectifiers
13-May-2020
More results


Similar Description - V1FL45

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V1FM12 VISHAY-V1FM12 Datasheet
107Kb / 5P
Surface-Mount TMBS® (Trench MOS Barrier Schottky) Rectifiers
13-May-2020
V3FL45 VISHAY-V3FL45 Datasheet
105Kb / 5P
Surface-Mount TMBS® (Trench MOS Barrier Schottky) Rectifiers
13-May-2020
V3FM10 VISHAY-V3FM10_V01 Datasheet
108Kb / 5P
Surface-Mount TMBS® (Trench MOS Barrier Schottky) Rectifiers
13-May-2020
V3FM12 VISHAY-V3FM12_V01 Datasheet
106Kb / 5P
Surface-Mount TMBS® (Trench MOS Barrier Schottky) Rectifiers
13-May-2020
V3FM15 VISHAY-V3FM15_V01 Datasheet
128Kb / 5P
Surface-Mount TMBS® (Trench MOS Barrier Schottky) Rectifiers
19-Jan-2021
V1F6 VISHAY-V1F6_V01 Datasheet
107Kb / 5P
Surface-Mount TMBS® (Trench MOS Barrier Schottky) Rectifiers
13-May-2020
V1FM15 VISHAY-V1FM15_V01 Datasheet
107Kb / 5P
Surface-Mount TMBS® (Trench MOS Barrier Schottky) Rectifiers
13-May-2020
V2F6 VISHAY-V2F6 Datasheet
107Kb / 5P
Surface-Mount TMBS® (Trench MOS Barrier Schottky) Rectifiers
13-May-2020
V2FM12 VISHAY-V2FM12 Datasheet
107Kb / 5P
Surface-Mount TMBS® (Trench MOS Barrier Schottky) Rectifiers
13-May-2020
V2FM15 VISHAY-V2FM15 Datasheet
107Kb / 5P
Surface-Mount TMBS® (Trench MOS Barrier Schottky) Rectifiers
13-May-2020
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com