Electronic Components Datasheet Search
  English  ▼

X  

108338 Datasheet (PDF) - PHOENIX CONTACT

108338 Datasheet PDF - PHOENIX CONTACT
Part # 108338
Download  108338 Download
File Size   306.74 Kbytes
Page   28 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description QUINT4-PS/1AC/24DC/1.3/PT

108338 Datasheet (PDF)

Go To PDF Page Download Datasheet
108338 Datasheet PDF - PHOENIX CONTACT

Part # 108338
Download  108338 Click to download

File Size   306.74 Kbytes
Page   28 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description QUINT4-PS/1AC/24DC/1.3/PT

108338 Datasheet (HTML) - PHOENIX CONTACT


108338 Product details

Description
QUINT POWER power supplies are exceptionally small yet
offer superior system availability in the sub 100 W power range.

Powerful
– Static boost of up to 125% (PN) for a sustained period
– Dynamic boost of up to 200% (PN) for 5 s
Space-saving
– Slim design
– Slim design for 120 mm control boxes
Preventive
– Function monitoring through adjustable signaling of
power thresholds or output voltage
Flexible connection technology
– Tried-and-tested screw connection
– Fast Push-in connection
Durable
– Efficiency up to 90%
– Low power dissipation




Similar Part No. - 108338

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1083384 PHOENIX-1083384 Datasheet
190Kb / 5P
HSC-LR 5U KIT 5015 - Locking
More results


Similar Description - 108338

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
107099 PHOENIX-107099 Datasheet
546Kb / 38P
QUINT4-PS/1AC/24DC/5
107100 PHOENIX-107100 Datasheet
550Kb / 38P
QUINT4-PS/1AC/24DC/10
107101 PHOENIX-107101 Datasheet
551Kb / 39P
QUINT4-PS/1AC/24DC/20
2904597 PHOENIX-2904597 Datasheet
302Kb / 28P
QUINT4-PS/1AC/24DC/1.3/SC
2909575 PHOENIX-2909575 Datasheet
306Kb / 28P
QUINT4-PS/1AC/24DC/1.3/PT
2909576 PHOENIX-2909576 Datasheet
307Kb / 28P
QUINT4-PS/1AC/24DC/2.5/PT
2909577 PHOENIX-2909577 Datasheet
304Kb / 28P
QUINT4-PS/1AC/24DC/3.8/PT
108339 PHOENIX-108339 Datasheet
304Kb / 28P
QUINT4-PS/1AC/24DC/3.8/PT
2018-01-18
108315 PHOENIX-108315 Datasheet
307Kb / 28P
QUINT4-PS/1AC/24DC/2.5/PT
2017-12-13
107720 PHOENIX-107720 Datasheet
302Kb / 28P
QUINT4-PS/1AC/24DC/1.3/SC
2017-12-20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com