Electronic Components Datasheet Search
  English  ▼

X  

865080442003 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

865080442003 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 865080442003
Download  865080442003 Download
File Size   1063.79 Kbytes
Page   8 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WCAP-ASLI Aluminum Electrolytic Capacitors

865080442003 Datasheet (PDF)

Go To PDF Page Download Datasheet
865080442003 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 865080442003
Download  865080442003 Click to download

File Size   1063.79 Kbytes
Page   8 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WCAP-ASLI Aluminum Electrolytic Capacitors

865080442003 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


865080442003 Product details

E General information:
Aluminium Electrolytic Capacitors
Storage Conditions:35°C, <45% RH
Operating Temperature:-55 °C up to +105 °C
Load Life:2000 h @ +105°C / 25 V (DC)
Test conditions of Electrical Properties:20°C, 33% RH; if not specified differently
FIT according to separate documentation




Similar Part No. - 865080442003

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
865080442004 WURTH-865080442004 Datasheet
696Kb / 9P
WCAP-ASLI Aluminum Electrolytic Capacitors
002.000
865080442006 WURTH-865080442006 Datasheet
696Kb / 9P
WCAP-ASLI Aluminum Electrolytic Capacitors
002.000
More results


Similar Description - 865080442003

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
865080540004 WURTH-865080540004 Datasheet
1Mb / 8P
WCAP-ASLI Aluminum Electrolytic Capacitors
865080242004 WURTH-865080242004 Datasheet
1Mb / 8P
WCAP-ASLI Aluminum Electrolytic Capacitors
865080540002 WURTH-865080540002 Datasheet
1Mb / 8P
WCAP-ASLI Aluminum Electrolytic Capacitors
865080240001 WURTH-865080240001 Datasheet
1Mb / 8P
WCAP-ASLI Aluminum Electrolytic Capacitors
865080542005 WURTH-865080542005 Datasheet
1Mb / 8P
WCAP-ASLI Aluminum Electrolytic Capacitors
865080645010 WURTH-865080645010 Datasheet
1Mb / 8P
WCAP-ASLI Aluminum Electrolytic Capacitors
865080662019 WURTH-865080662019 Datasheet
1Mb / 8P
WCAP-ASLI Aluminum Electrolytic Capacitors
865080140001 WURTH-865080140001 Datasheet
1Mb / 8P
WCAP-ASLI Aluminum Electrolytic Capacitors
865080153013 WURTH-865080153013 Datasheet
1Mb / 8P
WCAP-ASLI Aluminum Electrolytic Capacitors
865080257013 WURTH-865080257013 Datasheet
1Mb / 8P
WCAP-ASLI Aluminum Electrolytic Capacitors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com